|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET MOS FIELD EFFECT TRANSISTOR 2SK4178 SWITCHING N-CHANNEL POWER MOS FET DESCRIPTION The 2SK4178 is N-channel MOS FET device that features a low on-state resistance and excellent switching characteristics, and designed for low voltage high current applications such as DC/DC converter with synchronous rectifier. FEATURES * Low on-state resistance RDS(on)1 = 9.0 m MAX. (VGS = 10 V, ID = 30 A) * Low gate to drain charge QGD = 3.7 nC TYP. (VDD = 15 V, ID = 30 A) * 4.5 V drive available ORDERING INFORMATION PART NUMBER 2SK4178(1)-S27-AY 2SK4178-ZK-E1-AY 2SK4178-ZK-E2-AY Note Note Note LEAD PLATING PACKING Tube 75 p/tube PACKAGE TO-251 (MP-3-b) typ. 0.34 g TO-252 (MP-3ZK) typ. 0.27 g Pure Sn (Tin) Tape 2500 p/reel Note Pb-free (This product does not contain Pb in external electrode). ABSOLUTE MAXIMUM RATINGS (TA = 25C) Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (pulse) Note1 (TO-251) 30 20 48 144 33 1.0 150 -55 to +150 23 52.9 V V A A W W C C A mJ (TO-252) VDSS VGSS ID(DC) ID(pulse) PT1 PT2 Tch Tstg Total Power Dissipation (TC = 25C) Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature Single Avalanche Current Single Avalanche Energy Note2 Note2 IAS EAS Notes 1. PW 10 s, Duty Cycle 1% 2. Starting Tch = 25C, VDD = 15 V, RG = 25 , VGS = 20 0 V, L = 0.1 mH The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. Document No. D19080EJ1V0DS00 (1st edition) Date Published December 2007 NS Printed in Japan 2007 2SK4178 ELECTRICAL CHARACTERISTICS (TA = 25C) CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate to Source Threshold Voltage Forward Transfer Admittance Note Note SYMBOL IDSS IGSS VGS(th) | yfs | RDS(on)1 RDS(on)2 TEST CONDITIONS VDS = 30 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = VGS, ID = 250 A VDS = 10 V, ID = 12 A VGS = 10 V, ID = 30 A VGS = 4.5 V, ID = 12 A VDS = 10 V, VGS = 0 V, f = 1 MHz VDD = 15 V, ID = 30 A, VGS = 10 V, RG = 3 MIN. TYP. MAX. 10 100 UNIT A nA V S 1.5 7 2.0 15 6.8 9.8 1500 360 126 9 9.7 32 7.7 2.5 Drain to Source On-state Resistance 9.0 15 m m pF pF pF ns ns ns ns nC nC nC nC Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Ciss Coss Crss td(on) tr td(off) tf QG1 QG2 VDD = 15 V, VGS = 10 V, ID = 30 A VDD = 15 V, VGS = 4.5 V, ID = 30 A VDD = 15 V, ID = 30 A 24 11.5 3.7 3.7 1.2 Gate to Source Charge Gate to Drain Charge Gate Resistance Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Note QGS QGD RG VF(S-D) trr Qrr IF = 30 A, VGS = 0 V IF = 30 A, VGS = 0 V, di/dt = 100 A/s 0.87 29 23 1.5 V ns nC Note Pulsed TEST CIRCUIT 1 AVALANCHE CAPABILITY D.U.T. RG = 25 PG. VGS = 20 0 V BVDSS VDS VGS 0 Starting Tch = 1 s Duty Cycle 1% VDS Wave Form TEST CIRCUIT 2 SWITCHING TIME L VDD PG. D.U.T. RL VGS VGS RG Wave Form 50 0 10% VGS 90% VDD VDS 90% 90% 10% 10% IAS ID VDD VDS 0 td(on) ton tr td(off) toff tf TEST CIRCUIT 3 GATE CHARGE D.U.T. IG = 2 mA 50 RL VDD PG. 2 Data Sheet D19080EJ1V0DS 2SK4178 TYPICAL CHARACTERISTICS (TA = 25C) DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 120 40 TOTAL POWER DISSIPATION vs. CASE TEMPERATURE dT - Percentage of Rated Power - % 100 80 60 40 20 0 0 25 50 75 100 125 150 PT - Total Power Dissipation - W 35 30 25 20 15 10 5 0 0 25 50 75 100 125 150 TC - Case Temperature - C FORWARD BIAS SAFE OPERATING AREA 1000 ID(pulse) TC - Case Temperature - C DRAIN CURRENT vs. CASE TEMPERATURE 80 70 ID - Drain Current - A 1i 0 0 10 R (o DS n) G (V d it e Lim V ) 1i 0 = S s ID - Drain Current - A 100 ID(DC) PW = 60 50 40 30 20 10 0 Po w er D is si p at io n 1 TC = 25C Single pulse Li m it e d 1i mi s 1i0 mi s 0.1 0.1 1 10 100 0 25 50 75 100 125 150 VDS - Drain to Source Voltage - V TC - Case Temperature - C TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1000 rth(t) - Transient Thermal Resistance - C/W Rth(ch-A) = 125C/W 100 10 Rth(ch-C) = 3.8C/W 1 Single pulse 0.1 100 1m 10 m 100 m 1 10 100 1000 PW - Pulse Width - s Data Sheet D19080EJ1V0DS 3 2SK4178 DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE 200 VGS = 10 V 100 10 FORWARD TRANSFER CHARACTERISTICS ID - Drain Current - A ID - Drain Current - A 150 1 0.1 0.01 0.001 100 4.5 V Tch = -55C -25C 25C 75C 125C 150C VDS = 10 V Pulsed 0 1 2 3 4 5 50 Pulsed 0 0 0.5 1 1.5 2 2.5 3 VDS - Drain to Source Voltage - V VGS - Gate to Source Voltage - V GATE TO SOURCE THRESHOLD VOLTAGE vs. CHANNEL TEMPERATURE VGS(th) - Gate to Source Threshold Voltage - V | yfs | - Forward Transfer Admittance - S 3 2.5 2 1.5 1 0.5 0 -75 -25 25 75 125 175 VDS = VGS ID = 250 A FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT 100 VDS = 10 V Pulsed Tch = -55C -25C 10 1 25C 75C 125C 150C 0.1 0.1 1 10 100 ID - Drain Current - A Tch - Channel Temperature - C DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance - m DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE RDS(on) - Drain to Source On-state Resistance - m 15 ID = 30 A 9.6 A 10 Pulsed 20 15 VGS = 4.5 V 10 5 10 V Pulsed 5 0 1 10 100 1000 ID - Drain Current - A 0 0 5 10 15 20 VGS - Gate to Source Voltage - V 4 Data Sheet D19080EJ1V0DS 2SK4178 DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE RDS(on) - Drain to Source On-state Resistance - m 20 VGS = 4.5 V, ID = 12 A 10000 CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE Ciss, Coss, Crss - Capacitance - pF 15 Ciss 1000 Coss 10 10 V, 30 A 5 Pulsed 0 -75 -25 25 75 125 175 100 Crss VGS = 0 V f = 1 MHz 10 0.1 1 10 100 Tch - Channel Temperature - C VDS - Drain to Source Voltage - V SWITCHING CHARACTERISTICS 100 DYNAMIC INPUT/OUTPUT CHARACTERISTICS 30 10 VDD = 24 V 15 V 8 6 15 10 5 0 VGS 4 2 VDS 0 10 20 ID = 30 A 0 30 td(on), tr, td(off), tf - Switching Time - ns td(off) tf 10 td(on) tr VDD = 15 V VGS = 10 V RG = 3 0.1 1 10 100 VDS - Drain to Source Voltage - V 25 20 1 ID - Drain Current - A QG - Gate Charge - nC SOURCE TO DRAIN DIODE FORWARD VOLTAGE 1000 1000 REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT IF - Diode Forward Current - A 100 10 1 0.1 10 V VGS = 4.5 V 0V trr - Reverse Recovery Time - ns 100 10 VGS = 0 V di/dt = 100 A/s 1 0.1 1 10 100 Pulsed 0.01 0 0.5 1 1.5 VF(S-D) - Source to Drain Voltage - V IF - Diode Forward Current - A Data Sheet D19080EJ1V0DS 5 VGS - Gate to Source Voltage - V 2SK4178 SINGLE AVALANCHE CURRENT vs. INDUCTIVE LOAD 100 120 SINGLE AVALANCHE ENERGY DERATING FACTOR VDD = 15 V RG = 25 VGS = 20 0 V IAS 23 A IAS - Single Avalanche Current - A IAS = 23 A Energy Derating Factor - % 100 80 60 40 20 0 10 EAS = 52.9 mJ 1 0.01 VDD = 15 V RG = 25 VGS = 20 0 V Starting Tch = 25C 0.1 1 10 25 50 75 100 125 150 L - Inductive Load - mH Starting Tch - Starting Channel Temperature - C 6 Data Sheet D19080EJ1V0DS 2SK4178 PACKAGE DRAWINGS (Unit: mm) 1) TO-251 (MP-3-b) 1.06 TYP. 6.60.2 5.3 TYP. 4 2.30.1 0.50.1 2) TO-252 (MP-3ZK) 1.0 TYP. 6.50.2 5.1 TYP. 4.3 MIN. 4 2.30.1 0.50.1 No Plating 1.10.13 4.13 TYP. 1.14 MAX. 1 0.8 2 3 No Plating 0 to 0.25 0.50.1 1.0 0.760.12 2.3 TYP. 2.3 TYP. 0.50.1 1.14 MAX. 2.3 2.3 0.760.12 1.04 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain) 1. Gate 2. Drain 3. Source 4. Fin (Drain) EQUIVALENT CIRCUIT Drain Gate Body Diode Source Remark Strong electric field, when exposed to this device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. 0.51 MIN. 7 1 2 3 Data Sheet D19080EJ1V0DS 6.10.2 10.4 MAX. (9.8 TYP.) 6.10.2 11.25 TYP. 4.0 MIN. 2SK4178 * The information in this document is current as of December, 2007. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above). M8E 02. 11-1 |
Price & Availability of 2SK4178-ZK-E2-AY |