Part Number Hot Search : 
AK8181C AD842KQ MMSZ5227 4700000 SL1321 2N5012 AK8181C 39H2R
Product Description
Full Text Search
 

To Download YB7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 YB7002
Photoflash Capacitor Charger with Automatic Refresh Description
YB7002 charge high voltage photoflash capacitors quickly and efficiently. Designed for use in digital and film cameras, these devices use flyback topology to achieve efficiencies up to four times better than competing flash modules. A unique peak inductor current control mechanism maintains current-limited mode transformer operation throughout the entire charge cycle, eliminating the high inrush current often found in modules.
Features
Charge Any Size Photoflash Capacitor Support Operation from Two AA Cells or Any Supply from 1.8V to 16V Use Standard transformers No High Voltage Zener Diode Required Built in 40V output switch Adjustable Output Voltage Adjustable Peak Switch Current Automatic Refresh with adjustable timer Charge Complete Indicator Small 10-Lead MSOP Packages
YB7002 output voltage sensing scheme monitors the flyback voltage to directly regulate the output voltage. This feature allows the capacitor to be held at a fully charged state Applications without excessive power consumption. Digital Camera Flash unit Adjustable refresh time is fully controllable by Film Camera Flash Unit the user with a resistor. The DONE pin signals High Voltage Power Supplies that the capacitor is full charged.
Typical Application Circuit
Figure1 Typical Application Circuit
YB7002 MRev1.0
www.yobon.com.tw
1
YB7002
Photoflash Capacitor Charger with Automatic Refresh Pin Description
Figure2 YB7002 MSOP10
Pin Designator
Table1
Pin 1 2 3 4 5 6 7 8 9 10
NAME PGND AGND VIN VHYST VFB EN DONE LIMIT SW
Description
Power ground, tie solidly to system ground of the board. Analog ground, tie solidly to system ground of the board. Input supply pin. Must be locally bypassed capacitor to eliminate noise. Connecting a resistor RHYST from VHYST to ground will set the refresh time. A 13.5K resistor and RHYST form a divider circuit to restart the charging cycle once VFB is dropping below Vhyst. A resistor divider from VOUT to ground enables the system to sense VOUT voltage and determine the charging and recharging cycles. Device enable, a1.8V or above will turn on the IC. Below 0.4V will put the chip in shut down mode. Once VOUT voltage reaches above the designated value, DONE pin will be pulled low to indicate charging is completed. Tie a resistor Rlimit from Limit to ground will adjust the value of the peak Switch pin current. A 11uA current going through Rlimit sets up the peak voltage the sense node can reach (see the block diagram). They connect to the collector of the power NPN device.
Ordering Information
Table2
Order Number YB7002
Package Type MSOP10
Supplied as 2500 units Tape & Reel
Package Marking YB7002
YB7002 MRev1.0
www.yobon.com.tw
2
YB7002
Photoflash Capacitor Charger with Automatic Refresh Package Information
Absolute Maximum Retings
Vin SW voltage DONE Current into DONE pin Maximum Junction Temp, Tj (note 2) Storage Temperature Range Lead Temperature (Soldering 10 sec) 16V 40V 16V 1mA 125C -65Cto 50C 300C Vapor Phase (60 sec) Infrared (15 sec) 215C 220C
Recommended Operating Conditions
Operating Temperature Supply Voltage Maximum SW Voltage -40 ~ +85C 2 V ~ 16V 40V
Electricity Characteristics
Table3
(TA=25C, Vin=3.3V unless otherwise noted)
Symbol
VIN IQ (Quiescent Current) VFB IFB IPEAK,PRI ILKG TOFF VCE,SAT On/Off Hystersis VIH VIL IEN
Function Parameter
Input Voltage Range Not Switching Shutdown FB threshold voltage FB pin bias current Primary site peak current limit SW Leakage Current Switch Off Time Switch saturation voltage SW On/Off hystersis ratio EN pin input voltage high EN pin input voltage low EN pin bias current EN pin bias current
Test Conditions
VFB = 1.5V EN =0V
Min
2
Typ
Max
16 400
Units
V uA
10 1.21 1.23 1.25 250 1.4 1.5 1 1000 1.6 10 V nA A uA ns 340 mV % V 0.4 V uA 0.01 3.3 100 200 1 V mV
VFB=1.23V RLIMIT=26K VSW=40V, VFB=1.5V
ISW=300mA
RHYST=150K, Note 1
220 8 1.8
VEN=3V VEN=0V 100K at VIN to DONE 33uA into DONE pin
4.5
15
VOH VOL
DONE pin output signal high DONE pin output signal low
Note
YB7002 MRev1.0
www.yobon.com.tw
3
YB7002
Photoflash Capacitor Charger with Automatic Refresh Typical Performance Characteristics
YB7002 MRev1.0
www.yobon.com.tw
4
YB7002
Photoflash Capacitor Charger with Automatic Refresh Functional Block
Figure3 Functional Block
Functional Description
YB7002 employs the peak-current-limit scheme to control the charging of the inductor current. Once the inductor reaches the preset value determined by the Limit Pin, output power NPN is shut off and the primary side energy is delivered to the secondary side capacitor. The discharging time is set to be about 1us. Once the discharge cycle is completed, the power NPN is on again. If the secondary side output voltage has not yet reached the designated value, the inductor current will be charged up to the preset value again. This charging and discharging sequence will repeat itself until the output capacitor voltage gets to the designated value and triggers the on-off latch to hold off the power NPN regardless the inductor current value. As the power switch is off, output capacitor starts to drop slowly due to its own leakage and the resistor divider. When VFB voltage is below VHYST, on-off latch turns on the power NPN again and the charging cycle is enabled. User is able to use resistors to set Limit Pin value and V voltage. A 11uA current source is coming out of the IC and going through the limit resistor R to ground. Limit pin voltage determines the peak inductor current. The higher the Limit pin voltage, the larger the peak inductor current would be. USER MUST BE CAREFUL WITH THE THERMAL EFFECT GENERATED DURING THE CAPACITOR CHARGING CYCLE. To reduce the thermal temperature, user can lower the resistor R value to reduce the peak inductor current.
YB7002 MRev1.0
www.yobon.com.tw
5
YB7002
Photoflash Capacitor Charger with Automatic Refresh Application Information
Hysteresis voltage is setup by connecting a resistor Rhyst from VHYST to ground. A resistor divider of 13.5k (internal resistor) and Rhyst from bandgap voltage will determine heysteresis voltage. Once VFB drops below VHYST voltage, charging cycle is activated again. To calculate the refresh time, consider the followings: V COUT VOUT + OUT + I COUT , LEAKAGE = 0 t R1 + R 2
performance. Primary side inductance will affect the charging time. Higher primary side inductance will raise the average discharging current into the output capacitance, resulting a smaller charging time. Yet, thermal effect will become adversely affecting the system. So always pay attention to the amount of dissipated
VHYST R1 + R 2 , R2
As the capacitor leakage current is a function of output voltage, it can be considered to be constant within the tiny range of voltage from Vout to
VHYST R1 + R 2 , R2
DONE
where R1 and R2 are the
resistor divider at the secondary side output. By solving the above equation, we can find the time it takes for capacitor voltage to drop from Vout to
VHYST R1 + R 2 R2
is released to signal the re-start of charging process. User always has the freedom to shut off the operation of the chip by pulling the ENABLE pin lower than 0.4V. Also to activate the IC, ENABLE pin NEED needs to be above 1.8V. In shutdown mode, the chip is only drawing about 2uA current.
Component Selection: The rectifying diode must be of low capacitance type while being able to withstand peak reverse voltage and heavy forward current. The peak reverse voltage is:
For the convenience of the user, two tables have been setup for reference. Table 1 is for Limit Pin while Table 2 is for VHYST. Please check the tables to pick the resistor values for peak primary inductor current and recharge voltage.
Table4
VR , PEAK = VOUT - (- N VBAT ) = VOUT + N VBAT
I SEC ,MAX = I PRI ,MAX
RLIMIT Peak Current RHYST
10 K 0.8A
15 K 1A
20 K 1.2A
25 K 1.3A
Table5 (VOUT=300V)
Hysteresis Recharge ratio Voltage 436.5 K 3% 291V 211.5 K 6% 282V 136.5 K 9% 273V 99 K 12% 264V Once capacitor reaches the designated voltage, DONE pin will be pulled low to indicate the completion of charging process.When output, voltage drops below secondary capacitance and series resistance will improve system efficiency and
N As IPRI, MAX is being set by RLIMIT, its value can reach as high as 1.5A. Since the switching voltage across the rectifying diode is very large, any parasitic capacitance across the diode will translate to huge loss for the system. Moreover, it will slow down the transition of the Switch pin, inducing further loss of efficiency.
Input Capacitor: Even though the chip is not drawing much current, still a good decoupling capacitor is needed for VIN pin. It is very important to have a solid VBAT voltage. A low ESR ceramic capacitor is recommended.
Transformer:
A number of issues must be considered before selecting a transformer.
YB7002 MRev1.0
www.yobon.com.tw
6
YB7002
Photoflash Capacitor Charger with Automatic Refresh
Turn ratio N, primary inductance, primary side series resistance, transformer leakage inductance, secondary capacitance and series resistance, transformer efficiency are the main considerations when choosing a transformer.
VSWITCH = VBAT + VOUT + VD N
Care must be exercised so that VSWITCH will not exceed the maximum voltage breakdown voltage of 40V. Minimizing primary side series resistance, transformer leakage inductance, secondary capacitance and series resistance will improve system efficiency and performance. Primary side inductance will affect the charging time. Higher primary side inductance will raise the average discharging current into the output capacitance, resulting a smaller charging time. Yet, thermal effect will become adversely affecting the system. So always pay attention to the amount of dissipated power.
Placing vias under the exposed thermal pad of package can be lowered significant. Using larger traces and more copper on the top site of board can also further help. With careful PCB layout it is possible to reduce the thermal effect. Always beware the amount of power dissipated during the charging process. Too high the temperature built up inside the IC will slow the charging cycle and lengthen the charging time, further worsen the thermal condition of the IC. To resolve the thermal built up issue, reduce RLIMIT which lower the peak switch current.
Layout consideration
The input bypass capacitor C2must be placed close to the IC. This will reduce copper trace resistance which effect input voltage ripple of the IC. The capacitor, C1, should also be placed close to the transformer T1. The copper trace connections for the C1, T1, and the YB7002 should be kept short as possible to eliminate over-voltage condition on SW pin due to leakage inductance of T1. For improved thermal performance can increase the top side copper to dissipate heat from the package. Numerous vias from the ground connection to the internal ground plane located underneath the package will help.
Thermal Consideration:
When YB7002 is set to handle high switch current will result in internal power dissipation generating heat. For thermal improvement can be made by use of vias to connects the part and dissipate heat to an internal ground plane.
YB7002 MRev1.0
www.yobon.com.tw
7
YB7002
Photoflash Capacitor Charger with Automatic Refresh Package Information
Figure4 MSOP10
YB7002 MRev1.0
www.yobon.com.tw
8


▲Up To Search▲   

 
Price & Availability of YB7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X