Part Number Hot Search : 
N7000 M1FK60 2508DX 51R2436 N7000 BZX84C30 54HC4060 TML9052
Product Description
Full Text Search
 

To Download XC9509B033AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC9509 Series
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
ETR1006_001
GENERAL DESCRIPTION
The XC9509 series consists of a step-down DC/DC converter and a high-speed LDO regulator connected in parallel with the DC/DC converter's output. A voltage detector is also built-in. Since the input for the LDO voltage regulator block comes from the input power supply, it is suited for use with various applications. The DC/DC converter block incorporates a P-channel driver transistor and a synchronous N-channel switching transistor. With an external coil, diode and two capacitors, the XC9509 can deliver output currents up to 600mA at efficiencies over 90%. The XC9509 is designed for use with small ceramic capacitors. A choice of three switching frequencies are available, 300kHz, 600kHz, and 1.2MHz. Output voltage settings for the DC/DC and VR are set-up internally in 100mV steps within the range of 0.9V to 4.0V ( 2.0%). For the VD, the range is of 0.9V to 5.0V ( 2.0%). The soft start time of the series is internally set to 5ms. With the built-in U.V.L.O. (Under Voltage Lock Out) function, the internal P-channel driver transistor is forced OFF when input voltage becomes 1.4 V or lower. The functions of the MODE pin can be selected via the external control pin to switch the DC/DC control mode and the disable pin to shut down either the DC/DC block or the regulator block.
APPLICATIONS
CD-R / RW, DVD HDD PDAs, portable communication modem Cellular phones Palmtop computers Cameras, video recorders
FEATURES
Input Voltage Range Low ESR Capacitor VD Function Small Package : 2.4V ~ 6.0V : Ceramic capacitor compatible : Sense internally either VDD, DCOUT, or VROUT. N-ch open drain output : MSOP-10, USP-10
Output Voltage Range : 0.9V ~ 4.0V (Accuracy2%) Output Current : 600mA (for MSOP-10 package) 400mA (for USP-10 package) Control Method : PWM or PWM/PFM Selectable Oscillation Frequency : 300kHz, 600kHz, 1.2MHz Reglator Output : Parallel Input to DC/DC Converter Output Voltage Range : 0.9V ~ 4.0V (Accuracy2%) Current Limit : 300mA Dropout Voltage : 80mV @ IOUT=100mA (VOUT=2.8V) High Ripple Rejection : 60dB @1kHz (VOUT=2.8V)
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
XC9509Hxxxx
VIN=3.6V, Topr=25, L=4.7H (CDRH4D28C), CIN:4.7F (ceramic), CL1:10F (ceramic), CL2: 4.7F (ceramic)
MSOP-10 (TOP VIEW)
* Please refer to the typical application circuit when external components are selected.
1/41
XC9509 Series
PIN CONFIGURATION PIN ASSIGNMENT
PIN NUMBER 1 2 3 4 5 6 7 8 9 10
USP-10 (BOTTOM VIEW) *The dissipation pad for the USP-10 package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the AGND pin.
PIN NAME PGND CE PVDD AVDD VDOUT AGND MODE VROUT DCOUT LX
FUNCTION Power Ground Chip Enable Power Supply 1 Power Supply 2 VD Input Analog Ground Mode Switch VR Output DC/DC Output Sense Switch
MSOP-10 (TOP VIEW)
PRODUCT CLASSIFICATION
Ordering Information
XC9509 DESIGNATOR : The input for the voltage regulator block comes from VDD. SYMBOL As chart below Internal standard 3 6 C A D R L :: Setting voltage and specifications of each DC/DC, VR, and VD (Based on the internal standard) : 300kHz : 600kHz : 1.2MHz : MSOP-10, Current limiter: 1.1A (TYP.) : USP-10, Current limiter: 0.7A (TYP.) : Embossed Tape, standard feed : Embossed Tape, reverse feed DESCRIPTION DESCRIPTION Control Methods, the MODE Pin, & the VD Sense Pin Setting Voltage & Specifications DC/DC Oscillation Frequency Package & DC/DC Current Limit Device Orientation

Control Methods, MODE Pins, VD SENSE Pins SERIES A B C D XC9509 E F H K L
* The XC9509A to F series' MODE pin switches either the regulator block or DC/DC block to stand-by mode. When the CE mode is off, every function except for the VD function enters into the stand-by mode. (The MODE pin does not operate independently.)
DC/DC CONTROL METHODS
MODE PINS (H LEVEL) VR: OFF
MODE PINS (L LEVEL) VR: ON
VD SENSE VDD DCOUT VROUT VDD
PWM Control DC/DC: OFF DC/DC: ON
DCOUT VROUT
PWM, PFM/PWM Manual Switch
PFM/PWM Auto Switch
VDD PWM Control DCOUT VROUT
2/41
XC9509
Series
BLOCK DIAGRAM
PVDD
DCOUT
Phase Compensation
+
+ -
logic
Buf f er, Driver
V ref w ith sof t start
PW M/ PFM Controller
Current Limit & Feedback Ramp Wave Generator, OSC
LX
CE
ON/OFF Control
each circuit
PGND
MODE Control
each circuit
MODE
AVDD VROUT
U.V .L.O + Current Limit +
VDOUT
+ Vref S ENS E (V DD or DCOUT or V ROUT)
Vref
AGND
* Diodes shown in the above circuit are protective diodes.
ABSOLUTE MAXIMUM RATINGS
PARAMETER AVDD Pin Voltage PVDD Pin Voltage DCOUT Pin Voltage VROUT Pin Voltage VROUT Pin Current VDOUT Pin Voltage VDOUT Pin Current Lx Pin Voltage MSOP-10 Lx Pin Current USP-10 CE Pin Voltage MODE Pin Voltage MSOP-10 Power Dissipation USP-10 Operating Temperature Range Storage Temperature Range
(*) When PC board mounted.
Ta = 25 RATINGS - 0.3 ~ 6.5 AVDD - 0.3 ~ AVDD + 0.3 - 0.3 ~ AVDD + 0.3 - 0.3 ~ AVDD + 0.3 800 - 0.3 ~ AVDD + 0.3 50 - 0.3 ~ AVDD + 0.3 1300 900 - 0.3 ~ AVDD + 0.3 - 0.3 ~ AVDD + 0.3 350 (*) 150 - 40 ~ + 85 - 55 ~ + 125 UNIT V V V V mA V mA V mA V V mW
SYMBOL AVDD PVDD DCOUT VROUT IROUT VDOUT IVD Lx ILx CE MODE Pd Topr Tstg
3/41
XC9509 Series
ELECTRICAL CHARACTERISTICS
XC9509xxxCAx Common Characteristics
PARAMETER Supply Current 1 Supply Current 2 Stand-by Current (*1) Input Voltage Range CE `H' Level Voltage CE `L' Level Voltage CE `H' Level Current CE `L' Level Current MODE 'H' Level Voltage *XC9509A/B/C MODE 'H' Level Voltage *XC9509D/E/F/H/K/L MODE 'L' Level Voltage *XC9509A/B/C MODE 'L' Level Voltage *XC9509D/E/F/H/K/L MODE 'H' Level Current MODE 'L' Level Current SYMBOL IDD1 IDD2 ISTB VIN VCEH VCEL ICEH ICEL VMH VMH VML VML IMH IML CONDITIONS VIN=CE=DCOUT=5.0V VIN=CE=5.0V, DCOUT=0V VIN=6.5V, CE=0V MIN. 2.4 0.6 VSS - 0.1 - 0.1 0.6 0.6 VSS VSS - 0.1 - 0.1 TYP. 250 300 3.0 MAX. 310 360 7.0 6.0 VDD 0.25 0.1 0.1 VDD VDD 0.25 0.25 0.1 0.1 UNITS A A A V V V A A V V V V A A Topr=25
CIRCUIT
1 1 1 3 3 1 1 2 3 2 3 1 1 Topr=25
DC/DC Converter (1.5V product)
PARAMETER Supply Current 1 *XC9509A/B/C Supply Current 2 *XC9509A/B/C PFM Supply Current 1 * XC9509H/K/L PFM Supply Current 2 * XC9509H/K/L Output Voltage Oscillation Frequency Maximum Duty Ratio Minimum Duty Ratio PFM Duty Ratio *XC9509H/K/L U.V.L.O. Voltage (*2) LX SW `High' ON Resistance (*3) LX SW `Low' ON Resistance LX SW `High' Leak Current (*12) LX SW `Low' Leak Current (*12) Maximum Output Current Current Limit (*9) Efficiency (*4) Output Voltage Temperature Characteristics Soft-Start Time Latch Time (*5, 10) SYMBOL IDD_DC1 IDD_DC2 IDD_PFM1 IDD_PFM2 DCOUT(E) FOSC MAXDUTY MINDUTY PFMDUTY VUVLO RLXH RLXL IleakH IleakL Imax1 Ilim1 EFFI DCOUT Connected to the external components, IDOUT=100mA IDOUT=30mA Connected to the external components, CE=0V VIN, IDOUT=1mA Connected to the external components, VIN=CE=5.0V, Short DCOUT by 1 resistor CONDITIONS VIN=CE=DCOUT=5.0V VIN=CE=5.0V, DCOUT=0V VIN=CE=DCOUT=5.0V VIN=CE=5.0V, DCOUT=0V Connected to the external components, IDOUT=30mA Connected to the external components, IDOUT=10mA DCOUT=0V DCOUT=VIN Connected to the external components, No load Connected to the external components DCOUT=0V, LX=VIN-0.05V Connected to the external components, VIN=5.0V VIN=LX=6.0V, CE=0V VIN=6.0V, LX=CE=0V Connected to the external components 1.470 1.02 100 21 1.00 600 1.0 2 MIN. TYP. 200 250 250 300 1.500 1.20 30 1.40 0.5 0.5 0.05 0.05 1.1 90 +100 5 8 MAX. 280 330 310 360 1.530 1.38 0 38 1.78 1.0 0.9 1.00 1.00 10 25 UNITS A A A A V MHz % % % V A A mA A % ppm/ ms ms
CIRCUIT
1 1 1 1 3 3 4 4 3 3 5 3 11 11 3 6 3 3 3 10
( ToprDCOUT) -404/41
XC9509
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC9509xxxCAx (Continued) Regulator (3.3V product)
PARAMETER Supply Current * XC9509H/K/L Output Voltage Maximum Output Current Load Regulation Dropout Voltage 1 (*6) Dropout Voltage 2 Line Regulation Current Limit Short-Circuit Current Ripple Rejection Rate Output Voltage Temperature Characteristics SYMBOL IDD_VR VROUT(E) Imax2 VROUT Vdif 1 Vdif 2 VROUT Ilim2 Ishort PSRR VROUT 1mAO
Topr=25 CONDITIONS IROUT=30mA MIN. 3.234 200 240 TYP. 40 3.300 15 20 60 0.05 300 30 60 100 MAX. 80 3.366 50 50 110 0.25 UNITS A V mA mV mV mV %/V mA mA dB ppm/ CIRCUIT 1 2 2 2 2 2 2 7 7 12 2
( VINVROUT) 4.3V( ToprVROUT) -40 CDetector (2.7V product)
PARAMETER Detect Voltage Hysteresis Range Output Current * XC9509A/D/H Output Current * XC9509B/C/E/F/K/L Output Voltage Temperature Characteristics SYMBOL VDF(E) VHYS IVD IVD VDF ( ToprVDF) CE=0V VHYS=[VDR(E) (*11) - VDF(E)] / VDF(E) x 100 VIN=2.4V, VDOUT=0.5V, CE=0V VIN=2.4V, VDOUT=0.5V, CE=0V -40OCTest conditions: Unless otherwise stated: DC/DC : VIN=3.6V [@ DCOUT:1.5V] VR: VIN = 4.3V (VIN=VROUT(T) + 1.0V) VD: VIN=5.0V Common conditions for all test items: CE=VIN, MODE=0V VROUT(T) : Setting Output Voltage NOTE: *1 : Including VD supply current (VD operates when in stand-by mode.) *2 : Including hysteresis operating voltage range. *3 : ON resistance ()= 0.05 (V) / ILX (A) *4 : EFFI = { ( output voltage x output current ) / ( input voltage x input current) } x 100 *5 : Time until it short-circuits DCOUT with GND through 1of resistance from a state of operation and is set to DCOUT=0V from current limit pulse generating. *6 : Vdif = (VIN1 (*7) - VROUT1 (*8) ) *7 : VIN 1 = The input voltage when VROUT1 appears as input voltage is gradually decreased. *8 : VROUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VROUT(T) + 1.0V} is input. *9 : Current limit = When VIN is low, limit current may not be reached because of voltage falls caused by ON resistance or serial resistance of coils. *10: Integral latch circuit=latch time may become longer and latch operation may not work when VIN is 3.0V or more. *11: VDR(E) = VD release voltage *12: When temperature is high, a current of approximately 5.0A (maximum) may leak. *13: When using the IC with a regulator output at almost no load, a capacitor should be placed as close as possible between AVDD and AGND (CIN2), connected with low impedance. Please also see the recommended pattern layout for your reference. Should it not be possible to place the input capacitor nearby, the regulated output level may increase up to the VDD level while the load of the DC/DC converter increases and the regulator output is at almost no load.
5/41
XC9509 Series
TEST CIRCUITS
Circuit 1 Supply Current, Stand-by Current, CE Current, MODE Current Circuit 2 Output Voltage (VR), Load Regulation, Dropout Voltage, Maximum Output Current, (MODE Voltage)
Circuit 3 Output Voltage (DC/DC), Oscillation Frequency, U.V.L.O. Voltage, Soft-start Time, CE Voltage, Maximum Output Current, Efficiency, (PFM Duty Cycle), (MODE Voltage)
Circuit 4 Minimum Duty Cycle, Maximum Duty Cycle
Circuit 5 Lx ON Resistance
Circuit 6 Current Limit 1 (DC/DC)
6/41
XC9509
Series
TEST CIRCUITS (Continued)
Circuit 7 Current Limit 2 (VR), Short Circuit Current (VR) Circuit 8 Detect Voltage, Release Voltage (Hysteresis Range)
* For the measurement of the VDD_Sense products,
the input voltage was controlled.
Circuit 9
VD Output Current
Circuit 10
Latch Time
* For the measurement of the VDD_Sense products, the input voltage was controlled.
Circuit 11
Off-Leak
Circuit 12
Ripple Rejection Rate
7/41
XC9509 Series
TYPICAL APPLICATION CIRCUIT
FOSC 1.2MHz 600kHz 300kHz L 4.7H (CDRH4D28C, SUMIDA) 10H (CDRH5D28, SUMIDA) 22H (CDRH6D28, SUMIDA)
MSOP-10 (TOP VIEW)
CIN 4.7F (ceramic, TAIYO YUDEN)
CL1 10F (ceramic, TAIYO YUDEN) VROUT<2.0V VROUT>2.0V
CL2 (*2) 4.7F (ceramic, TAIYO YUDEN) Vdif>1.0V 1.0F (ceramic, TAIYO YUDEN) Vdif<1.0V 4.7F (ceramic, TAIYO YUDEN)
SD *1 : XB0ASB03A1BR (TOREX) *1 The DC/DC converter of the XC9508 series automatically switches between synchronous / non-synchronous. The Schottky diode is not normally needed. However, in cases where high efficiency is required when using the DC/DC converter during in the light load while in non-synchronous operation, please connect a Schottky diode externally. *2 Please be noted that the recommend value above of the CL2 may be changed depending on the input voltage value and setting voltage value.
OPERATIONAL EXPLANATION
The XC9509 series consists of a synchronous step-down DC/DC converter, a high speed LDO voltage regulator, and a voltage detector. DC/DC Converter The series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator, phase compensation circuit, output voltage adjustment resistors, driver transistor, synchronous switch, current limiter circuit, U.V.L.O. circuit and others. The series ICs compare, using the error amplifier, the voltage of the internal voltage reference source with the feedback voltage from the VOUT pin through split resistors. Phase compensation is performed on the resulting error amplifier output, to input a signal to the PWM comparator to determine the turn-on time during PWM operation. The PWM comparator compares, in terms of voltage level, the signal from the error amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting output to the buffer driver circuit to cause the Lx pin to output a switching duty cycle. This process is continuously performed to ensure stable output voltage. The current feedback circuit monitors the P-channel MOS driver transistor current for each switching operation, and modulates the error amplifier output signal to provide multiple feedback signals. This enables a stable feedback loop even when a low ESR capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage. The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter. The ramp wave circuit determines switching frequency. The frequency is fixed internally and can be selected from 300kHz, 600 kHz and 1.2 MHz. Clock pulses generated in this circuit are used to produce ramp waveforms needed for PWM operation, and to synchronize all the internal circuits. The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback voltage divided by the internal split resistors. When a voltage lower than the reference voltage is fed back, the output voltage of the error amplifier increases. The gain and frequency characteristics of the error amplifier output are fixed internally to deliver an optimized signal to the mixer.
8/41
XC9509
Series
OPERATIONAL EXPLANATION (Continued)
DC/DC Converter (Continued) The PWM control of the XC9509A to F series are controlled on a specified frequency from light loads through the heavy loads. Since the frequency is specified, the composition of a noise filter etc. becomes easy. However, the efficiency at the time of the light load may become low. The XC9509H to L series can switch in any timing between PWM control and PWM/PFM automatic switching control. The series cannot control only PFM mode. If needed, the operation can be set on a specified frequency; therefore, the control of the noise etc. is possible and the high efficiency at the time of the light load during PFM control mode is possible. With the automatic PWM/PFM switching control function, the series ICs are automatically switched from PWM control to PFM control mode under light load conditions. If during light load conditions the coil current becomes discontinuous and on-time rate falls lower than 30%, the PFM circuit operates to output a pulse with 30% of a fixed on-time rate from the Lx pin. During PFM operation with this fixed on-time rate, pulses are generated at different frequencies according to conditions of the moment. This causes a reduction in the number of switching operations per unit of time, resulting in efficiency improvement under light load conditions. However, since pulse output frequency is not constant, consideration should be given if a noise filter or the like is needed. Necessary conditions for switching to PFM operation depend on input voltage, load current, coil value and other factors. The XC9509 series automatically switches between synchronous / non-synchronous according to the state of the DC/DC converter. Highly efficient operations are achievable using the synchronous mode while the coil current is in a continuous state. The series enters non-synchronous operation when the built-in N-ch switching transistor for synchronous operation is shutdown, which happens when the load current becomes low and the operation changes to a discontinuous state. The IC can operate without an external schottky diode because the parasitic diode in the N-ch switching transistor provides the circuit's step-down operation. However, since Vf of the parasitic diode is a high 0.6V, the efficiency level during non-synchronous operation shows a slight decrease. Please use an external schottky diode if high efficiency is required during light load current. Continuous Mode: Synchronous Discontinuous Mode: Non-Synchronous
9/41
XC9509 Series
OPERATIONAL EXPLANATION (Continued)
DC/DC Converter (Continued) The current limiter circuit of the XC9509 series monitors the current flowing through the P-channel MOS driver transistor connected to the Lx pin, and features a combination of the constant-current type current limit mode and the operation suspension mode.. When the driver current is greater than a specific level, the constant-current type current limit function operates to turn off the pulses from the Lx pin at any given timing. When the driver transistor is turned off, the limiter circuit is then released from the current limit detection state. At the next pulse, the driver transistor is turned on. However, the transistor is immediately turned off in the case of an over current state. When the over current state is eliminated, the IC resumes its normal operation. The IC waits for the over current state to end by repeating the steps through . If an over current state continues for 8msec* and the above three steps are repeatedly performed, the IC performs the function of latching the OFF state of the driver transistor, and goes into operation suspension mode. Once the IC is in suspension mode, operations can be resumed by either turning the IC off via the CE pin, or by restoring power to the VIN pin. The suspension mode does not mean a complete shutdown, but a state in which pulse output is suspended; therefore, the internal circuitry remains in operation. The constant-current type current limit of the XC9509 series can be set at 1.1A for MSOP-10 package and 0.7A for USP-10 package.
*
*
When the VIN pin voltage becomes 1.4 V or lower, the P-channel output driver transistor is forced OFF to prevent false pulse output caused by unstable operation of the internal circuitry. When the VIN pin voltage becomes 1.8 V or higher, switching operation takes place. By releasing the U.V.L.O. function, the IC performs the soft start function to initiate output startup operation. The soft start function operates even when the VIN pin voltage falls momentarily below the U.V.L.O. operating voltage. The U.V.L.O. circuit does not cause a complete shutdown of the IC, but causes pulse output to be suspended; therefore, the internal circuitry remains in operation. High Speed LDO Voltage Regulator The voltage regulator block of the XC9509 series consists of a reference voltage source, error amplifier, and current limiter circuit. The voltage divided by split resistors is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET, which is connected to the VROUT pin, is then driven by the subsequent output signal. The output voltage at the VROUT pin is controlled and stabilized by a system of negative feedback. A stable output voltage is achievable even if used with low ESR capacitors as a phase compensation circuit is built-in. The reference voltage source provides the reference voltage to ensure stable output voltage of the regulator. The error amplifier compares the reference voltage with the signal from VROUT, and the amplifier controls the output of the Pch driver transistor. The voltage regulator block includes a combination of a constant current limiter circuit and a foldback circuit. The voltage regulator senses output current of the built-in P channel output driver transistor inside. When the load current reaches the current limit level, the current limiter circuit operates and the output voltage of the voltage regulator block drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage drops further and the load current decreases. When the VROUT and GND pin are shorted, the load current of about 30mA flows.
10/41
XC9509
Series
OPERATIONAL EXPLANATION (Continued)
Voltage Detector The detector block of the XC9509 series detects output voltage from the VDOUT pin while sensing either VDD, DCOUT, or VROUT internally. (N-channel Open Drain Type) The operation of the XC9509 series' DC/DC converter block and voltage regulator block will enter into the shut down mode when a low level signal is input to the CE pin. During the shut down mode, the current consumption occurs only in the detector and is 3.0A (TYP.), with a state of high impedance at the Lx pin and the DCOUT pin. The IC starts its operation by inputting a high level signal to the CE pin. The input to the CE pin is a CMOS input and the sink current is 0A (TYP.). The operation of the XC9509A to C series' voltage detector block will enter into stand-by mode when a high level signal is input to the MODE pin. When a low level signal is input, the voltage regulator block will enter into stand-by mode. However, if the IC enters into stand-by mode via the CE pin, the voltage regulator block also shuts down. Likewise, if the XC9509D to F series enters into stand-by mode via the CE pin, the DC/DC converter block can also shut down. With the XC9509H to L series control can be PWM control when the MODE pin is 'H' level and PWM/PFM automatic switching control when the MODE pin is 'L' level.
NOTES ON USE
Application Information 1. The XC9509 series is designed for use with a ceramic output capacitor. If, however, the potential difference between dropout voltage or output current is too large, a ceramic capacitor may fail to absorb the resulting high switching energy and oscillation could occur on the output. If the input-output potential difference is large, connect an electrolytic capacitor in parallel to compensate for insufficient capacitance. Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter. These are greatly influenced by external component selection, such as the coil inductance, capacitance values, and board layout of external components. Once the design has been completed, verification with actual components should be done.
2.
3. When the difference between VIN and VOUT is large in PWM control, very narrow pulses will be outputted, and there is the possibility that some cycles may be skipped completely. 4. When the difference between VIN and VOUT is small, and the load current is heavy, very wide pulses will be outputted and there is the possibility that some cycles may be skipped completely: in this case, the Lx pin may not go low at all.
DC/DC Waveform (3.3V, 1.2MHz)
L :4.7H(CDRH4D28C,SUMIDA) CIN :4.7F(ceramic) CL :10F(ceramic)
L L :4.7H(CDRH4D28C,SUMIDA) :4.7H(CDRH4D28C,SUMIDA) CIN :4.7F(ceramic) CIN :4.7F(ceramic) CL CL :10F(ceramic) :10F(ceramic)
11/41
XC9509 Series
NOTES ON USE (Continued)
DC/DC Waveform (3.3V, 1.2MHz)(Continued) 5. The IC's DC/DC converter operates in synchronous mode when the coil current is in a continuous state and non-synchronous mode when the coil current is in a discontinuous state. In order to maintain the load current value when synchronous switches to non-synchronous and vise versa, a ripple voltage may increase because of the repetition of switching between synchronous and non-synchronous. When this state continues, the increase in the ripple voltage stops. To reduce the ripple voltage, please increase the load capacitance value or use a schottky diode externally. When the current used becomes close to the value of the load current when synchronous switches to non- synchronous and vise versa, the switching current value can be changed by changing the coil inductance value. In case changes to coil inductance are to values other than the recommended coil inductance values, verification with actual components should be done. Ics = (VIN - DCOUT) x OnDuty / (L x Fosc) Ics: Switching current from synchronous rectification to non-synchronous rectification . OnDuty: OnDuty ratio of P-ch driver transistor ( =.step down ratio : DCOUT / VIN) L: Coil inductance value Fosc: Oscillation frequency IDOUT: The DC/DC load current 6. When the XC9509H to L series operate in PWM/PFM automatic switching control mode, the reverse current may become quite high around the load current value when synchronous switches to non-synchronous and vise versa (also refer to no. 5 above). Under this condition, switching synchronous rectification and non-synchronous rectification may be repeated because of the reverse current, and the ripple voltage may be increased to 100mV or more. The reverse current is the current that flows in the PGND direction through the N-ch driver transistor from the coil. The conditions, which cause this operation are as follows. PFM Duty < Step down ratio = DCOUT / VIN x 100 (%) PFM Duty: 30% (TYP.) Please switch to PWM control via the MODE function in cases where the load current value of the DC/DC converter is close to synchronous. DC/DC Waveform (1.8V, 600kHz) @ VIN=6.0V
L 10H(CDRH5D28C,SUMIDA) CIN :4.7F(ceramic) CL :10F(ceramic) Step Down ratio: 1.8V / 6.0V = 30%
12/41
XC9509
Series
NOTES ON USE (Continued)
DC/DC Waveform (3.3V, 1.2MHz) (Continued) 7. With the DC/DC converter of the IC, the peak current of the coil is controlled by the current limit circuit. Since the peak current increases when dropout voltage or load current is high, current limit starts operating, and this can lead to instability. When peak current becomes high, please adjust the coil inductance value and fully check the circuit operation. In addition, please calculate the peak current according to the following formula: Peak current: Ipk = (VIN - DCOUT) x OnDuty / (2 x L x Fosc) + IDOUT 8. When the peak current, which exceeds limit current flows within the specified time, the built-in driver transistor is turned off (the integral latch circuit). During the time until it detects limit current and before the built-in transistor can be turned off, the current for limit current flows; therefore, care must be taken when selecting the rating for the coil or the Schottky diode. 9. When VIN is low, limit current may not be reached because of voltage falls caused by ON resistance or serial resistance of the coil. 10. In the integral latch circuit, latch time may become longer and latch operation may not work when VIN is 3.0V or more. Use of the IC at voltages below the recommended voltage range may lead to instability. This IC and the external components should be used within the stated absolute maximum ratings in order to prevent damage to the device.
11. 12.
13. When using IC with a regulator output at almost no load, a capacitor should be placed as close as possible between AVDD and AGND (CIN2), connected with low impedance. Please also see the recommended pattern layout on page 14 for your reference. Should it not be possible to place the input capacitor nearby, the regulated output level may increase up to the VDD level while the load of the DC/DC converter increases and the regulator output is at almost no load. 14. Should the bi-directional load current of the synchronous DC/DC converter and the regulator become large, please be careful of the power dissipation when in use. Please calculate power dissipation by using the following formula. Pd=PdDC/DC + PdVR 2 DC/DC power dissipation (when in synchronous operation) : PdDC/DC = IDOUT x RON VR power dissipation: PdVR=(DCOUT - VROUT) x IROUT RON: ON resistance of the built-in driver transistor to the DC/DC (= 0.5 ) RON=Rpon x P-chOnDuty / 100 + Rnon x (1 - P-chOnDuty / 100)
15.
The voltage detector circuit built-in the XC9509 series internally monitor the VDD pin voltage, the DC/DC output pin voltage and VR output pin voltage. For the XC9509B/C/E/F/K/L series, which voltage detector circuit monitors the DC/DC output pin voltage and the VR output pin voltage, please determine the detect voltage value (VDF) by the following equation. VDF (Setting voltage on both the DCOUT voltage and the VROUT voltage)x85%* * An assumed value of tolerance among the DCOUT voltage, the VROUT voltage, and the VD release voltage (The VD detect voltage and hysteresis range).
13/41
XC9509 Series
NOTES ON USE (Continued)
Instructions on Pattern Layout 1. In order to stabilize VIN's voltage level, we recommend that a by-pass capacitor (CIN) be connected as close as possible to the AVDD & AGND pins. Should it not be possible to place the input capacitors nearby, the regulated output level may increase because of the switching noise of the DC/DC converter. Please mount each external component as close to the IC as possible.
2.
3. Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit impedance. 4. Make sure that the PCB GND traces are as thick as possible, as variations in ground potential caused by high ground currents at the time of switching may result in instability of the DC/DC converter and have adverse influence on the regulator output. If using a Schottky diode, please connect the anode side to the AGND pin through CIN. caused by the noise may occur depending on the arrangement of the Schottky diode. Please use the AVDD and PVDD pins with the same electric potential. Characteristic degradation
5.
6.
14/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(A) DC/DC CONVERTER (1) Efficiency vs. Output Current
15/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (2) Output Voltage VS. Output Current
16/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (3) Output Voltage vs. Ripple Voltage
17/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (4) Output Voltage vs. Ambient Temperature
DC/DC:0.9V,1.2MHz
VIN=2.4V,MODE=0V CIN=4.7uF,CL=10.0uF,L=4.7uH(CDRH4D28C) IDOUT=0.1mA 10mA 100mA
DC/DC:2.5V,1.2MHz 2.7
Output Voltage : DCOUT (V)
VIN=3.6V,MODE=0V CIN=4.7uF,CL=10.0uF,L=4.7uH(CDRH4D28C) IDOUT=0.1mA 10mA 100mA
1.1
Output Voltage : DCOUT (V)
1.0
2.6
0.9
2.5
0.8
2.4
0.7 -50 -25 0 25 50 75 100 Ambient Temperature : Ta ( )
2.3 -50 -25 0 25 50 75 100 Ambient Temperature : Ta ( )
DC/DC:4.0V,1.2MHz
VIN=5.0V,MODE=0V CIN=4.7uF,CL=10.0uF,L=4.7uH(CDRH4D28C) IDOUT=0.1mA 10mA 100mA
4.2
Output Voltage : DCOUT (V)
4.1
4.0
3.9
3.8 -50 -25 0 25 50 75 100 Ambient Temperature : Ta ( )
(5) Soft Start Time vs. Ambient Temperature
DC/DC:1.2MHz
VIN=6.0V,CE=0V to 6.0V,MODE=0V,IDOUT=0.1mA CIN=4.7uF,CL=10.0uF,L=4.7uH(CDRH4D28C) DCOUT=0.9V
DC/DC:600kHz
VIN=6.0V,CE=0V to 6.0V,MODE=0V,IDOUT=0.1mA CIN=4.7uF,CL=10.0uF,L=10.0uH(CDRH5D28)
15 12
15
Soft Start Time : Tss (ms)
Soft Start Time : Tss (ms)
12 9 6 3 0
DCOUT=2.5V DCOUT=4.0V
DCOUT=2.5V
9 6 3
DCOUT=4.0V
DCOUT=0.9V
0 -50 -25 0 25 50 75 100 Ambient Temperature : Ta ( )
-50
-25
0
25
50
75
100
Ambient Temperature : Ta ()
18/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (6) DC/DC Supply Current vs. Ambient Temperature (VR: Shutdown)*
DC/DC:1.2MHz
CE=VIN,DCOUT=VIN,MODE=0V(VR:SHUTDOWN) DCOUT=0.9V 2.5V 4.0V
DC/DC:600kHz
CE=VIN,DCOUT=VIN,MODE=0V(VR:SHUTDOWN) DCOUT=0.9V 2.5V 4.0V
500
DC/DC Supply Current : IDD-DC(uA)
500
DC/DC Supply Current : IDD-DC(uA)
400 300 200 100 0 -50
400 300 200 100 0 -50
-25
0
25
50
75
100
-25
0
25
50
75
100
Ambient Temperature : Ta ( )
Ambient Temperature : Ta ( )
DC/DC:300kHz
CE=VIN,DCOUT=VIN,MODE=0V(VR:SHUTDOWN) DCOUT=0.9V 2.5V 4.0V
500
DC/DC Supply Current : IDD-DC(uA)
400 300 200 100 0 -50
-25
0
25
50
75
100
Ambient Temperature : Ta ( )
*XC9509A/B/C series only
19/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (7) LX Pch/Nch ON Resistance vs. Input Voltage
DC/DC:LX Pch 1.0 LX Pch On Resistance ( ) 0.8
Ta= 85 Ta= 25 CE=VIN,LX=VIN-0.05V, DCOUT=0V
DC/DC:LX Nch 1.0 LX Nch On Resistance ( ) 0.8 0.6 0.4 0.2
Ta= -40 Ta= 85 LX=0.05V, DCOUT=VIN
Ta= 25
0.6 0.4 0.2
Ta= -40
0.0 2.0 3.0 4.0 5.0 6.0 Input Voltage : VIN (V)
0.0 2.0 3.0 4.0 5.0 6.0 Input Voltage : VIN (V)
(8) Oscillation Frequency vs. Ambient Temperature
DC/DC:2.5V,1.2MHz
CIN=4.7uF,CL=10.0uF,MODE=0V,IDOUT=10mA VIN=3.6V 4.2V 5.0V 6.0V
(9) U.V.L.O. Voltage vs. Ambient Temperature
Oscillation Frequency:FOSC (MHz)
UVLO Voltage : UVLO1,UVLO2 (V)
1.6
2.2
MODE=0V CIN=4.7uF,CL=10.0uF,L=4.7uH(CDRH4D28C)
1.4
1.8
UVLO2(release)
1.2
1.4
UVLO1(detect)
1.0
1.0
0.8 -50 -25 0 25 50 75 100 Ambient Temperature : Ta ( )
0.6 -50 -25 0 25 50 75 100 Ambient Temperature : Ta ()
20/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (10-1) DC/DC Load Transient Response (DCOUT: 1.8V, FOSC: 1.2MHz) (a) PWM Control
(b) PWM/PFM Automatic Switching Control* (*XC9509H/K/L Series Only)
21/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (10-2) DC/DC Load Transient Response (*DCOUT: 3.3V, FOSC: 1.2MHz) (a) PWM Control
(b) PMM/PFM Automatic Switching Control* (*XC9509H/K/L Series Only)
22/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (10-3) DC/DC Load Transient Response (*DCOUT: 1.8V, FOSC: 600kHz) (a) PWM Control
(b) PMM/PFM Automatic Switching Control* (*XC9509H/K/L Series Only)
23/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (10-4) DC/DC Load Transient Response (DCOUT: 3.3V, FOSC: 600kHz) (a) PWM Control
(b) PMM/PFM Automatic Switching Control* (*XC9509H/K/L Series Only)
24/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (10-5) DC/DC Load Transient Response (DCOUT: 1.8V, FOSC: 600kHz) (a) PWM Control
(b) PMM/PFM Automatic Switching Control* (*XC9509H/K/L Series Only)
25/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued) (10-6) DC/DC Load Transient Response (DCOUT: 3.3V, FOSC: 600kHz) (a) PWM Control
(b) PMM/PFM Automatic Switching Control* (*XC9509H/K/L Series Only)
26/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(B) VOLTAGE REGULATOR (1) Output Voltage vs. Input Voltage
VR:0.9V 1.3
Output Voltage : VROUT (V)
Ta=25,CIN=4.7uF,CL=4.7uF
VR:0.9V
Ta=25,CIN=4.7uF,CL=4.7uF
1.00
Output Voltage : VROUT (V)
1.1 0.9 0.7 0.5 0.3 1.2
IROUT=0mA 1mA 30mA 100mA
0.95 0.90 0.85 0.80 0.75
IROUT=0mA 1mA 30mA 100mA
1.4
1.6
1.8
2.0
2.2
2.0
3.0
4.0
5.0
6.0
Input Voltage : VIN (V)
Input Voltage : VIN (V)
VR:2.5V
Ta=25,CIN=4.7uF,CL=4.7uF
VR:2.5V 2.60
Output Voltage : VROUT (V)
Ta=25,CIN=4.7uF,CL=4.7uF
2.9
Output Voltage : VROUT (V)
2.7 2.5 2.3 2.1 1.9 2.0
IROUT=0mA 1mA 30mA 100mA
2.55 2.50 2.45 2.40 2.35 3.0
IROUT=0mA 1mA 30mA 100mA
2.2
2.4
2.6
2.8
3.0
4.0
5.0
6.0
Input Voltage : VIN (V)
Input Voltage : VIN (V)
VR:4.0V
Ta=25,CIN=4.7uF,CL=4.7uF
VR:4.0V 4.10
Output Voltage:VROUT(V)
Ta=25,CIN=4.7uF,CL=4.7uF
4.4
Output Voltage : VROUT (V)
4.2 4.0 3.8 3.6 3.4 3.5
IROUT=0mA 1mA 30mA 100mA
4.05 4.00 3.95 3.90 3.85
IROUT=0mA 1mA 30mA 100mA
3.7
3.9
4.1
4.3
4.5
5.0
5.2
5.4
5.6
5.8
6.0
Input Voltage : VIN (V)
Input Voltage : VIN (V)
27/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(B) VOLTAGE REGULATOR (Continued) (2) Output Voltage vs. Output Current (Current Limit)
Output Current : IROUT (mA)
Output Current : IROUT (mA)
Output Current : IROUT (mA)
Output Current : IROUT (mA)
Output Current : IROUT (mA)
Output Current : IROUT (mA)
28/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(B) VOLTAGE REGULATOR (Continued) (3) Dropout Voltage vs. Output Current
VR:0.9V
CIN=4.7uF,CL=4.7uF
VR:2.5V
CIN=4.7uF,CL=4.7uF
1.0
Dropout Voltage : Vdif (V)
0.5 0.4 0.3
Ta= 25
Dropout Voltage : Vdif (V)
0.8 0.6
Ta= 85
0.4 0.2 0.0 0
25 Ta= -40
0.2 0.1 0.0
Ta= -40
Ta= 85
50
100
150
200
0
50
100
150
200
Output Current : IROUT (mA)
Output Current : IROUT (mA)
VR:4.0V
CIN=4.7uF,CL=4.7uF
0.5 0.4 0.3 0.2
Ta= 85 Ta= -40
Dropout Voltage : Vdif (V)
Ta= 25
0.1 0.0 0 50 100 150 200 Output Current : IROUT (mA)
29/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(B) VOLTAGE REGULATOR (Continued) (4) Output Voltage vs. Output Current
VR:0.9V
VIN=2.4V,CIN=4.7uF,CL=4.7uF
VR:2.5V 2.7
Output Voltage : VROUT (V)
VIN=3.5V,CIN=4.7uF,CL=4.7uF
1.1
Output Voltage : VROUT (V)
1.0 0.9 0.8
Ta= 85
Ta= -40 25
2.6 2.5 2.4
Ta= 25 Ta= -40
Ta= 85
0.7 0.6 0 50 100 150 200 Output Current : IROUT (mA)
2.3 2.2 0 50 100 150 200 Output Current : IROUT (mA)
VR:4.0V
VIN=5.0V,CIN=4.7uF,CL=4.7uF
4.2
Ta= 25
Output Voltage : VROUT (V)
4.1 4.0 3.9 3.8 3.7 0 50
Ta= -40
Ta= 85
100
150
200
Output Current : IROUT (mA)
30/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(B) VOLTAGE REGULATOR (Continued) (5) VR Supply Current vs. Ambient Temperature (DC/DC Shutdown)*
Ambient Temperature : Ta ()
Ambient Temperature : Ta ()
Ambient Temperature : Ta ()
31/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(B) VOLTAGE REGULATOR (Continued) (6) Output Voltage vs. Ambient Temperature
32/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(B) VOLTAGE REGULATOR (Continued) (7) Ripple Rejection Ratio vs. Ripple Frequency
33/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(B) VOLTAGE REGULATOR (Continued) (8) VR Load Transient Response
34/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(C) VOLTAGE DETECTOR (1) Output Current vs. Input Voltage
(2) Detect Voltage vs. Input Voltage
35/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(C) VOLTAGE DETECTOR (Continued) (3) Detect Voltage, Release Voltage vs. Ambient Temperature
VD:0.9V 1.5 Detect Voltage , Release Voltage : VDF,VDR (V) Detect Voltage , Release Voltage : VDF,VDR (V) 1.3 1.1 0.9
VDF VDR
(3)DETECT VOLTAGE , RELEASE VOLTAGE vs. AMBIENT TEMPERATURE
VD:2.5V 3.1 2.9
VDR
2.7 2.5
VDF
0.7 0.5 -50 -25 0 25 50 75 100 Ambient Temp. : Ta : Ta Ambient Temperature (deg.)()
2.3 2.1 -50 -25 0 25 50 75 100 Ambient Temp. : Ta : Ta Ambient Temperature (deg.)()
VD:5.0V 5.6 Detect Voltage , Release Voltage : VDF,VDR (V) 5.4
VDR
5.2 5.0
VDF
4.8 4.6 -50 -25 0 25 50 75 100 Ambient Temp. : Ta (deg.) Ambient Temperature : Ta ()
36/41
XC9509
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(D) COMMON (1) Supply Current vs. Ambient Temperature (DC/DC & VR & VD)
Ambient Temperature : Ta ()
(2) Shutdown Current vs. Input Voltage
(3) Shutdown Current vs. Ambient Temperature
37/41
XC9509 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(D) COMMON (Continued) (4) CE Pin Threshold Voltage vs. Ambient Temperature
(5) MODE Pin Threshold Voltage vs. Ambient Temperature
38/41
XC9509
Series
PACKAGING INFORMATION
MSOP-10 USP-10
* Soldering fillet surface is not formed because the sides of the pins are not plated
USP-10 Recommended Pattern Layout
2.3
USP-10 Recommended Metal Mask Design
39/41
XC9509 Series
MARKING RULE
MSOP-10, USP-10
Represents product series MARK 8 PRODUCT SERIES XC9509xxxxxx
Represents DC/DC control methods and MODE pin MARK A B C D E F H K L DC/DC CONTROL MODE PIN (H level) VR: OFF PWM Control DC/DC: OFF DC/DC: ON MODE PIN (L level) VR:ON PRODUCT SERIES XC9509Axxxxx XC9509Bxxxxx XC9509Cxxxxx XC9509Dxxxxx XC9509Exxxxx XC9509Fxxxxx XC9509Hxxxxx XC9509Kxxxxx XC9509Lxxxxx
USP-10 (TOP VIEW)
PWM, PFM/PWM Manual Switch
PFM/PWM PWM Control Auto Switching
Represents detect voltage DC/DC,VR and VD (ex.) MARK 0 3 DC/DC 1.8V VR 3.3V VD 3.0V PRODUCT SERIES XC9509x03xxx
MSOP-10 (TOP VIEW)
Represents oscillation frequency MARK 3 6 C OSCILLATION FREQUENCY 300kHz 600kHz 1.2MHz PRODUCT SERIES XC9509xxx3xx XC9509xxx6xx XC9509xxxCxx
Represents production lot number 0 to 9,A to Z reverse character 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted) Note: No character inversion used.
40/41
XC9509
Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
41/41


▲Up To Search▲   

 
Price & Availability of XC9509B033AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X