|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NETWORK PRODUCTS VSC3004, VSC3008 The VSC3004 is a 4x4 Crosspoint Switch with Integrated Equalization The VSC3008 is a 8x8 Crosspoint Switch with Integrated Equalization BENEFITS: Supports Latest Communications Protocols Selection of Size Based on System Needs Allows Great Flexibility in Routing/Fanning Signals Flexibility in Signal Attenuation of Incoming Signals Flexibility in Signal Attenuation of Outgoing Signals Protocol-transparent Operation w/o External Reference Clock Simpler System Design S P E C I F I C AT I O N S : 0 to 11 Gbps Data Rate 20ps Added Jitter A P P L I C AT I O N S : Loop-back Switch Protection Switching Fan-out Buffering Cable Driver/Receiver Wire Re-ordering F E AT U R E S : 11Gbps Non-Return-to-Zero (NRZ) Data Bandwidth Quad (3004) & Octal (3008) Offerings Flexible Switching Options: Multicast, Loop Back, and Snoop Capability A[7:0] VSC3008 10ps Channel to Channel Skew 2.5V Power Supply with a 3.3V Option 50ps Output Rise/Fall Time 50 Output Source Termination 100 Input Differential Termination 250mW Per Channel Power Dissipation 100mV - 2400mV Input Signal Range 550mV - 1100mV Programmable Output Swing VSC3008 BLOCK DIAGRAM: Input Signal Equalization (ISE) Switch Core Output Level Control and Pre-Emphasis Switch Configuration Register Programming Interface RESET Y[7:0] VSC3008 User Programmable Input Signal Equalization User Programmable Output Pre-emphasis Asynchronous Operation Simple Programming Interface . ADDR[5:0] DATA[3:0] PRBS_OUT WR RD PRBS Generator/Detector PRBS_ERR PRBS_IN PRBS_CLK PB-VSC3004,3008-001 VSC3004,VSC3008 The VSC3104 is a 4x4 Crosspoint Switch with Integrated Equalization The VSC3108 is a 8x8 Crosspoint Switch with Integrated Equalization GENERAL DESCRIPTION: The VSC3004/3008 are multipurpose switching devices that are designed to enable next generation backplane designs, and extend the life of existing backplanes. The integrated equalization capabilities at both the input and output effectively absorb the effects of signal loss through copper interconnect, either printed circuit board traces, or cable. The function of the VSC3004/3008 is simple, yet powerful, creating multiple applications just about anywhere highspeed signals are present. The fully broadband, nonblocking and multi-cast capable switch core allows the VSC3004/3008 to be configured as a 1:4/1:8 fan-out buffer with very low channel-channel skew, or as a 4/8 channel signal reconditioner. S I G N A L S W I T C H I N G / R O U T I N G A P P L I C AT I O N : East Txcvr VSC3004 Loopback/ Failover switch Line Processing West ASIC Txcvr For more information on Vitesse Products visit the Vitesse web site at www.vitesse.com or contact Vitesse Sales at (800) VITESSE or sales@vitesse.com 741 Calle Plano Camarillo, CA 93012, USA Tel: +1 805.388.3700 Fax: +1 805.987.5896 www.vitesse.com (c)2003 Vitesse Semiconductor Corporation |
Price & Availability of VSC3004 |