Part Number Hot Search : 
MT5Z7V5 APM3007N ESD24V NTE98 C122F1 2SD1260A MB90439 LUR56D
Product Description
Full Text Search
 

To Download V18AUMLA120606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Transient Voltage Surge Suppressor
RoHS
AUML Varistor Series
The AUML Series of Multilayer Transient Surge Suppressors was specifically designed to suppress the destructive transient voltages found in an automobile. The most common transient condition results from large inductive energy discharges. The electronic systems in the automobile, e.g. antilock brake systems, direct ignition systems, engine control, airbag control systems, wiper motor controls, etc., are susceptible to damage from these voltage transients and thus require protection. The AUML transient suppressors have temperature independent suppression characteristics affording protection from -55oC to 125oC. The AUML suppressor is manufactured from semiconducting ceramics which offer rugged protection and excellent transient energy absorption in a small package. The devices are available in ceramic leadless chip form, eliminating lead inductance and assuring fast speed of response to transient surges. These Suppressors require significantly smaller space and land pads than silicon TVS diodes, offering greater circuit board layout flexibility for the designer. Also see the Littelfuse ML, MLN and MLE Series of Multilayer Suppressors.
3
SURFACE MOUNT VARISTORS
Features
* RoHS Compliant * Load Dump Energy Rated per SAE Specification J1113 * Leadless, Surface Mount Chip Form * "Zero" Lead Inductance * Variety of Energy Ratings Available * No Temperature Derating up to 125oC Ambient * High Peak Surge Current Capability * Low Profile, Compact Industry Standard Chip Size; (1206, 1210, 1812 and 2220 Sizes) * Inherent Bidirectional Clamping * No Plastic or Epoxy Packaging Assures Better than 94V-0 Flammability Rating
Size Metric
3216 3225 4532 5650
EIA
1206 1210 1812 2220
w w w. l i t t e l f u s e . c o m
187
Multilayer Transient Voltage Surge Suppressor
RoHS
AUML Varistor Series
For ratings of individual members of a series, see Device Ratings and Specifications chart
Absolute Maximum Ratings
Continuous: AUML SERIES Steady State Applied Voltage: DC Voltage Range (VM(DC)). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Transient: Load Dump Energy, (WLD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 to 25 Jump Start Capability (5 minutes), (VJUMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24.5 Operating Ambient Temperature Range (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125 Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150 Temperature Coefficient (v) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01
UNITS
V J V O C O C %/OC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications
MAXIMUM RATINGS (125oC) MAXIMUM CONTINUOUS DC VOLTAGE JUMP START VOLTAGE (5 MIN) VJUMP (V) 24.5 24.5 24.5 24.5 LOAD DUMP ENERGY (10 PULSES) WLD (J) 1.5 3 6 25 SPECIFICATIONS (25oC) NOMINAL VARISTOR VOLTAGE AT 10mA DC TEST CURRENT VN(DC) MIN (V) 23 23 23 23 VN(DC) MAX (V) 32 32 32 32 MAXIMUM STANDBY LEAKAGE (AT 13VDC) IL ( A) 50 50 100 200 MAXIMUM CLAMPING VOLTAGE (VC) AT TEST CURRENT (8/20 s) VC (V) 40 40 40 40 IP (A) 1.5 1.5 5 10
PART NUMBER V18AUMLA1206 V18AUMLA1210 V18AUMLA1812 V18AUMLA2220
VM(DC) (V) 18 18 18 18
For automotive 24V and 42V applications please contact your Littelfuse representative or visit www.littelfuse.com for the latest product update. NOTES: 1. Average power dissipation of transients not to exceed 0.1W, 0.15W, 0.3W and 1W for model sizes 1206, 1210, 1812 and 2220 respectively. 2. Load dump energy rating (into the suppressor) of a voltage transient with a resultant time constant of 115ms to 230ms. 3. Thermal shock capability per Mil-Std-750, Method 1051: -55oC to 125oC, 5 minutes at 25oC, 25 Cycles: 15 minutes at each extreme. 4. For application specific requirements, please contact Littelfuse.
100
Power Dissipation Ratings
When transients occur in rapid succession, the average power dissipation is the energy (watt-seconds) per pulse times the number of pulses per second. The power so developed must be within the specifications shown on the Device Ratings and Characteristics table for the specific device. Certain parameter ratings must be derated at high temperatures as shown in Figure 1.
PERCENT OF RATED VALUE
90 80 70 60 50 40 30 20 10 0 -55 50 60 70 80 90 100 110 120 130 140 150
AMBIENT TEMPERATURE (oC)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING CURVE
188
w w w. l i t t e l f u s e . c o m
Multilayer Transient Voltage Surge Suppressor
RoHS
AUML Varistor Series
V-I Characteristics Curves
MAXIMUM LEAKAGE 100 1210/1206 1812 2220 MAXIMUM CLAMPING VOLTAGE
VOLTAGE
1210/1206 10
3
SURFACE MOUNT VARISTORS
100A 1mA 10mA 100mA 1A 10A 100A CURRENT -40oC 25oC 85oC 125oC 10A 100A 1mA 10mA CURRENT 100mA 1A 10A 100A 1000A
1812 2220
1 10A
FIGURE 2. MAXIMUM LEAKAGE CURRENT/CLAMPING VOLTAGE CURVE FOR AUML SERIES AT 25 oC
100
VOLTAGE
10
1 1A
FIGURE 3. TYPICAL V-I CHARACTERISTICS OF THE V18AUMLA2220 at -40 oC, 25oC, 85oC AND 125oC
Temperature Effects
In the leakage region of the AUML suppressor, the device characteristics approaches a linear (ohmic) relationship and shows a temperature dependent affect. In this region the suppressor is in a high resistance mode (approaching 106) and appears as a near open-circuit. Leakage currents at maximum rated voltage are in the microamp range. When clamping transients at higher currents (at and above the ten milliamp range), the AUML suppressor approaches a 1-10 characteristic. In this region the characteristics of the AUML are virtually temperature independent. Figure 3 shows the typical effect of temperature on the V-I characteristics of the AUML suppressor.
w w w. l i t t e l f u s e . c o m
189
Multilayer Transient Voltage Surge Suppressor
RoHS
AUML Varistor Series
Hence, the peak temperatures generated by the load dump transient are significantly lower and evenly dissipated throughout the complete device (Figure 4). This even energy dissipation ensures that there are lower peak temperatures generated at the P-N grain boundaries of the AUML suppressor. There are a number of different size devices available in the AUML series, each one with a load dump energy rating, which is size dependent. Experience has shown that while the effects of a load dump transient is of real concern, its frequency of occurrence is much less than those of low energy inductive spikes. Such low energy inductive spikes may be generated as a result of motors switching on and off, from ESD occurrences, fuse blowing, etc. It is essential that the suppression technology selected also has the capability to suppress such transients. Testing on the V18AUMLA2220 has shown that after being subjected to a repetitive energy pulse of 2 joules, over 6000 times, no characteristic changes have occurred (Figure 7.)
Load Dump Energy Capability
A Load dump transient occurs when the alternator load in the automobile is abruptly reduced. The worst case scenario of this transient occurs when the battery is disconnected while operating at full rated load. There are a number of different load dump specifications in existence in the automotive industry, with the most common one being that recommended by the Society of Automotive Engineers, specification #SAE J1113. Because of the diversity of these load dump specifications Littelfuse defines the load dump energy capability of the AUML suppressor range as that energy dissipated by the device itself, independent of the test circuit setup. The resultant load dump energy handling capability serves as an excellent figure of merit for the AUML suppressor. Standard load dump specifications require a device capability of 10 pulses at rated energy, across a temperature range of -40oC to 125oC. This capability requirement is well within the ratings of all of the AUML series (Figure 5). Further testing on the AUML series has concentrated on extending the number of load dump pulses, at rated energy, which are applied to the devices. The reliability information thus generated gives an indication of the inherent capability of these devices. As an example of device durability the 1210 size has been subjected to over 2000 pulses at its rated energy of 3 joules; the 1812 size has been pulsed over 1000 times at 6 joules and 2220 size has been pulsed at its rated energy of 25 joules over 300 times. In all cases there has been little or no change in the device characteristics (Figure 6). The very high energy absorption capability of the AUML suppressor is achieved by means of a highly controlled manufacturing process. This technology ensures that a largevolume of suppressor material, with an interdigitated layer construction, is available for energy absorption in an extremely small package. Unlike equivalent rated silicon TVS diodes, the entire AUML device volume is available to dissipate the load dump energy.
Speed of Response
The clamping action of the AUML suppressor depends on a conduction mechanism similar to that of other semiconductor devices (i.e. P-N Junctions). The apparent slow response time often associated with transient voltage suppressors (Zeners, MOVs) is often due to parasitic inductance in the package and leads of the device and less dependent of the basic material (silicon, zinc oxide). Thus, the single most critical element affecting the response time of any suppressor is its lead inductance. The AUML suppressor is a surface mount device, with no leads or external packaging, and thus, it has virtually zero inductance. The actual response time of a AUML surge suppressor is in the 1 to 5 nanosecond range, more than sufficient for the transients which are likely to be encountered in an automotive environment.
3
SURFACE MOUNT VARISTORS
190
w w w. l i t t e l f u s e . c o m
Multilayer Transient Voltage Surge Suppressor
RoHS
AUML Varistor Series
V(10mA) 35 30 25 VOLTAGE 20 15 10 5 0 0 1 2 3 4 5 6 7 8 9 10 11 12 # OF LOAD DUMPS 2220 = 25J 1812 = 6J 1210 = 3J
3
SURFACE MOUNT VARISTORS
191
FIGURE 5. AUML LOAD DUMP PULSING OVER A TEMPERATURE RANGE OF -55C TO 125C
V(10mA) 35 2220 = 25J 30 25 VOLTAGE 20 15 10 5 0 1210 = 3J 1812 = 6J
0
50
100
150
200
250
300
350
1,000
2,000
# OF LOAD DUMPS
FIGURE 6. REPETITIVE LOAD DUMP PULSING AT RATED ENERGY
V AT 10mA 100
VOLTAGE
V18AUMLA2220
10 1000 2000 3000 4000 5000 6000 7000 NUMBER OF PULSES
FIGURE 7. REPETITIVE ENERGY TESTING OF THE V18AUMLA2220 AT AN ENERGY LEVEL OF 2 JOULES
w w w. l i t t e l f u s e . c o m
Multilayer Transient Voltage Surge Suppressor
RoHS
AUML Varistor Series
230
Soldering Recommendations
Lead (Pb) Soldering Recommendations
The principal techniques used for the soldering of components in surface mount technology are IR Re-flow & Wave soldering. Typical profiles are shown in Figures 8 & 9 The recommended solder for the ML suppressor is a 62/36/2 (Sn/Pb/Ag), 60/40 (Sn/Pb) or 63/37 (Sn/Pb). Littelfuse also recommends an RMA solder flux. Wave soldering is the most strenuous of the processes. To avoid the possibility of generating stresses due to thermal shock, a preheat stage in the soldering process is recommended, and the peak temperature of the solder process should be rigidly controlled. When using a reflow process, care should be taken to ensure that the ML chip is not subjected to a thermal gradient steeper than 4 degrees per second; the ideal gradient being 2 degrees per second. During the soldering process, preheating to within 100 degrees of the solderis peak temperature is essential to minimize thermal shock. Once the soldering process has been completed, it is still necessary to ensure that any further thermal shocks are avoided. One possible cause of thermal shock is hot printed circuit boards being removed from the solder process and subjected to cleaning solvents at room temperature. The boards must be allowed to cool gradually to less than 50C before cleaning.
FIGURE 8. REFLOW SOLDER PROFILE
300 MAXIMUM WAVE 260 oC 250 TEMPERATURE ( oC)
200
150 SECOND PREHEAT 100 FIRST PREHEAT 50
0 0.0
0.5
1.0
1.5
2.0 2.5 3.0 TIME (MINUTES)
3.5
4.0
4.5
Lead-Free (Pb-free) Soldering Recommendations
Littelfuse offers the Nickel-Barrier termination finish for the optimum Pbfree solder performance. The preferred solder is 96.5/3.0/0.5 (SnAgCu) with an RMA flux, but there is a wide selection of pastes & fluxes available with which the nickel barrier parts should be compatible. The reflow profile must be constrained by maximums shown in Figure10. For Pb-free Wave soldering, Figure 9 still applies. Note: the Pb-free paste, flux & profile were used for evaluation purposes by Littelfuse, based upon industry standards & practices. There are multiple choices of all three available, it is advised that the customer explores the optimum combination for their process as processes vary considerably from site to site.
FIGURE 9. WAVE SOLDER PROFILE
MAXIMUM TEMPERATURE 260C 20 - 40 SECONDS WITHIN 5C RAMP RATE <3C/s
60 - 150 SEC > 217C
PREHEAT ZONE
5.0
6.0
7.0
FIGURE 10. LEAD-FREE RE-FLOW SOLDER PROFILE
192
w w w. l i t t e l f u s e . c o m
Multilayer Transient Voltage Surge Suppressor
RoHS
AUML Varistor Series
Leakage Current (IL)
In the nonconducting mode, the device is at a very high impedance (approaching 106 at its rated working voltage) and appears as an almost open circuit in the system. The leakage current drawn at this level is very low (<25A at ambient temperature) and, unlike the zener diode, the multilayer TVS has the added advantage that, when operated up to its maximum temperature, its leakage current will not increase above 500A.
Recommended Pad Outline
Note: Avoid metal runs in this area, parts are not recommended for use in applications using silver (Ag) expoxy paste.
Nominal Voltage (VN(DC))
This is the voltage at which the AUML enters its conduction state and begins to suppress transients. In the automotive environment this voltage is defined at the 10mA point and has a minimum (VN(DC) MIN) and maximum (VN(DC) MAX) voltage specified.
3
SURFACE MOUNT VARISTORS
Mechanical Dimensions
E
L D W
Explanation of Terms
Maximum Continuous DC Working Voltage (VM(DC))
This is the maximum continuous DC voltage which may be applied, up to the maximum operating temperature (125oC), to the ML suppressor. This voltage is used as the reference test point for leakage current and is always less than the breakdown voltage of the device.
Load Dump Energy Rating (WLD)
This is the actual energy the part is rated to dissipate under load dump conditions (not to be confused with the "source energy" of a load dump test specification).
Maximum Clamping Voltage (VC)
This is the peak voltage appearing across the suppressor when measured at conditions of specified pulse current and specified waveform (8/20s). It is important to note that the peak current and peak voltage may not necessarily be coincidental in time.
w w w. l i t t e l f u s e . c o m
193
Multilayer Transient Voltage Surge Suppressor
RoHS
AUML Varistor Series
V18AUMLAXXXX TYPES
Ordering Information
V
18 AUML A 2220
X
X
AUML SERIES
DEVICE FAMILY TVSS Device MAXIMUM DC WORKING VOLTAGE AUTOMOTIVE MULTILAYER DESIGNATOR LOAD DUMP ENERGY RATING INDICATOR DEVICE SIZE i.e., 220 mil x 200 mil Note: See quantity table
PACKING OPTIONS A: 2500 pc. Bulk Pack H: 7in (178mm) Diameter Reel (Note) T: 13in (330mm) Diameter Reel (Note) END TERMINATION OPTION N: Nickel Barrier (Ni/Sn) No Letter: Ag/Pt (2220 only)
Standard Shipping Quantities
Tape and Reel Specifications
* Conforms to EIA - 481, Revision A * Can be Supplied to IEC Publication 286 - 3
194
w w w. l i t t e l f u s e . c o m
Multilayer Transient Voltage Surge Suppressor
RoHS
AUML Varistor Series
3
SURFACE MOUNT VARISTORS
Standard Packaging
Tape and rell is the standard packaging method of the AUML series. The standard 300 millimeter (13 inch) reel utilized contains 4000 pieces for the 2200 and 1812 chips, 8000 pieces for the 1210 chip and 10,000 pieces for the 1206 size. To order add "T" to the standard part number, e.g. V18AUMLA222OT.
Special Packaging
Option1: 178 millimeter (7 inch) reels containing 1000 (2220, 1812), 2000 (1210), 2500 (1206), pieces are available. To order add "H" to the standard part number, e.g. V18AUMLA2220H. Option 2: For small sample quantities (less than 100 pieces) the units are shipped bulk pack. To order add "A" to the standard part number, e.g. V18AUMLA2220A.
w w w. l i t t e l f u s e . c o m
195


▲Up To Search▲   

 
Price & Availability of V18AUMLA120606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X