Part Number Hot Search : 
KS05V4 09500 NJU8755 EG1125 74F51PC CD4050B MO356C 2512R4
Product Description
Full Text Search
 

To Download UF600A07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF600A ... UF600M
UF600A ... UF600M
Ultrafast Switching Si-Rectifiers - Ultraschnelle Si-Gleichrichter Version 2006-04-26 Nominal current Nennstrom
O8
0.1
6A 50...1000 V O 8 x 7.5 [mm] P600 Style 1.3 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
62.50.5
Type
O 1.2
0.05
Dimensions - Mae [mm]
Maximum ratings Type Typ UF600A UF600B UF600D UF600G UF600J UF600K UF600M Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 TA = 50C f > 15 Hz TA = 25C TA = 25C IFAV IFRM IFSM i2t Tj TS
7,50.1
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 6 A 1) 60 A 1) 270/300 A 370 A2s -50...+175C -50...+175C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
UF600A ... UF600M Characteristics Type Typ Tj = 25C UF600A ... UF600D UF600G UF600J ... UF600M Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht Reverse recovery time Sperrverzugszeit trr [ns]1) < 75 < 75 < 100 Tj = 25C Kennwerte Forward voltage Durchlass-Spannung VF [V] < 1.0 < 1.25 < 1.7 VR = VRRM IR RthA RthL at / bei IF = [A] 5 5 5 < 25 A < 14 K/W 1) < 4 K/W
120 [%] 100
102 [A] 10
UF600A...D UF600G UF600J...M
80
60
1
40 10-1 20 IFAV 0 0 TA 50 100 150 [C]
1
IF 10-2 VF
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
Tj = 25C
[V]
Rated forward current versus ambient temperature ) 1 Zul. Richtstrom in Abh. von der Umgebungstemp. )
1 1
IF = 0.5 A through/uber IR = 1 A to/auf IR = 0.25 A Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of UF600A07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X