|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TSM2N7002E 60V N-Channel MOSFET SOT-23 SOT-323 Pin Definition: 1. Gate 2. Source 3. Drain PRODUCT SUMMARY VDS (V) RDS(on)() 60 3 @ VGS = 10V 4 @ VGS = 4.5V ID (mA) 300 200 Features Low On-Resistance: 3 Low Input and Output Leakage Block Diagram Application Direct Logic-Level Interface: TTL/CMOS Solid-State Relays Ordering Information Part No. TSM2N7002ECX RF TSM2N7002ECU RF Package SOT-23 SOT-323 Packing 3Kpcs / 7" Reel 3Kpcs / 7" Reel N-Channel MOSFET Absolute Maximum Rating (Ta = 25oC unless otherwise noted) Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Continuous Source Current (Diode Conduction) Maximum Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range a,b o o Symbol VDS VGS ID IDM IS PD TJ TJ, TSTG Ta = 25 C Ta = 75 C Limit 60 20 300 1 300 350 220 +150 -55 to +150 Unit V V mA A mA mW o o C C Thermal Performance Parameter Lead Temperature (1/8" from case) Junction to Ambient Thermal Resistance (PCB mounted) Symbol TL RJA Limit 5 357 Unit S o C/W Notes: a. Pulse width limited by the Maximum junction temperature b. Surface Mounted on FR4 Board, t 5 sec. c. The power dissipation of the package may result in a continuous drain current. 1/7 Version: A07 TSM2N7002E 60V N-Channel MOSFET Electrical Specifications (Ta = 25oC, unless otherwise noted) Parameter Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate Body Leakage Zero Gate Voltage Drain Current On-State Drain Current Drain-Source On-State Resistance Forward Transconductance Diode Forward Voltage Dynamic b Conditions VGS = 0V, ID = 10A VDS = VGS, ID = 250A VGS = 20V, VDS = 0V VDS = 60V, VGS = 0V VGS = 10V, VDS = 7.5V VGS = 4.5V, VDS = 10V VGS = 10V, ID = 300mA VGS = 4.5V, ID = 200mA VDS = 15V, ID = 300mA IS = 300mA, VGS = 0V Symbol BVDSS VGS(TH) IGSS IDSS ID(ON) RDS(ON) gfs VSD Qg Qgs Qgd Ciss Coss Crss td(on) tr td(off) Min 60 1.0 --800 500 --------------- Typ ----1300 700 1.9 2.7 320 0.9 0.4 0.06 0.06 20 11 4 7.5 6 7.5 3 Max -2.5 100 1.0 --3 4 -1.2 0.6 --50 25 5 20 -20 -- Unit V V nA A mA mS V Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching c VDS = 10V, ID = 250mA, VGS = 4.5V VDS = 25V, VGS = 0V, f = 1.0MHz nC pF Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time VDD = 30V, ID = 100mA, VGEN = 10V, nS RG = 10 Turn-Off Fall Time tf Notes: a. pulse test: PW 300S, duty cycle 2% b. For DESIGN AID ONLY, not subject to production testing. b. Switching time is essentially independent of operating temperature. 2/7 Version: A07 TSM2N7002E 60V N-Channel MOSFET Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted) Output Characteristics Transfer Characteristics On-Resistance vs. Drain Current Gate Charge On-Resistance vs. Junction Temperature Source-Drain Diode Forward Voltage 3/7 Version: A07 TSM2N7002E 60V N-Channel MOSFET Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted) On-Resistance vs. Gate-Source Voltage Threshold Voltage Single Pulse Power Normalized Thermal Transient Impedance, Junction-to-Ambient 4/7 Version: A07 TSM2N7002E 60V N-Channel MOSFET SOT-23 Mechanical Drawing DIM A A1 B C D E F G H I J SOT-23 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX. 0.95 BSC 0.037 BSC 1.9 BSC 0.074 BSC 2.60 3.00 0.102 0.118 1.40 1.70 0.055 0.067 2.80 3.10 0.110 0.122 1.00 1.30 0.039 0.051 0.00 0.10 0.000 0.004 0.35 0.50 0.014 0.020 0.10 0.20 0.004 0.008 0.30 0.60 0.012 0.024 5 10 5 10 Marking Diagram 2E = Device Code Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code 5/7 Version: A07 TSM2N7002E 60V N-Channel MOSFET SOT-323 Mechanical Drawing DIM A A1 bp C D E e e1 He Lp Q W SOT-323 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 0.80 1.10 0.0315 0.0433 -0.10 -0.0039 0.30 0.40 0.0118 0.0157 0.10 0.25 0.0039 0.0098 1.80 2.20 0.0709 0.0866 1.15 1.35 0.0453 0.0531 1.30 -0.0512 -0.65 -0.0256 -2.00 2.20 0.0787 0.0866 0.15 0.45 0.0059 0.0177 0.13 0.23 0.0051 0.0091 0.20 -0.0079 -o o 10 -10 -- Marking Diagram 2E = Device Code Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code 6/7 Version: A07 TSM2N7002E 60V N-Channel MOSFET Notice Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale. 7/7 Version: A07 |
Price & Availability of TSM2N7002E07 |