Part Number Hot Search : 
OPL7320 LD5000 PNZ150L AMP1009 NJM2123 78052 NJU7054D LA7668
Product Description
Full Text Search
 

To Download TRSL-9380-CXX0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES
l l l l l l l l l l l l l l l l l
TRSL-9380-CXX0G
1
**********************************************************************************************************************************************************************
TRSL-9380-CXX0G 3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
*********************************************************************************************************************************************************************
DESCRIPTION
18-wavelength CWDM Transceivers Duplex LC Single Mode Transceiver SONET OC-48 LR / SDH STM-16 Compliant Fiber Channel 2X/1X SM-LC-L FC-PI Compliant IEEE 802.3z Gigabit Ethernet Compliant Small Form Factor, RJ-45 size, 2X5 pin Package CWDM DFB LD Transmitter APD High Sensitivity Receiver 28 dB Link Budget at Least AC/AC Coupled Signal Input / Output LVTTL Transmitter Disable Input LVTTL Signal Detection Output Single +3.3 V Power Supply 0 to 70oC Operation RoHS Compliant Wave Solderable and Aqueous Washable Class 1 Laser International Safety Standard IEC-60825 Compliant
The TRSL-9380-CXX0G series single mode transceivers is low power, high performance CWDM modules for bi-directional serial optical data communications such as SONET OC-48 LR / SDH STM-16, gigabit Ethernet and 1X/2X Fiber Channel. There are eighteen center wavelengths available from 1270 nm to 1610 nm, each step 20 nm. A guaranteed minimum optical link budget of 28 dB is offered. The transmitter section uses a multiple quantum well CWDM DFB laser and is a Class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs Avalanche photodetector preamplifier mounted in an optical header and a limiting post-amplifier IC. A LVPECL logic interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l l l l ATM Switches and Routers SONET / SDH Switch Infrastructure XDSL Applications Metro Edge Switching
P/No. Bit Rate (Mb/s) 2488
o
ORDER INFORMATION
SONET/ SDH LR-2/L-16.2 Power Wavelength Budget (nm) (dB) 28 CWDM* Package Temp. (oC) 0 to 70 TX Power RX Sens. RoHS (dBm) (dBm) Compliant 5 to 0 -28 Yes
TRSL-9380-CXX0G
2X5 LC
CWDM Wavelength (0 to 70 C) Central Min. Typ. Max. Central Wavelength (nm) (nm) (nm) Wavelength -C270 1264.5 1270 1277.5 -C450 -C290 1284.5 1290 1297.5 -C470 -C310 1304.5 1310 1317.5 -C490 -C330 1324.5 1330 1337.5 -C510 -C350 1344.5 1350 1357.5 -C530 -C370 1364.5 1370 1377.5 -C550 -C390 1384.5 1390 1397.5 -C570 -C410 1404.5 1410 1417.5 -C590 -C430 1424.5 1430 1437.5 -C610 CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm.
Min. (nm) 1444.5 1464.5 1484.5 1504.5 1524.5 1544.5 1564.5 1584.5 1604.5
Typ. (nm) 1450 1470 1490 1510 1530 1550 1570 1590 1610
Max. (nm) 1457.5 1477.5 1497.5 1517.5 1537.5 1557.5 1577.5 1597.5 1617.5
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V3.0
Optoway
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr --Vcc --Iout Min -40 0 0 GND 0 Max 85 70 260 4.5 Vcc 30 Units o C o C o C V V mA
TRSL-9380-CXX0G
Notes With air flow 1m/sec 10 seconds on leads only
2
***********************************************************************************************************************************************************************
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Temperature Data Rate Symbol Vcc Topr Min 3.13 0 622 Typ 3.3 2488 Max 3.47 70 2700 Units / Notes V o C / Air flow 1m/sec Mb/s
Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Extinction Ratio Output Eye Optical Rise Time Optical Fall Time Relative Intensity Noise Electrical Power Supply Current Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Disable Input Voltage -- Low Disable Input Voltage -- High Shut Off Time for TxDis Symbol Min Typ Max Units Notes 1 2 -20 dB Width
Po 0 --5 dBm -5.5 +7.5 nm ----1 nm SMSR 30 dB ER 10 ----dB Compliant with Bellcore GR-253-CORE and ITU recommendation G.957 tr 150 ps tf 150 ps RIN -120 dB/Hz Icc IIL IIH VIH - V IL VIL - V CC VIH - V CC VTDIS,L VTDIS,H tDIS 180 -350 350 300 -2.0 -1.1 0 Vcc - 1.3 -1.58 -0.74 0.5 Vcc 1 mA A A mV V V V V ms
20% to 80% Values 20% to 80% Values
3
4 4 TX Output Enabled TX Ouput Disabled
Notes: 1. Output power is power coupled into a 9/125 m single mode fiber.
2. ITU-T G.694.2 CWDM wavelength from 1270 nm to 1610 nm, each step 20 nm.
3. Maximum current is specified at Vcc = Maximum @ maximum temperature. 4. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V3.0
Optoway
Receiver Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Power Supply Current Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High Symbol --Pin Pa Pd Min ---9 ---40 1.0 1100 Typ ----------Max -28 ---28 --1620 100 -1.58 -0.74 0.8 Units dBm dBm dBm dBm dB nm mA V V V V
TRSL-9380-CXX0G
Notes 1 Transition: low to high Transition: high to low
3
***********************************************************************************************************************************************************************
Icc VOL - VCC VOH - VCC VSDL VSDH
-2.0 -1.1 2.0
2 3 3
Notes: 1. Minimum sensitivity and saturation levels at BER=1E-10 for a 2 23-1 PRBS. 2. The current excludes the output load current. 3. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
CONNECTION DIAGRAM
PIN 1 2 3 4 5 6 7 8 9 10 MS
Symbol VEEr VCC r SD RD- RD+ VCC t VEEt TDis TD+ TDMS
Notes Directly connect this pin to the receiver ground plane +3.3V dc power for the receiver section Active high on this indicates a received optical signal. Receiver Dataout Bar. See recommended circuit schematic Receiver Dataout. See recommended circuit schematic +3.3V dc power for the transmitter section Directly connect this plan to the transmitter ground plane Transmitter Disable. Connect this pin to +3.3V TTL logic "1" to disable module To enable module connect to TTL logic low "0" Transmitter Data In. See recommended circuit schematic Transmitter Data In Bar. See recommended circuit schematic Mounting Studs. Connect to Chassis Ground
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V3.0
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
Vcc3.3V
TRSL-9380-CXX0G
4
***********************************************************************************************************************************************************************
TDZ=50R
LVPECL
TD+
Z=5OR
10 9 8 7 6
TXDis(LVTTL)
1uH
Vcc3.3V
TDTD+ TDis Veet Vcct
10nF
10uF 1uH
10nF
10uF
PHY DEVICE
1 2 3 4 5
Veer Vccr SD RDRD+
10nF
10uF
Vcc3.3V
RD+
100R Z=50R
LVPECL
RDZ=5OR
SD
TO LVTTL STAGE
Note: 1. TX input is terminated inside the module. 2. Veer and Veet are not internally connected to each other. 3. 50 line pattern and component placements on TD+/TD- and RD+/RD- lines shall be symmetrical for better impedance matching.
PACKAGE DIAGRAM
Units in mm
1) Standard Case
TRSL-9380-CXX0G
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V3.0
Optoway
2) Extended Case
TRSL-9380-CXX0G
5
***********************************************************************************************************************************************************************
TRSL-9380E-CXX0G
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V3.0


▲Up To Search▲   

 
Price & Availability of TRSL-9380-CXX0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X