|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Optoway FEATURES l l l l TRSL-8380W-CXX0G 1 *********************************************************************************************************************************************************************** TRSL-8380W-CXX0G (RoHS Compliant) 3.3V / CWDM / 4.25 Gbps Digital Diagnostic SFF LC SINGLE-MODE TRANSCEIVER ********************************************************************************************************************************************************************** DESCRIPTION l l l l l l l l l l Up to 4.25 Gb/s Bi-directional Data Links Duplex LC Single Mode Transceiver Small Form Factor, RJ-45 size, 2x5 pin Package 18 Wavelength (): 1270 nm to 1610 nm CWDM DFB LD Transmitter 28 dB Power Budget at Least SFF-8472 Digital Diagnostic Function AC/AC Coupled Signal Input / Output LVTTL Transmitter Disable Input LVTTL Signal Detect Output Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operation Wave Solderable and Aqueous Washable Class 1 Laser International Safety Standard IEC-60825 Compliant APPLICATIONS l Tri-rate 1.063/2.125/4.25 Gb/s Fibre Channel l 1.25 Gb/s 1000 BASE-LX Gigabit Ethernet The TRSL-8380-CXX0G series single mode transceivers is small form factor, low power, high performance module for bi-directional serial optical data communications such as 4x/2x/1x Fibre Channel and 1000BASE-LX Gigabit Ethernet. This 2x7 pin SFF transceiver comply with the 2x5 standard package defined by the SFF MSA with the exception of four extra pins for real-time digital diagnostics and transmitter fault indication. Digital diagnostic functions are available via the 2-wire serial interface defined in the SFF-8472 MSA. This module is designed for single mode fiber and operates at a nominal wavelength of CWDM wavelength. There are eighteen center wavelengths available from 1270 nm to 1610 nm, with each step 20 nm. A guaranteed minimum optical link budget of 28 dB is offered. The transmitter section uses a multiple quantum well CWDM DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry. LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. ORDER INFORMATION P/No. Bit Rate (Gb/s) 4/2/1 FC-PI Power Budget (dBm) > 28 Wavelength (nm) CWDM Package Temp. (oC) 0 to 70 TX Power RX Sens. (dBm) (dBm) 5 to 1 -27 RoHS Compliant Yes TRSL-8380W-CXX0G 400/200/100 2x7 LC with DMI CWDM* Wavelength (0 to 70oC) Central Min. Typ. Wavelength (nm) (nm) -C270 -C290 -C310 -C330 -C350 -C370 -C390 -C410 -C430 1264.5 1284.5 1304.5 1324.5 1344.5 1364.5 1384.5 1404.5 1424.5 1270 1290 1310 1330 1350 1370 1390 1410 1430 Max. (nm) 1277.5 1297.5 1317.5 1337.5 1357.5 1377.5 1397.5 1417.5 1437.5 Central Wavelength -C450 -C470 -C490 -C510 -C530 -C550 -C570 -C590 -C610 Min. (nm) 1444.5 1464.5 1484.5 1504.5 1524.5 1544.5 1564.5 1584.5 1604.5 Typ. (nm) 1450 1470 1490 1510 1530 1550 1570 1590 1610 Max. (nm) 1457.5 1477.5 1497.5 1517.5 1537.5 1557.5 1577.5 1597.5 1617.5 CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm. *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2/1/2007 V1.0 Optoway Absolute Maximum Ratings Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr --Vcc --Iout Min -40 0 0 GND 0 Max 85 70 260 4.5 Vcc 30 Units o C o C o C V V mA TRSL-8380W-CXX0G Notes 2 *********************************************************************************************************************************************************************** 10 seconds on leads only Recommended Operating Conditions Parameter Symbol Power Supply Voltage Vcc Operating Temperature Topr Data Rate Power Supply Current Icc Min 3.13 0 1 Typ 3.3 4.25 240 Max 3.47 70 300 Units / Notes V o C / air flow 1m/sec Gb/s mA Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V) Parameter Optical Optical Transmit Power Optical Modulation Amplitude @4.25 Gb/s Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Optical Rise Time Relative Intensity Noise Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Disable Input Voltage -- Low Disable Input Voltage -- High Shut Off Time for TxDis Symbol Po OMA SMSR tr / tf RIN IIL IIH VIH - V IL VIL - V CC VIH - V CC VTDIS,L VTDIS,H tDIS Min 1 1500 c -5.5 --30 c c +7.5 1 90 -118 -350 350 300 -2.0 -1.1 0 Vcc - 1.3 -1.58 -0.74 0.5 Vcc 1 Typ --Max 5 Units dBm W nm nm dB ps dB/Hz A A mV V V V V ms 2 -20 dB width 20% to 80% Values Notes 1 2 2 TX Output Enabled TX Ouput Disabled 1. Output power is power coupled into a 9/125 m single mode fiber. 2. ITU-T G.694.2 CWDM wavelength from 1270 nm to 1610 nm, each step 20 nm. 3. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs. *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2/1/2007 V1.0 Optoway Receiver Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3. 47V) Parameter Optical Sensitivity @ 4.25 Gb/s Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High 7 TRSL-8380W-CXX0G Symbol Min Typ Max 2.6 -27 ---18 --1600 -1.58 -0.74 0.5 Units W dBm dBm dBm dBm dB nm V V V V Notes 3 4 Transition: low to high Transition: high to low 3 *********************************************************************************************************************************************************************** Sen1 Pin Pa Pd --0 ---31 1.0 1260 -2.0 -1.1 2.0 ----------- VOL - VCC VOH - VCC VOL VOH 5 5 3. Measured at PRBS 2 -1 at BERT 1E-12. 4. Represents sensitivity based on OMA spec, as corrected to incoming Extinction Ratio of 9 dB. For example, an OMA of 2.6 W is approximately equal to an average power of -27.7 dBm, average with an Extinction ratio of 9 dB. 5. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs. *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2/1/2007 V1.0 Optoway CONNECTION DIAGRAM 54321AC MS TRSL-8380W-CXX0G 4 *********************************************************************************************************************************************************************** TOP VIEW 6 7 8 9 10 B D MS PIN C A 1 2 3 4 5 MS Signal Name N/C SDA VeeRx VccRx SD RDRD+ MS Description Not Connected Data line of two wire serial interface Rreceiver ground Receiver Power - 3.3V5% Signal Detect Output Receiver Data Out Bar Receiver Data Out Mounting Studs. Connect to Chassis Ground PIN D B 10 9 8 7 6 Signal Name TX_Fault SCL Description Transmitter Fault Indication Clock line of two wire serial interface Transmitter Data In Bar Transmitter Data In Logic low to enable TXoutput Transmitter ground Transmitter Power - 3.3V5% TDTD+ TX_Disable VeeTx VccTx Module Definition Module Definition 4 MOD-DEF2 PIN A SDA MOD-DEF1 PIN B SCL MOD-DEF0 Interpretation by Host Serial module definition protocol Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components. Recommended Circuit Schematic Vee TX 7 TX _Disabl e 8 TX _Fault D 4.7K to 10K TX _Disabl e TX _Fault LD Driver TD+ 9 Z=50 100 TD- 10 VccTX 6 10nF 2 10nF RD- 4 Z=50 100 10F 1H Z=50 VC 3.3V C TD+ TD- 10F 1H 10nF 10F VccRX SerDes IC Protocol IC RD- POST Amp RD+ 5 Z=50 RDDependi ng on SerDes SD 3 4.7K to 10K Vee RX 1 SCL B SDA A N/C C 4.7K to 10K 4.7K to 10K VC 3.3V C Signal Dete ct SCL SDA EE PORM SFF Module *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2/1/2007 V1.0 Optoway PACKAGE DIAGRAM (Units in mm) A) Standard Case TRSL-8380W-CXX0G 5 *********************************************************************************************************************************************************************** TRSL-8380W-CXX0G B) Extended Case TRSL-8380W-CXX0EG Note: Specifications subject to change without notice. *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2/1/2007 V1.0 |
Price & Availability of TRSL-8380W-CXX0G |