Part Number Hot Search : 
SP6661EB HC373 1219BRJZ 93LC86 OP37FJ FJP5321 D2309 HY5DU561
Product Description
Full Text Search
 

To Download TRSL-7380C-CXX0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES
l l l l l l l l l l l l l l l
TRSL-7380C-CXX0G
1
***********************************************************************************************************************************************************************
TRSL-7380C-CXX0G / TRSL-7380-CXX0G 3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
DESCRIPTION
Duplex LC Single Mode Transceiver IEEE 802.3z Gigabit Ethernet 1000BASE Compliant Fiber Channel 1x SM-LC-L FC-PI Compliant Small Form Factor, RJ-45 size, 2X5 pin Package 18-Wavelength CWDM DFB LD Transmitter from 1270 nm to 1610 nm, with step 20 nm 24 dB Link Power Budget at Least AC/AC Coupled Signal Input / Output LVTTL Transmitter Disable Input LVTTL Signal Detect Output: TRSL-7380C-CXX0G LVPECL Signal Detect Output: TRSL-7380-CXX0G Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operation Wave Solderable and Aqueous Washable Class 1 Laser International Safety Standard IEC-60825 Compliant
The TRSL-7380C-CXX0G series single mode transceivers is low power, high performance CWDM modules for bi-directional serial optical data communications such as IEEE 802.3z Gigabit Ethernet 1000BASE and Fiber Channel 1X SM-LC-L FC-PI. There are eighteen center wavelengths available from 1270 nm to 1610 nm, each step 20 nm. A guaranteed minimum optical link budget of 24 dB is offered. The transmitter section uses a multiple quantum well DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A LVPECL logic interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l l l l Gigabit Ethernet Switches and Routers Fiber Channel Switch Infrastructure XDSL Applications Metro Edge Switching
ORDER INFORMATION
P/No. Bit Rate (Gb/s) 1000 BASE Power Budget (dB) > 24 Wavelength Package (nm) CWDM* 2X5 LC Temp. (oC) 0 to 70 TX Power RX Sens. RoHS (dBm) (dBm) Compliant 5 to 0 -24 Yes
TRSL-7380C-CXX0G 1.25/1.063
o
CWDM Wavelength (0 to 70 C) Central Min. Typ. Max. Central Wavelength (nm) (nm) (nm) Wavelength -C270 1264.5 1270 1277.5 -C450 -C290 1284.5 1290 1297.5 -C470 -C310 1304.5 1310 1317.5 -C490 -C330 1324.5 1330 1337.5 -C510 -C350 1344.5 1350 1357.5 -C530 -C370 1364.5 1370 1377.5 -C550 -C390 1384.5 1390 1397.5 -C570 -C410 1404.5 1410 1417.5 -C590 -C430 1424.5 1430 1437.5 -C610 CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm.
Min. (nm) 1444.5 1464.5 1484.5 1504.5 1524.5 1544.5 1564.5 1584.5 1604.5
Typ. (nm) 1450 1470 1490 1510 1530 1550 1570 1590 1610
Max. (nm) 1457.5 1477.5 1497.5 1517.5 1537.5 1557.5 1577.5 1597.5 1617.5
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2004 V3.0
Optoway
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr --Vcc --Iout Min -40 0 0 GND 0 Max 85 70 260 4.5 Vcc 30 Units o C o C o C V V mA
TRSL-7380C-CXX0G
Notes With air flow 1m/sec 10 seconds on leads only
2
***********************************************************************************************************************************************************************
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Temperature Data Rate Power Supply Current Symbol Vcc Topr Icc Min 3.13 0 1000 Typ 3.3 1250 200 Max 3.47 70 280 Units / Notes V o C / air flow 1m/sec Mb/s mA
Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3. 47V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Extinction Ratio Output Eye Optical Rise Time Optical Fall Time Relative Intensity Noise Total Jitter Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Disable Input Voltage -- Low Disable Input Voltage -- High Shut Off Time for TxDis Symbol Min Typ -- Max 5 +7.5 1 --0.26 0.26 -120 0.227 Units dBm nm nm dB dB ns ns dB/Hz ns A A mV V V V V ms Notes 1 2 -20 dB Width
Po 0 -5.5 -- SMSR 30 ER 9 Compliant with IEEE 802.3z tr tf RIN TJ IIL IIH VIH - V IL VIL - V CC VIH - V CC VTDIS,L VTDIS,H tDIS -350
---
20% to 80% Values 20% to 80% Values 3
350 300 -2.0 -1.1 0 Vcc - 1.3 -1.58 -0.74 0.5 Vcc 1
4 4 TX Output Enabled TX Ouput Disabled
Notes: 1. Output power is power coupled into a 9/125 m single mode fiber. 2. ITU-T G.694.2 CWDM wavelength from 1270 nm to 1610 nm, each step 20 nm. 3. Measured with a 223-1 PRBS with 72 ones and 72 zeros. 4. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V3.0
Optoway
Receiver Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3. 47V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High Symbol --Pin Pa Pd Min ---3 ---33 1.0 1100 -2.0 -1.1 2.0 -2.0 -1.1 Typ --0 --------Max -24 ---24 --1620 -1.58 -0.74 0.8 -1.58 -0.74 Units dBm dBm dBm dBm dB nm V V V V V V
TRSL-7380C-CXX0G
Notes 1 Transition: low to high Transition: high to low
3
***********************************************************************************************************************************************************************
VOL - VCC VOH - VCC VOL VOH VOL - VCC VOH - VCC
2 2 TRSL-7380C-CXX0G TRSL-7380-CXX0G
1. Minimum sensitivity and saturation levels at BER=1E-12 for a 27-1 PRBS. 2. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
CONNECTION DIAGRAM
PIN 1 2 3 4 5 6 7 8 9 10 MS
Symbol VEEr VCC r SD RD- RD+ VCC t VEEt TDis TD+ TDMS
Notes Directly connect this pin to the receiver ground plane +3.3V dc power for the receiver section Active high on this indicates a received optical signal. Receiver Dataout Bar. See recommended circuit schematic Receiver Dataout. See recommended circuit schematic +3.3V dc power for the transmitter section Directly connect this plan to the transmitter ground plane Transmitter Disable. Connect this pin to +3.3V TTL logic "1" to disable module To enable module connect to TTL logic low "0" Transmitter Data In. See recommended circuit schematic Transmitter Data In Bar. See recommended circuit schematic Mounting Studs. Connect to Chassis Ground
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V3.0
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
Vcc3.3V
TRSL-7380C-CXX0G
4
***********************************************************************************************************************************************************************
TDZ=50R
LVPECL
TD+
Z=5OR
10 9 8 7 6
TXDis(LVTTL)
1uH
Vcc3.3V
TDTD+ TDis Veet Vcct
10nF
10uF 1uH
10nF
10uF
PHY DEVICE
1 2 3 4 5
Veer Vccr SD RDRD+
10nF
10uF
Vcc3.3V
RD+
100R Z=50R
LVPECL
RDZ=5OR
SD
TO LVTTL STAGE
Note: 1. TX input is terminated inside the module. 2. 1000SD Output pull-down resistor required for TRSL-73X0-CXX0G (LVPECL SD Output). 3. Veer and Veet are not internally connected to each other. 4. 50 line pattern and component placements on TD+/TD- and RD+/RD- lines shall be symmetrical for better impedance matching.
PACKAGE DIAGRAM
Units in mm
1) Standard Case
TRSL-7380-CXX0G / TRSL-7380C-CXX0G
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V3.0
Optoway
2) Extended Case
TRSL-7380C-CXX0G
5
***********************************************************************************************************************************************************************
TRSL-7380E-CXX0G / TRSL-7380CE-CXX0G
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V3.0


▲Up To Search▲   

 
Price & Availability of TRSL-7380C-CXX0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X