Part Number Hot Search : 
IRF740 003931 BAW56WT MXTA42 08025R6 D1210 ATMEL 2SB1284
Product Description
Full Text Search
 

To Download TRS-3320G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES
l l l l l l l l l l l
TRS-3320G
1
***********************************************************************************************************************************************************************
TRS-3320G / TRS-3320TG / TRS-3320FG 3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
**********************************************************************************************************************************************************************
DESCRIPTION
Duplex SC Single Mode Transceiver: TRS-3320G Duplex ST Single Mode Transceiver: TRS-3320TG Duplex FC Single Mode Transceiver: TRS-3320FG Intermediate-Reach SONET OC-3 / SDH STM-1 (S-1.2) Compliant Industry Standard 1 x 9 Footprint Single +3.3 V Power Supply RoHS Compliant PECL Signal Detection Output LED Multisourced 1 x 9 Transceiver Interchangeable Wave Solderable and Aqueous Washable Class 1 Laser International Safety Standard IEC-60825 Compliant
The TRS-3320G series single mode transceivers is low power, high performance module for bi-directional serial optical data communications such as SONET OC-3 / SDH STM-1 (S-1.2) and Fast Ethernet. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm. The transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
Package Temp. (oC) 0 to 70 TX RX Sens. RoHS Power (dBm) Compliant (dBm) -8 to -15 -34 Y
APPLICATIONS
l ATM 155 Mbps Links l SONET/SDH Equipment Interconnect l Fast Ethernet 100 Mb/s Links
ORDER INFORMATION
P/No. Bit Rate SONET Distance Wavelength Voltage (Mb/s) /SDH (km) (nm) (V) 155 IR-2/S-1.2 20 1550 3.3
TRS-3320G
1X9 SC/ST/FC
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr --Vcc --Iout Min -40 0 0 GND 0 Max 85 70 260 4.5 Vcc 30 Units o C o C o C V V mA Notes
10 seconds on leads only
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Temperature Data Rate Power Supply Current Symbol Vcc Topr Icc Min 3.1 0 Typ 3.3 155 240 Max 3.5 70 Units V o C Mb/s mA
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2005 V2.0
Optoway
Transmitter Specifications (0 oC < Topr < 70 oC, 3.1V < Vcc < 3. 5V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Extinction Ratio Output Eye Optical Rise Time Optical Fall Time Relative Intensity Noise Total Jitter Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Symbol Min Typ Max Units
TRS-3320G
Notes
2
***********************************************************************************************************************************************************************
Po -15 ---8 dBm 1 1510 1550 1580 nm ----2.5 nm RMS () ER 8.2 ----dB Compliant with Bellcore TR-NWT-000253 and ITU recommendation G.957 tr 2 ns 10% to 90% Values tf 2 ns 10% to 90% Values RIN -116 dB/Hz TJ 1 ns 2 IIL IIH V IH - VIL V IL - V CC V IH - VCC -350 350 300 -2.0 -1.1 -1.58 -0.74 A A mV V V
3 3
Notes: 1. Output power is power coupled into a 9/125 m single mode fiber. 2. Measured with a 223-1 PRBS with 72 ones and 72 zeros. 3. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
Receiver Specifications (0oC < Topr < 70oC, 3.1V < Vcc < 3. 5V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High Symbol --Pin Pa Pd Min ---3 ---47 1.0 1100 -2.0 -1.1 -2.0 -1.1 Typ ----------Max -34 ---34 --4.0 1600 -1.58 -0.74 -1.58 -0.74 Units dBm dBm dBm dBm dB nm V V V V Notes 1 Transition: low to high Transition: high to low
VOL - V CC VOH - V CC VOL - V CC VOH - V CC
2 2
Notes: 1. Minimum sensitivity and saturation levels at BER=1E-10 for a 223-1 PRBS with 72 ones and 72 zeros. 2. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2005 V2.0
Optoway
CONNECTION DIAGRAM
Receiver Signal Ground 1 (Rx GND) Receiver Data Out 2 (RD+) Receiver Data Out Bar 3 (RD-) Signal Detect 4 (SD) Receiver Power Supply 5 (Rx Vcc) Transmitter Power Supply 6 (Tx Vcc) Transmitter Data In Bar 7 (TD-) Transmitter Data In 8 (TD+) Transmitter Signal Ground 9 (Tx GND) N/C
TRS-3320G
3
***********************************************************************************************************************************************************************
TOP VIEW
N/C
PIN 1 2 3 4 5 6 7 8 9
Symbol Rx GND RD+ RD- SD Rx Vcc Tx Vcc TD- TD+ Tx GND
Notes Directly connect this pin to the receiver ground plane See recommended circuit schematic See recommended circuit schematic Active high on this indicates a received optical signal +3.3V dc power for the receiver section +3.3V dc power for the transmitter section See recommended circuit schematic See recommended circuit schematic Directly connect this plan to the trransmitter ground plane
RECOMMENDED CIRCUIT SCHEMATIC
The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc and Tx Vcc. A GND plane under the module is required for good EMI and sensitivity performance.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2005 V2.0
Optoway
PACKAGE DIAGRAM
Units in mm 1) SC Type
TRS-3320G
4
***********************************************************************************************************************************************************************
TX OPTICAL
RX OPTICAL
TRS-3320G 2) ST Type
TX OPTICAL
RX OPTICAL
TRS-3320TG
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2005 V2.0
Optoway
3) FC Type
12.7
TRS-3320G
5
***********************************************************************************************************************************************************************
TX OPTICAL
RX OPTICAL
2.54*8 20.32
25.4
13.9
10
5.97
10.18
20.32
34.5MAX
TRS-3320FG
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
0.75
O1.3
13.7
10/1/2005 V2.0


▲Up To Search▲   

 
Price & Availability of TRS-3320G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X