Part Number Hot Search : 
TBAV70 MAX6983 201DA DS17487 2SK1930 BAS21SG 20006 PIC12
Product Description
Full Text Search
 

To Download TPD1044F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPD1044F
Toshiba Intelligent Power Device
TPD1044F
Silicon Monolithic Power MOS Integrated Circuit
Low-Side Switch for Motor, Solenoid and Lamp Drive
The TPD1044F is a low-side switch. The IC has a vertical MOSFET output which can be directly driven from a CMOS or TTL logic circuit (e.g., an MPU). The IC is equipped with intelligent self-protection functions.
Features
* A monolithic power IC with a new structure combining a control block and a vertical power MOSFET (L2--MOS) on single chip. Can directly drive a power load from a CMOS or TTL logic. Built-in protection circuits against overvoltage (active clamp), overtemperature (thermal shutdown), and overcurrent (current limiter). SON8-P-0303-0.65 Weight: 0.017 g (typ.)
* *
* * * *
Low Drain-Source ON-resistance: RDS (ON) = 0.6 (max) (@VIN = 5 V, ID = 0.5 A, Tch = 25C) Low Leakage Current: IDSS = 10 A (max) (@VIN = 0 V, VDS = 30 V, Tch = 25C) Low Input Current: IIN = 300 A (max) (@VIN = 5 V, Tch = 25C) "PS-8" package with embossed-tape packing.
Pin Assignment (top view)
Marking
Part No. (or abbreviation code)
DRAIN
1
8
DRAIN
1044F
Lot No.
DRAIN
2
7
DRAIN
DRAIN
3
6
DRAIN
Lot No.
SOURCE
4
5
IN
(TOP VIEW)
Week of manufacture (01 for first week of year; continuing up to 52 or 53) Year of manufacture (The last digit of the calendar year)
Note 1: Due to its MOS structure, this product is sensitive to static electricity.
1
2007-10-02
TPD1044F
Block Diagram
1 DRAIN 2 DRAIN 3 DRAIN 6 DRAIN IN 5 Overtemperature Detection/Protection SOURCE 4 Overcurrent Detection/Protection 7 DRAIN 8 DRAIN
Pin Description
Pin No. 1,2,3,6,7,8 4 5 Symbol DRAIN SOURCE IN Pin Description Drain current is limited (by current limiter) if it exceeds 1 A (min) in order to protect the IC. Source pin. Input pin. This pin is connected to a pull-down resistor internally, so that even when input wiring is open-circuited, output can never be turned on inadvertently.
2
2007-10-02
TPD1044F
Timing chart
Input signal
hysteresis V(CL)DSS Inductive load Normal Current limiting (limiter) Active clamp Thermal shutdown VDS H L H H H H Output state OFF ON OFF current limiting(limiter) OFF OFF Operating state Normal Overcurrent (load short) Overtemperature
Overcurrent detection
Channel temperature
Overtemperature detection
Drain-source voltage
VDD
Drain current
Note 2: The overtemperature detector circuits feature hysteresis. After overtemperature is detected, normal operation is restored only when the channel temperature falls by the hysteresis amount (5C typ.) in relation to the overtemperature detection temperature.
Truth table
IN L H L H L H
3
2007-10-02
TPD1044F
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain current Input voltage Power dissipation (Note 3) Single pulse active clamp capability (Note 4) Active clamp current Repetitive active clamp capability (Note 5) Operating temperature Channel temperature Storage temperature Symbol VDS(DC) ID VIN PD EAS IAR EAR Topr Tch Tstg Rating 41 Internally Limited -0.3~7 0.9 125 1 0.09 -40~125 150 -55~150 Unit V A V W mJ A mJ C C C
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient (Note 3) Symbol Rth (ch-a) Max 138.9 Unit C/W
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 3: Drive operation: Mounted on glass epoxy board [25.4mm x 25.4mm x 0.8mm]
Note 4: Active clamp capability (single pulse) test condition VDD = 40 V, Tch = 25C(initial), L = 50 mH, IAR = 1 A, RG = 25 Note 5: Repetitive rating, pulse width limited by maximum channel temperature.
4
2007-10-02
TPD1044F
Electrical Characteristics(Ta = 25)
Characteristics Drain-source clamp voltage Input threshold voltage Protective circuit operation input voltage range Drain cut-off current Input current Drain-source on resistance Overtemperature detection Overcurrent detection Switching time Symbol V (CL) DSS Vth VIN (opr) IDSS IIH (1) IIH (2) RDS (ON) TOT IOC ton toff Test circuit 1 2 Test condition VIN = 0 V,ID = 1 mA VDS = 13 V,ID = 10 mA VIN = 0 V,VDS = 30 V VIN = 5 V, at normal operation VIN = 5 V, when overcurrent protective circuit is actuated VIN = 5 V, ID = 0.5 A VIN = 5 V VIN = 5 V VDD = 13 V,VIN = 0 V/5 V, ID = 0.5 A Min 41 1.0 3 150 1.0 Typ. 0.44 160 1.8 10 15 Max 60 2.8 6 10 300 350 0.6 A Unit V V V A
C A s
Test circuit 1
Overcurrent measuring circuit
Test circuit Measured waveforms
RL large RL RL small IOC ID SOURCE 0
VDD=13V ID RL
DRAIN IN VIN = 5 V TPD1044F
Test circuit 2
Switching time measuring circuit
Test circuit
VDD=13V ID=0.5A DRAIN IN VIN TPD1044F P.G. SOURCE VDS
Measured waveforms
5V
VIN 10%
90%
13 V V 90% VDS ton 10% toff
5
2007-10-02
TPD1044F
V(CL) DSS - Tch
60 VIN = 0 V ID = 1 mA 5.0
Vth - Tch
VDS = 13 V
Drain-source clamp voltage V(CL) DSS (V) V(CL)DSS (V)
50
Vth (V) Input threshold voltage Vth (V)
ID = 10 mA 4.0
40
3.0
30
2.0
20
10
1.0
0 -80
-40
0
40
80
120
160
0.0 -80
-40
0
40
80
120
160
Tch (C) Channel temperature
Tch (C)
(C) ChannelTtemperature ch
Tch (C)
IIH (1) - Tch
400 VIN = 5 V normal operation 400 VIN = 5 V
IIH (2) - Tch
overcurrent protective circuit is actuated
High level input current IIH (A) IIH(1)(1)(A)
200
High level input current (A) I IIH (2)(A)
-40
300
300
200
100
IH(2)
100 0 -80
0 -80
0
40
80
120
160
-40
0
40
80
120
160
T temperature (C) Channelch
Tch (C)
T temperature (C) Channelch
Tch (C)
RDS (ON) - Tch
0.8 0.8
RDS (ON) - VIN
Drain-source on resistance RDS(ON) () () R
0.6
Drain-source on resistance RDS(ON) () RDS (ON) ()
0 40 80 120 160
0.6
DS (ON)
0.4
0.4
0.2 VIN = 5 V ID = 0.5 A 0.0 -80 -40
0.2 ID = 0.5 A Tch = 25 C 0.0 0 2 4 6 8
T temperature (C) Channelch
Tch (C)
(V) Input VIN voltage VIN (V)
6
2007-10-02
TPD1044F
IOC - Tch
4.0 4.0
IOC - VIN (A)
VIN = 5 V Tch = 25 C
(A)
IOC
3.0
IOC OvercurrentIdetection OC (A)
-40 0 40 80 120 160
3.0
IOC (A) Overcurrent detection
2.0
2.0
1.0
1.0
0.0 -80
0.0 0
2
4
6
8
Channel temperature
Tch (C)
Input voltage
VIN (V)
ton, toff - Tch
60 60 VDD = 13 V VIN = 5 V ID = 0.5 A 40
ton, toff - VIN
VDD = 13 V Tch = 25 C ID = 0.5 A 40
(s)
ton, toff
Switching time
20 toff ton
Switching time
ton, toff
(s)
20
toff
ton 0 -80 0 0
-40
0
40
80
120
160
2
4
6
8
Channel temperature
Tch (C)
Input voltage
VIN (V)
TOT - VIN (C)
200 VDD = 13 V
2.0
P T- PD D a Ta
25.4x25.4x0.8(mm) Mounted on glass epoxy board x 0.8mm] [25.4mm x 25.4mm
TOT
(W)
1.6
Overtemperature detection
PD (W) Power dissipation PD
2 4 6 8
150
1.2
100
0.8
50
0.4
0 0
0.0 -40 0 40 80 120 160
Input voltage
VIN (V)
Ambient temperature ) (C) Ta Ta (
7
2007-10-02
TPD1044F
(C/W )
rth(ch-a) - tw rth-tw
1000 25.4x25.4x0.8(mm) epoxy board Mounted on glass [25.4mm x 25.4mm x 0.8mm] single pulse, Ta=25C Measuring
rth(ch-a)(/W) Transient thermal resistance rth(ch-a)
100
10
1 0.001
0.01
0.1
1
10
100
1000
tw (s)(s) Pulse width tW
8
2007-10-02
TPD1044F
Package Dimensions
SON8-P-0303-0.65 Unit : mm
0.330.05 0.05 M A
0.330.05 0.475 0.65 2.90.1
2.40.1 2.80.1 B 0.05 M A
0.170.02 B 0.28 +0.1 0.80.05
+0.1 -0.11
S
0.025
S
Weight: 0.017 g (Typ.)
9
2007-10-02
0.28 -0.11
1.12
+0.13 1.12 +0.13 -0.12 -0.12
TPD1044F
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
10
2007-10-02


▲Up To Search▲   

 
Price & Availability of TPD1044F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X