Part Number Hot Search : 
UMA120CA BFL24 37513 SA45A MAX10 TC74VH HER156 FDH1040B
Product Description
Full Text Search
 

To Download TPCP8H01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPCP8H01
TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
TPCP8H01
2.40.1 0.475
1 4
Multi-chip discrete device; built-in NPN transistor for main switch and N-ch MOS FET for drive High DC current gain: hFE = 250 to 400 (IC = 0.5 A) (NPN transistor) Low collector-emitter saturation voltage: VCE (sat) = 0.13 V (max) (NPN transistor) High-speed switching: tf = 25 ns (typ.) (NPN transistor)
0.65 2.90.1
B A
0.05 M B
0.80.05
S
0.025
S
0.170.02
0.28 +0.1 -0.11
+0.13
Absolute Maximum Ratings (Ta = 25C)
Transistor
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation (NPN) Junction temperature DC (Note 1) Symbol VCBO VCEX VCEO VEBO IC ICP IB PC (Note 2) Tj Rating 100 80 50 6 5.0 7.0 0.5 1.0 150 Unit V V V A A W C
1. SOURCE 2. COLLECTOR 3. COLLECTOR 4. COLLECTOR
1.12 -0.12 1.12 +0.13 -0.12 0.28 +0.1 -0.11
5. BASE 6. EMITTER 7. GATE 8. DRAIN
JEDEC JEITA TOSHIBA
2-3V1E
Pulse (Note 1)
Weight : 0.017g (Typ.)
Circuit Configuration
8 7 6 5
MOS FET
Characteristics Drain-Source Voltage Gate-Source Voltage Drain Current Channel Temperature DC Pulse Symbol VDSS VGSS ID IDP Tch Rating 20 10 100 200 150 Unit V V mA C
1
2
3
4
Note 1: Ensure that the junction (channel) temperature does not exceed 150. Note 2: Device mounted on a glass-epoxy board (FR-4, 25.4x25.4x1.6 mm, Cu area: 645 mm2) Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). This transistor is an electrostatic-sensitive device. Please handle with caution.
1
2006-11-13
2.80.1
HIGH-SPEED SWITCHING APPLICATIONS LORD SWITCHING APPLICATIONS STROBE FLASH APPLICATIONS
0.330.05 0.05 M A
8 5
TPCP8H01
Common Absolute Maximum Rating (Ta = 25C)
Characteristics Storage temperature range Symbol Tstg Rating -55 to 150 Unit C
Marking
(Note 4)
8H01
*
Type Lot No. (Weekly code)
Note 4: The mark " " on the lower left of the marking indicates Pin 1. * Weekly code (three digits)
Week of manufacture (01 for the first week of the year, continuing up to 52 or 53) Year of manufacture (Last digit of the of the calendar year)
Electrical Characteristics (Ta = 25C)
Transistor
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Collector output capacitance Rise time Switching time Storage time Fall time Symbol ICBO IEBO V (BR) CEO hFE (1) hFE (2) VCE (sat) VBE (sat) Cob tr tstg tf Test Condition VCB = 100 V, IE = 0 VEB = 6 V, IC = 0 IC = 10 mA, IB = 0 VCE = 2 V, IC = 0.5 A VCE = 2 V, IC = 1.6 A IC = 1.6 A, IB = 53 mA IC = 1.6 A, IB = 53 mA VCB = 10 V, IE = 0, f = 1 MHz See Figure 1 circuit diagram. VCC 24 V, RL = 15 IB1 = -IB2 = 53 mA Min 50 250 100 Typ. 80 0.8 22 65 500 25 Max 100 100 400 130 1.1 ns mV V pF Unit nA nA V
Figure 1 Switching Time Test Circuit & Timing Chart
VCC 20 s IB1 IB2 IB2 Duty cycle < 1% IB1 RL Output
Input
2
2006-11-13
TPCP8H01
MOS FET
Characteristics Gate leakage current Drain-Source breakdown voltage Drain cut-off current Gate threshold voltage Forward transfer admittance Symbol IGSS V(BR)DSS IDSS V th Yfs Test Condition VGS = 10 V, VDS = 0 ID = 0.1 mA, VGS = 0 VDS = 20 V, VGS = 0 VDS = 3 V, ID = 0.1 mA VDS = 3 V, ID = 10 mA ID = 10 mA , VGS = 4.0 V Drain-Source ON resistance RDS(ON) ID = 10 mA , VGS = 2.5 V ID = 1 mA , VGS = 1.5 V Input capacitance Reverse transfer capacitance Output capacitance Turn-on time Switching time Turn-off time Ciss Crss Coss ton toff See Figure 2 circuit diagram. VDD 3 V, RL = 300 VGS = 0 to 2.5 V VDS = 3 V, VGS = 0, f= 1 MHz Min 20 0.6 40 Typ. 1.5 2.2 5.2 9.3 4.5 9.8 70 125 Max 1 1 1.1 3 4 15 ns pF Unit A V A V mS
Figure 2 Switching Time Test Circuit & Timing Chart
Vout
2.5V 0 10us
Vin Rg
RL
Gate Pulse Width 10s, tr,tf<5ns (Zout=50),Common Source,Ta=25C Duty Cycle<1%
VDD
Precautions
Vth can be expressed as the voltage between gate and source when the low operating current value is ID=100 A for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a lower voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on)) Please take this into consideration when using the device. The VGS recommended voltage for turning on this product is 2.5 V or higher.
3
2006-11-13
TPCP8H01
NPN
IC - VCE
5 60 50 40 30 Ta = 100C 1000
hFE - IC
(A)
4
DC current gain hFE
20
25C -55C 100
Collector current IC
3 10 2
IB = 5 mA
1 Common emitter Ta = 25C Single nonrepetitive pulse 0 0 0.4 0.8 1.2 1.6 2.0 2.4
10 0.001
Common emitter VCE = 2 V Single nonrepetitive pulse 0.01 0.1 1 10
Collector-emitter voltage VCE
(V)
Collector current IC
(A)
VCE (sat) - IC
1
VBE (sat) - IC
10 Common emitter = 30 Single nonrepetitive pulse
Collector-emitter saturation voltage VCE (sat) (V)
Base-emitter saturation voltage VBE (sat) (V)
Common emitter = 30 Single nonrepetitive pulse
0.1 Ta = 100C -55C
1
Ta = -55C
100C 25C
25C 0.01 0.001 0.01 0.001
0.01
0.1
1
10
0.01
0.1
1
10
Collector current IC
(A)
Collector current IC
(A)
IC - VBE
5
Pc - Ta
1.2 DC operation Ta = 25 C Mounted on an FR4 board glass epoxy, 1.6 mm thick, Cu area: 645 2 mm )
(W) PC
-55C
Common emitter VCE = 2 V Single nonrepetitive pulse
(A)
4
1.0
3 Ta = 100C 2
Collector power dissipation
1.2
Collector current IC
0.8
0.6
0.4
1
25C
0.2
0 0
0.2
0.4
0.6
0.8
1.0
0 0
20
40
60
80
100
120
140
160
Base-emitter voltage
VBE (V)
Ambient temperature Ta (C)
4
2006-11-13
TPCP8H01
rth (j-c) - tw
1000
Transient thermal resistance
rth (j-c)
(C/W)
100
10
1 0.001
Curves should be applied in thermal limited area. Single nonrepetitive pulse Ta = 25C Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm2) 0.01 0.1 1 10 100 1000
Pulse width
tw
(s)
Safe operating area
10 IC max (Pulsed) * 10 ms* 1 ms* 100 s* 10 s*
IC (A)
100 ms* 10 s* 1 DC operation (Ta = 25C) IC max (Continuous) *: Single nonrepetitive pulse Ta = 25C Note that the curves for 100 ms, 0.1 10 s and DC operation will be different when the devices aren't mounted on an FR4 board (glass epoxy, 1.6 mm thick, Cu 2 area: 645 mm ). These characteristic curves must be derated linearly with increase in temperature. 0.01 0.1 1
Collector current
10
Collector-emitter voltage VCE
(V)
VCEO max 100
5
2006-11-13
TPCP8H01
Nch-MOS
ID - VDS
250 Common source Ta = 25C 2.1 1.9 150 12 Common source Ta = 25C
RDS (ON) - ID
(mA)
200
Drain-source ON resistance RDS (ON) ()
10 4 3 2.5 2.3
10
8 VGS = 1.5 V 6
Drain current
ID
100
1.7
4 2.5 2 4
50
1.5 VGS = 1.3 V
0
0
0.5
1.0
1.5
2.0
0
1
10
100
1000
Drain-source voltage
VDS
(V)
Drain current
ID
(mA)
RDS (ON) - Ta
8 7 Common source 1000 Common source VDS = 3 V Ta = 25C
Yfs - ID
Drain-source ON resistance RDS (ON) ()
6 5 4 3 2 1 0 -25
VGS = 1.5 V, ID = 1 mA
Forward transfer admittance Yfs (S)
125
100
2.5 V, 10 mA
10
4.0 V, 10 mA
0
25
50
75
100
150
1
1
10
100
1000
Ambient temperature
Ta
(C)
Drain current
ID
(mA)
t - ID
10000 Common source VDD = 3 V VGS = 02.5V Ta = 25C 100
Capacitance - VDS
Common source VGS = 0 V f = 1 MHz Ta = 25C
(ns)
1000
t
Switching time
Capacitance
tf
C
10 Ciss Coss 100 ton tr
(pF)
toff
Crss 1 0.1
10 0.1
1
10
100
1
10
100
Drain current
ID
(mA)
Drain-source voltage
VDS
(V)
6
2006-11-13
TPCP8H01
ID - VGS
1000 Common source VDS = 3 V 8
RDS (ON) - VGS
Common source ID = 10 mA
ID (mA)
100
Drain-source ON resistance RDS (ON) ()
6
10
Ta = 100C
-25
Drain current
4 Ta = 100C 2 25
1 25 0.1
-25 4 6 8 10
0.01 0 1 2 3
0 0
2
Gate-source voltage
VGS (V)
Gate-source voltage
VGS (V)
Vth - Ta
2.0
IDR - VDS
250
1.6
IDR (mA)
Vth (V)
Common source ID = 0.1 mA VDS = 3 V
Common source VGS = 0 V Ta = 25C
200
Gate threshold voltage
Drain reverse current
1.2
150
0.8
100
0.4
50
0 -25
0
25
50
75
100
125
150
0 0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
Ambient temperature
Ta
(C)
Drain-source voltage
VDS (V)
7
2006-11-13
TPCP8H01
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
8
2006-11-13


▲Up To Search▲   

 
Price & Availability of TPCP8H01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X