Part Number Hot Search : 
240RU60D A6805M 240RU60D LX1691 LL103C BU2520 FA020471 1N5346B
Product Description
Full Text Search
 

To Download STTH1R0207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STTH1R02
Ultrafast recovery diode
Main product characteristics
IF(AV) VRRM Tj (max) VF (typ) trr (typ) 1.5 A 200 V 175 C 0.7 V 15 ns
A
K
A
A K
DO-15 STTH1R02Q
Features and benefits

Very low conduction losses Negligible switching losses Low forward and reverse recovery times High junction temperature
K
DO-41 STTH1R02
A
A
Description
The STTH1R02 uses ST's new 200 V planar Pt doping technology, and it is specially suited for switching mode base drive and transistor circuits. Packaged in DO-41, DO-15, SMA, and SMB, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection.
K SMA STTH1R02A
K SMB STTH1R02U
Order codes
Part Number STTH1R02 STTH1R02RL STTH1R02A STTH1R02Q STTH1R02QRL STTH1R02U Marking STTH1R02 STTH1R02 R1A STTH1R02Q STTH1R02Q 1R2S
March 2007
Rev 3
www.st.com
1/10
Characteristics
STTH1R02
1
Table 1.
Symbol VRRM
Characteristics
Absolute ratings (limiting values at Tj = 25 C, unless otherwise specified)
Parameter Repetitive peak reverse voltage DO-41(1) IFRM Repetitive peak forward current DO-15(1) SMA / SMB DO-41 / DO-15 IF(RMS) RMS forward current SMA /SMB DO-41 IF(AV) Average forward current, = 0.5 DO-15 SMA SMB IFSM Tstg Tj Surge non repetitive forward current Storage temperature range Maximum operating junction temperature Tlead = 110 C Tlead = 110 C Tc = 110 C Tc = 110 C 60 -65 to + 175 175 A C C 1.5 A 50 A tp = 5 s, F = 5 kHz Value 200 Unit V
30
A
tp = 10 ms Sinusoidal
1. On infinite heatsink with 10 mm lead length
Table 2.
Symbol Rth(j-l)
Thermal parameters
Parameter DO-41 Junction to lead Lead Length = 10 mm on infinite heatsink DO-15 SMA Junction to case SMB 30 45 C/W 30 Value 45 Unit
Rth(j-c)
Table 3.
Symbol IR(1)
Static electrical characteristics
Parameter Reverse leakage current Test conditions Tj = 25 C Tj = 125 C Tj = 25 C VR = VRRM IF = 4.5 A 0.89 IF = 1.5 A 0.76 0.70 Min. Typ Max. 3 A 2 20 1.2 1 V 0.85 0.80 Unit
VF(2)
Forward voltage drop
Tj = 25 C Tj = 100 C Tj = 150 C
1. Pulse test: tp = 5 ms, < 2 % 2. Pulse test: tp = 380 s, < 2 %
To evaluate the conduction losses use the following equation: P = 0.68 x IF(AV) + 0.08 IF2(RMS)
2/10
STTH1R02 Table 4.
Symbol
Characteristics Dynamic characteristics
Parameter Test conditions IF = 1 A, dIF/dt = -50 A/s, VR = 30 V, Tj = 25 C IF = 1 A, dIF/dt = -100 A/s, VR = 30 V, Tj = 25 C Min. Typ 23 15 3 50 2.1 Max. 30 ns 20 4 A ns V Unit
trr
Reverse recovery time
IRM tfr VFP
Reverse recovery current Forward recovery time Forward recovery voltage
IF = 1.5 A, dIF/dt = -200 A/s, VR = 160 V, Tj = 125 C IF = 1.5 A, dIF/dt = 100 A/s VFR = 1.1 x VFmax, Tj = 25 C IF = 1.5 A, dIF/dt = 100 A/s, Tj = 25 C
Figure 1.
IM(A)
50
Peak current versus duty cycle
Figure 2.
IFM(A)
50
Forward voltage drop versus forward current (typical values)
T
45 40 35 30 25 20
P=2W P=5W
IM
d=tp/T
tp
40
30
20
Tj=150C
P=1W
15 10 5 0 0.0
10
Tj=25C
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
VFM(V) 0.0 0.5 1.0 1.5 2.0 2.5
Figure 3.
Forward voltage drop versus forward current (maximum values)
Figure 4.
Relative variation of thermal impedance junction to case versus pulse duration (SMA)
IFM(A)
50
1.0 0.9
Zth(j-a) /Rth(j-a)
SMA Scu=1cm
40
0.8 0.7
30
0.6 0.5
20
Tj=150C Tj=25C
0.4 0.3 0.2
Single pulse
10 VFM(V) 0 0.0 0.5 1.0 1.5 2.0 2.5
0.1 0.0 1.E-02 1.E-01 1.E+00 1.E+01
tP(s) 1.E+02 1.E+03
3/10
Characteristics
STTH1R02
Figure 5.
Relative variation of thermal Figure 6. impedance junction to case versus pulse duration (SMB)
1.0
Relative variation of thermal impedance junction to case versus pulse duration (DO-41)
Zth(j-a) /Rth(j-a)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
Single pulse SMB Scu=1cm
Zth(j-a) /Rth(j-a)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
tP(s) 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03
DO-41 Lleads=10mm
0.1 0.0 1.E-02
0.1 0.0
Single pulse
tP(s)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Figure 7.
Relative variation of thermal Figure 8. impedance junction to case versus pulse duration (DO-15)
C(pF)
100
Junction capacitance versus reverse applied voltage (typical values)
F=1MHz Vosc=30mVRMS Tj=25C
Zth(j-a) /Rth(j-a)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1.E-03 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03
Single pulse DO-15 Leads =10mm
10
tP(s)
VR(V) 1 1 10 100 1000
Figure 9.
QRR(nC)
80 70 60 50 40 30 20 10 0 10
Reverse recovery charges versus dIF/dt (typical values)
Figure 10. Reverse recovery time versus dIF/dt (typical values)
tRR(ns)
80
IF=1.5A VR=160V
IF=1.5A VR=160V
70 60 50 40
Tj=125C
Tj=125C
30 20
Tj=25C
Tj=25C
10
dIF/dt(A/s)
0
dIF/dt(A/s) 10 100 1000
100
1000
4/10
STTH1R02
Characteristics
Figure 11. Peak reverse recovery curent versus dIF/dt (typical values)
IRM(A)
8 7 6 5
IF=1.5A VR=160V
Figure 12. Dynamic parameters versus junction temperature
QRR; IRM [T j] / Q RR; IRM [T j=125C]
1.4 1.2 1.0 0.8
IRM IF=1.5A VR=160V
4
0.6
3 2 1 0 10 100
Tj=25C Tj=125C
QRR
0.4 0.2
dIF/dt(A/s)
Tj(C) 0.0 25 50 75 100 125 150
1000
Figure 14. Figure 13. Thermal resistance, junction to ambient, versus copper surface under each lead - SMA (Epoxy FR4, copper thickness = 35 m)
Rth(j-a) (C/W)
120
110 100
Thermal resistance, junction to ambient, versus copper surface under each lead - SMB (Epoxy FR4, copper thickness = 35 m)
Rth(j-a) (C/W)
100
90 80
SMB
80
SMA
70 60
60
50 40 30
40
20 SCU(cm) 0 0 1 2 3 4 5
20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 SCU(cm)
Figure 15. Thermal resistance, junction to ambient, versus copper surface under each lead - DO 15 (Epoxy FR4, copper thickness = 35 m)
Rth(j-a) (C/W)
100 90 80 70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
SCU(cm)
DO-15
Figure 16. Thermal resistance, junction to ambient, versus copper surface under each lead - DO-41 (Epoxy FR4, copper thickness = 35 m)
Rth(j-a) (C/W)
100
DO-41
90 80 70 60 50 40 30 20 10 0 0 1 2 3 4 5 6 7 8 9 10 S(cm)
5/10
Ordering information scheme
STTH1R02
2
Ordering information scheme
STTH
Ultrafast switching diode Average forward current 1=1A Model R Repetitive peak reverse voltage 02 = 200 V Package Blank = DO-41 in Ammopack RL = DO-41 in Tape and reel A = SMA in Tape and reel Q = DO-15 in Ammopack QRL = DO-15 in Tape and reel U = SMB in Tape and reel
1R
02 XX
3
Package information
Epoxy meets UL94, V0 DO-41 dimensions
Dimensions Ref.
OD OB
Table 5.
Millimeters Min. Max. 5.20 2.71
Inches Min. 0.160 0.080 1 Max. 0.205 0.107
A
C A C
4.1 2 25.4 0.712
B C D
0.863
0.028
0.034
Table 6.
DO-15 dimensions
Dimensions
C A C
Ref.
Millimeters Min. Max. 6.75 3.53 31 0.88
Inches Min. 0.238 0.116 1.024 0.028 Max. 0.266 0.139 1.220 0.035
A
D B
6.05 2.95 26 0.71
B C D
6/10
STTH1R02 Table 7. SMA dimensions
Package information
DIMENSIONS REF. Millimeters Min. A1 A2 b c E E1 D L 1.90 0.05 1.25 0.15 4.80 3.95 2.25 0.75 Max. 2.03 0.20 1.65 0.41 5.60 4.60 2.95 1.60 Inches Min. 0.075 0.002 0.049 0.006 0.189 0.156 0.089 0.030 Max. 0.080 0.008 0.065 0.016 0.220 0.181 0.116 0.063
Figure 17. SMA footprint (dimensions in mm)
1.73
1.48
1.73
1.67 4.94
7/10
Package information Table 8. SMB dimensions
Dimensions Ref.
E1
STTH1R02
Millimeters Min. Max. 2.45 0.20 2.20 0.41 5.60 4.60 3.95 1.60
Inches Min. 0.075 0.002 0.077 0.006 0.201 0.159 0.130 0.030 Max. 0.096 0.008 0.087 0.016 0.220 0.181 0.156 0.063
D
A1 A2 b
1.90 0.05 1.95 0.15 5.10 4.05 3.30 0.75
E
c
A1
E E1
b
C L
A2
D L
Figure 18. SMB footprint (dimensions in mm)
2.23 1.64 2.23
2.30
6.10
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
8/10
STTH1R02
Ordering information
4
Ordering information
Part Number STTH1R02 STTH1R02RL STTH1R02A STTH1R02Q STTH1R02QRL STTH1R02U Marking STTH1R02 STTH1R02 R1A STTH1R02Q STTH1R02Q 1R2S Package DO-41 DO-41 SMA DO-15 DO-15 SMB Weight 0.34 g 0.34 g 0.068 g 0.49 g 0.49 g 0.11 g Base qty 2000 5000 5000 1000 6000 2500 Delivery mode Ammopack Tape and reel Tape and reel Ammopack Tape and reel Tape and reel
5
Revision history
Date 03-May-2006 13-Oct-2006 08-Mar-2007 Revision 1 2 3 First issue Added DO-15 and SMB packages. Replaced Figure 8. Replaced ecu with copper thickness. Description of changes
9/10
STTH1R02
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of STTH1R0207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X