Part Number Hot Search : 
2SK36 045984 66168 826702 661104 MC74F37D 24D12 ACT510X
Product Description
Full Text Search
 

To Download SPM-3102AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
SPM-3102G / SPM-3102BG / SPM-3102AG (RoHS Compliant)
3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
FEATURES
l l l l l l l l l l l l l
SPM-3102G
1
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
DESCRIPTION
Hot-Pluggable SFP Footprint LC Optical Transceiver Small Form-Factor Pluggable (SFP) MSA compatible 1310 nm Transmitter 0 to 2000 m Transmission AC/AC Coupling according to MSA LV-TTL TX Disable Input Signal LV-TTL RX Loss of Signal Output Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operating : SPM-3102G -10 to 85oC Operating : SPM-3102BG -40 to 85oC Operating : SPM-3102AG Class 1 Laser International Safety Standard IEC 60825 Compliant
The SPM-3102G series is small form factor pluggable module for multi-mode fiber Fast Ethernet and OC-3 / STM-1 SONET / SDH fiber communications. It is with the SFP 20-pin connector to allow hot plug capability. The transmitter section uses a multiple quantum well 1310 nm laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l Fast Ethernet Links l SONET / SDH Equipment Interconnect l Fiber Channel Links
ORDER INFORMATION
P/No. SPM-3102G SPM-3102BG SPM-3102AG Bit Rate (Mb/s) 125 125 125 Distance Wavelength (m) (nm) 0 to 2000 1310 0 to 2000 1310 0 to 2000 1310 Package LC SFP LC SFP LC SFP Temp. (oC) 0 to 70 -10 to 85 -40 to 85 TX Power (dBm) -12 to -19 -12 to -19 -12 to -19 RX Sens. (dBm) -30 -30 -30 RoHS Compliant Yes Yes Yes
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Symbol Tstg Topr Min -40 0 -10 -40 0 GND 0 Max 85 70 85 85 3.6 Vcc 30 Units o C o C Notes SPM-3102G SPM-3102BG SPM-3102AG
Power Supply Voltage Input Voltage Output Current
Vcc --Iout
V V mA
Recommended Operating Conditions
Parameter Power Supply Voltage Power Supply Current Operating Temperature Symbol Vcc ICC (TX+RX) Topr Min 3.1 0 -10 -40 125 Typ 3.3 150 Max 3. 5 250 70 85 85 200 Units / Notes V mA o C / SPM-3102G o C / SPM-3102BG o C / SPM-3102AG Mb/s
Data Rate
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/15/2005
V3.1
Optoway
Transmitter Specifications (0 oC < Topr < 70 oC, 3.1V < Vcc < 3. 5V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Extinction Ratio Optical Rise Time Optical Fall Time Relative Intensity Noise Total Jitter Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage TX Disable Input Voltage - Low TX Disable Input Voltage - High TX Disable Assert Time TX Disable Deassert Time TX Fault Output Voltage -- Low TX Fault Output Voltage -- High Symbol Po ER tr tf RIN TJ IIL IIH VIH - VIL TDIS, L TDIS, H TASSERT T DEASSERT TFaultL TFaultH Min -19 1260 --8.2 Typ --1310 ----Max -12 1360 10 --2 2 -116 1.0 Units dBm nm nm dB ns ns dB/Hz ns A A V V V s ms V V
SPM-3102G
Notes 1 RMS () 10% to 90% Values 10% to 90% Values 2
2
***********************************************************************************************************************************************************************
-350 0.5 0 2.0 350 2.4 0.5 Vcc 10 1 0.5 Vcc+0.3
Peak-to-Peak 3 3
0 2.0
4 4
Notes: 1. Output power is power coupled into a 62.5/125 m multi-mode fiber. 2. Measured with a 27-1 PRBS. 3. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 4. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
Receiver Specifications (0oC < Topr < 70oC, 3.1 V < Vcc < 3. 5V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Optical Return Loss Wavelength of Operation Electrical Differential Output Voltage Output LOS Voltage -- Low Output LOS Voltage - High Signal Detect Assert Time Signal Detect Deassert Time Symbol --Pin Pa Pd ORL Min ---8 ---43 1.0 14 1260 0.6 0 2.0 Typ ----------Max -30 ---30 --Units dBm dBm dBm dBm dB dB nm V V V s s Notes 5 Transition: low to high Transition: high to low
1600 2.0 0.5 Vcc+0.3 100 300
VOH - VOL VOL V OH ASMAX ANSMAX
6 6 OFF to ON ON to OFF
Notes: 5. Minimum sensitivity and saturation levels at BER 1E-10 for a 27-1 PRBS. 6. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/15/2005 V3.1
Optoway
CONNECTION DIAGRAM
SPM-3102G
3
***********************************************************************************************************************************************************************
PIN
1 2 3 4 5 6 7 8 9 10
Signal Name
TX GND TX Fault TX Disable MOD-DFE2 MOD-DEF1 MOD-DEF0 N/C LOS RX GND RX GND
Description
Transmitter Ground Transmitter Fault Indication Transmitter Disable (Module disables on high or open) Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module Not Connected Loss of Signal Receiver Ground Receiver Ground
PIN
11 12 13 14 15 16 17 18 19 20
Signal Name
Description
RX GND Receiver Ground RX DATA OUT- Inverse Receiver Data Out RX DATA OUT+ Receiver Data Out RX GND Vcc RX Vcc TX TX GND TX DATA IN+ TX DATA INTX GND Receiver Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
Module Definition
Module Definition 4 MOD-DEF2 PIN 4 SDA MOD-DEF1 PIN 5 SCL MOD-DEF0 PIN 6 LV-TTL Low Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/15/2005 V3.1
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
VeeT Tx_DISABLE Tx_FAULT (1,17,20) 3 2 4.7K to 10K TD + 18 Z=50 TD 19 Z=50 VccT 16 10nF 1H Vcc 3.3V 10F 10nF 1H VccR 15 10nF 10F 10F TD TD +
SPM-3102G
4
***********************************************************************************************************************************************************************
Tx_DISABLE Tx_FAULT
LD Driver
100
SerDes IC
Protocol IC
RD -
12 Z=50 100
RD -
POST Amp
RD +
13 Z=50 4.7K to 10K
RD +
depending on SERDES
LOSS OF SINGAL
LOS VeeR MOD_DEF(0)
8 (9,10,11,14) 6 5 4 4.7K to 10K Vcc 3.3V 4.7K to 10K
MODULE DETECT SCL SDA 4.7K to 10K
EEPROM
MOD_DEF(1) MOD_DEF(2)
SFP module
PACKAGE DIAGRAM
Units in mm
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/15/2005 V3.1


▲Up To Search▲   

 
Price & Availability of SPM-3102AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X