Part Number Hot Search : 
SGD02N60 HD1133R KBPC3502 15KP90A TLC5949 2724B2 2DFT1 LL4748
Product Description
Full Text Search
 

To Download SMS22007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMS220 ... SMS2100
SMS220 ... SMS2100
Surface Mount Schottky Rectifiers Schottky-Gleichrichter fur die Oberflachenmontage Version 2006-04-26 Nominal current Nennstrom
2.5
2A 20...100 V DO-213AB 0.12g
Repetitive peak reverse voltage Periodische Spitzensperrspannung
Type Typ
Plastic case MELF Kunststoffgehause MELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
5.0
Dimensions - Mae [mm]
Maximum ratings Type Typ SMS220 SMS230 SMS240 SMS250 SMS260 SMS290 SMS2100 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 20 30 40 50 60 90 100 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 20 30 40 50 60 90 100 TT = 100C f > 15 Hz TA = 25C TA = 25C IFAV IFRM IFSM i2t
0.5
0.5
Grenzwerte Forward voltage Durchlass-Spannung VF [V] 1) < 0.50 < 0.50 < 0.50 < 0.70 < 0.70 < 0.79 < 0.79 2A 12 A 2) 50/55 A 12.5 A2s -50...+150C -50...+150C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TS
Tj
1 2
IF = 2 A, Tj = 25C Max. temperature of the terminals TT = 100C - Max. Temperatur der Anschlusse TT = 100C http://www.diotec.com/
(c) Diotec Semiconductor AG
1
SMS220 ... SMS2100 Characteristics Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschluss Tj = 25C Tj = 100C VR = VRRM VR = VRRM IR IR RthA RthT Kennwerte < 0.5 mA < 10.0 mA < 45 K/W 1) < 15 K/W
120 [%] 100
102 [A]
SMS220...240
10 80
SMS250...260
60
1
40 10 20 IFAV 0 0 TT 50 100 150 [C] IF 10
-2 -1
SMS290...2100
Tj = 25C
0
VF
0.4
0.6
[V]
1.0
Rated forward current vs. temp. of the terminals Zul. Richtstrom in Abh. v. d. Temp. der Terminals
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of SMS22007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X