Part Number Hot Search : 
RN2110 IRADK10 M74LS22P ER806 ZMM5257B CFRB202 TEA63 F0140
Product Description
Full Text Search
 

To Download SMS12007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMS120 ... SMS1100
SMS120 ... SMS1100
Surface Mount Schottky Rectifiers Schottky-Gleichrichter fur die Oberflachenmontage Version 2006-06-26 Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case MELF Kunststoffgehause MELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
2.5
1A 20...100 V DO-213AB 0.12g
5.0
Type Typ
Dimensions - Mae [mm]
Maximum ratings Type Typ SMS120 SMS130 SMS140 SMS150 SMS160 SMS190 SMS1100 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 20 30 40 50 60 90 100 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 20 30 40 50 60 90 100
0.5
0.5
Grenzwerte Forward voltage Durchlass-Spannung VF [V] 1) < 0.50 < 0.50 < 0.50 < 0.70 < 0.70 < 0.79 < 0.79
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TT = 100C f > 15 Hz TA = 25C TA = 25C
IFAV IFRM IFSM i2t
1A 10 A 2) 30/33 A 4.5 A2s -50...+150C -50...+150C
Tj
TS
1 2
IF = 1 A, Tj = 25C Max. temperature of the terminals TT = 100C - Max. Temperatur der Anschlusse TT = 100C http://www.diotec.com/
(c) Diotec Semiconductor AG
1
SMS120 ... SMS1100 Characteristics Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschluss Tj = 25C Tj = 100C VR = VRRM VR = VRRM IR IR RthA RthT Kennwerte < 0.5 mA < 5.0 mA < 45 K/W 1) < 15 K/W
120 [%] 100
102 [A] 10
SMS120...140
80
SMS150...160
60
1
40 10 20 IFAV 0 0 TT 50 100 150 [C]
-1
SMS190...1100
IF 10
-2
Tj = 25C
0
VF
0.4
0.6
[V]
1.0
Rated forward current vs. temp. of the terminals Zul. Richtstrom in Abh. v. d. Temp. der Terminals
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of SMS12007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X