Part Number Hot Search : 
SD820S10 VS2AUF CX2029 228Q007 SM5818PL CAT4139 CS836305 KF200
Product Description
Full Text Search
 

To Download SB12007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120 ... SB1100
SB120 ... SB1100
Schottky Barrier Rectifiers Schottky-Barrier-Gleichrichter Version 2006-04-15 Nominal current Nennstrom
O3
0.05
1A 20...100 V DO-15 DO-204AC 0.4 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
62.50.5
Type
6.30.1
O 0.8
0.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings and Characteristics Type Typ SB120 SB130 SB140 SB150 SB160 SB190 SB1100 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 20 30 40 50 60 90 100 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 20 30 40 50 60 90 100 TA = 75C f > 15 Hz TA = 25C TA = 25C
Grenz- und Kennwerte Forward voltage Durchlass-Spannung VF [V] 1) < 0.50 < 0.50 < 0.50 < 0.70 < 0.70 < 0.79 < 0.79 IFAV IFRM IFSM i2t 1 A2) 10 A 2) 40 A 8 A2s -50...+150C -50...+175C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TS
Tj
1 2
IF = 1 A,Tj = 25C Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
SB120 ... SB1100 Characteristics Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht Tj = 25C Tj = 100C VR = VRRM VR = VRRM IR IR RthA RthL Kennwerte < 0.5 mA < 5 mA < 45 K/W 1) < 15 K/W
120 [%] 100
102 [A] 10
SB120...140
80
SB150...160
60
1
40 10 20 IFAV 0 0 TA 50 100 150 [C]
1
-1
SB190...1100
IF 10
-2
Tj = 25C
0
VF
0.4
0.6
[V]
1.0
Rated forward current versus ambient temperature ) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of SB12007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X