Part Number Hot Search : 
SB110 S1500 SPLSI TLP62007 ANTXV BD508 54HC401 PUMH13
Product Description
Full Text Search
 

To Download R5509-4305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW-LIGHT-LEVEL NIR (NEAR INFRARED:1.4 m/1.7 m) MEASUREMENT PHOTOMULTIPLIER TUBES R5509-43/R5509-73 OF NIR and EXCLUSIVE COOLERS
OVER VIEW
Hamamatsu near infrared photomultiplier tubes (NIR-PMT) R550943 and -73 have photocathodes with extended spectral response ranges to 1.4 m or 1.7 m where beyond 1.1 m have been the limit of conventional photocathodes. The R5509-43 is recommended for detection up to 1.35 m, while the R5509-73 is up to 1.7 m.
FEATURES
GHigh sensitivity enables accurate PL (Photoluminescence) measurement with a low excitation power that could not be obtained with a strong excitation.
High gain and low noise improve the detection limit.
GFlat response from visible to near IR minimizes spectral sensitivity correction.
The spectral response covers a wide range from 0.3 m to 1.4 m or 1.7 m.
GPhotoluminescence from a room temperature sample can be measured.
High sensitivity enables weak light emission measurement.
GTime resolved measurement in near IR is realized.
TPMHF0484
Fast time response (Rise time): 3 ns.
SPECIFICATIONS
GGENERAL
Parameter Spectral Response Photocathode Window Dynode Material Minimum Effective Area Material Secondary Emitting Surface Structure Number of Stage R5509-43 300 to 1400 InP / InGaAsP 3x8 Borosilicate glass Cu-BeO Line focused 10 C9940-01, -02 -90 to -70 -80 -90 to +50 Value -1750 2 R5509-43 Typ. -- -- -- 1 x 106 4 1.6 x 104 3 23 1.5 R5509-73 Typ. -- -- -- 1 x 106 40 1.6 x 105 3 23 1.5 R5509-73 300 to 1700 InP / InGaAs Unit nm -- mm -- -- -- -- -- C C C Unit V A
Socket Operating Temperature Recommended Operating Temperature Storage Temperature
GMAXIMUM RATING (Absolute maximum values)
Parameter Between Anode and Cathode Supply Voltage Average Anode Current
GCHARACTERISTICS (at -80 C, supply voltage: -1500 V)
Parameter Cathode Sensitivity Anode Sensitivity Gain Anode Dark Current b Anode Dark Counts b Time Response Quantum Efficiency Radiant a Radiant a
a
Anode Pulse Rise Time Electron Transit Time Transit Time Spread
Min. 0.48 5 1000 2 x 105 -- -- -- -- --
Max. -- -- -- -- 10 -- -- -- --
Min. 0.29 3.5 700 2 x 105 -- -- -- -- --
Max. -- -- -- -- 100 -- -- -- --
Unit % mA/W A/W -- nA s-1 ns ns ns
NOTE: aat 1300 nm (R5509-43), at 1500 nm (R5509-73) bAfter 30 minutes storage in darkness The dedicated coolers C9940-01 and C9940-02 are shipped after adjusting the voltage divider circuit to provide the optimum voltage distribution ratio that best matches the PMT.
CHARACTERISTICS FIGURES
GSpectral Response
TPMHB0426ED
GTypical Gain (R5509-43, -73)
at -80 C
TPMHB0403EA
102
108
CATHODE RADIANT SENSITIVITY (mA/W) QUANTUM EFFICIENCY (%)
CATHODE RADIANT SENSITIVITY 101
R5509 - 73
107
106 100
GAIN
QUANTUM EFFICIENCY 10-1 R5509 - 43 10-2 10-3 200 400 600 800 1000 1200 1400 1600 1800
105
104
103
102 500
700
1000
1500
2000
WAVELENGTH (nm) * Spectral response characteristics when used with the dedicated cooler
SUPPLY VOLTAGE (V)
GTemperature Characteristics of Dark Current (After 30 minutes storage in darkness)
10-6
TPMHB0425EB
GOutput Waveform (R5509-43)
TPMHB0406EA
at -1500 V
10-7
R5509-73
DARK CURRENT (A)
OUTPUT VOLTAGE [1 mV/Div]
10-8
R5509-43
10-9
SUPPLY VOLTAGE : -1500 V RISE TIME : 2.40 ns FALL TIME : 6.36 ns WAVELENGTH : 1300 nm AMBIENT TEMPERATURE : -80 C RL : 50
TIME [5 ns/Div]
10-10 -90
-80 -70
TEMPERATURE (C)
GSingle Photoelectron Pulse Height Distribution (PHD)
R5509-43
2.0
TPMHB0404EB
R5509-73
3.5
TPMHB0429EA
COUNTS PER CHANNEL (1 x 103)
COUNTS PER CHANNEL (1 x 103)
1.8 1.6 1.4 1.2
WAVELENGTH OF INCIDENT LIGHT : 1300 nm : -1500 V SUPPLY VOLTAGE SIGNAL + DARK COUNTS : 203 000 s-1 : 15 800 s-1 DARK COUNTS AMBIENT TEMPERATURE : -80 C
3 2.5 2 1.5
WAVELENGTH OF INCIDENT LIGHT : 1500 nm : -1500 V SUPPLY VOLTAGE SIGNAL + DARK COUNTS : 780 000 s-1 : 161 000 s-1 DARK COUNTS AMBIENT TEMPERATURE : -80 C
PHOTON + DARK 1.0 0.8 0.6 0.4 0.2 0 0 100 200 300 400 500 600 700 800 900 1000 DARK
PHOTON + DARK
1 0.5 0 0
DARK
100 200 300 400 500 600 700 800 900 1000
CHANNEL NUMBER (ch)
CHANNEL NUMBER (ch)
DIMENSIONAL OUTLINE AND BASING DIAGRAM (Unit: mm)
51 1 3 APERTURE
Top View 33 2 PIN No.3 PIN No.1
[Cautions for operation]
GOperate the tube at the maximum average anode current of less than 2 A while the entire photocathode is illuminated in order to avoid the photocathode damage due to excessive cathode current. GIn order to protect the photocathode, the high voltage should be increased or decreased gradually. GWhen the R5509-43 or -73 shall be operated, do not supply the high voltage before the tube is cooled down to -70 C at least. GUse the exclusive cooler C9940-01 or C9940-02 for cooling. GA cooler other than specified may cause a trouble in the tube like loss of performance or a mechanical damage. Any trouble caused in association with a cooler other than specified shall not be subject to warranty. GHamamatsu photomultiplier tubes are warranted to the original purchase for a period of 12 months following the date of shipment. The warranty is limited to repair or replacement of any defective material due to defects in workmanship or materials used in manufacture.
PHOTOCATHODE (3 x 8)
8
90
2. 5
PIN No.14
15
20
88 2
Bottom View
IC IC IC P7 DY10 6 DY8 5 DY6 IC DY9
[Warranty]
HA COATING PHOTOCATHODE LIGHT SHIELD
8
9
10 11 12
4 3
14 MAX.
2 DY4 1 DY2 K
14 15 DY3 16 DY1 17 IC 18 B 19 21 20 IC
IC IC
DY7 13 DY5
DY : Dynode K : Photocathode P : Anode B : Bias Electrode IC : Internal Connection (Do not use)
TPMHA0284ED
TPMHA0283ED
SHORT PIN
RELATED PRODUCTS
Exclusive coolers C9940-01, C9940-02
The C9940-01, -02 are exclusive coolers for R5509 series photomultiplier tubes. To operate the R5509 series, it is necessary to cool it down to -70 C to -90 C range (recommended temperature: -80 C). Cooling suppresses dark current and improves signal to noise ratio to make weak near infrared light measurements possible with high sensitivity. Two types are available with different line voltage regulations, 100 V to 115 V (C9940-01) and 230 V (C9940-02) .
IFEATURES
GTemperature range: -70 C to -90 C GVoltage divider, Magnetic shield case included GAlarm with output when liquid nitrogen is running out GNo external dry nitrogen is required
ISPECIFICATIONS
Parameter Input Voltage Power Consumption Temperature Controllable Range Cool-down Time Liquid Nitrogen Consumption rate Cooling Unit Cooling Controller Weight Liquid Nitrogen Drawing Pipe, etc. Window Material Alarm Output Operating Ambient Temperature Storage Temperature Accessory C9940-01 AC 100 V to AC 115 V, 50 Hz / 60 Hz C9940-02 AC 230 V, 50 Hz 60 VA -70 C to -90 C Approx. 2 h (-80 C setting) 0.5 L/h 5.5 kg 6.1 kg 0.8 kg Borosilicate grass DC 24 V, 100 mA Max. +10 C to +40 C -20 C to +50 C 100 k Load Resistor (with BNC connector)
IDIMENSIONAL OUTLINE (Unit: mm)
325 86
130
200
110
PMT PHOTOCATHODE 110 220 8 260
LIQUID NITROGEN IN / NITROGEN OUT
6-M3
100 O-RING
8
INSURATED WINDOW PMT PHOTOCATHODE
85.7
114 4-M6
86
48
180
152.4
130
120
52
140
75
TACCA0260EA
RELATED PRODUCTS
Exclusive coolers C9940-01, C9940-02
ISYSTEM CONFIGURATION
PMT housing, Controller, Liquid nitrogen suction pipe, Heat insulating hose, PMT socket assembly, Controller cable, Vinyl tube, 100 k load resistor box. (Liquid nitrogen container is not included in C9940-01/-02)
PMT COOLER HOUSING PMT
PMT SOCKET ASSEMBLY CONTROLL CABLE
100 k LOAD REGISTER BOX
HEAT INSULATING HOSE VINYL TUBE LIQUID NITROGEN SUCTION PIPE LIQUID NITROGEN CONTAINER (NOT INCLUDED)
CONTROLLER
IOTHER ACCESSORIES REQUIRED
AC POWER CABLE POWER SWITCH TEMPERATURE CONTROLLER
TACCC0123EA
GLiquid nitrogen container From 10 L to 25 L capacity The opening of the container should allow the 15 mm diameter liquid nitrogen suction pipe to be inserted. GHigh voltage power supply Capable to provide stable output of -1500 V, 0.2 mA Recommended : C4840 GHigh voltage cable with an SHV-P connector Recommended : E1168-17 GSignal COAX cable with a BNC-P connector Recommended : E1168-05
* Peripheral equipments such as the relay optics for connecting a monochromator (A8996) can be provided. For photon counting, preamplifier unit, photon counting unit and photon counting board or counter are necessary. Please consult with Hamamatsu for assistance.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2005 Hamamatsu Photonics K.K.
WEB SITE www.hamamatsu.com HAMAMATSU PHOTONICS K.K., Electron Tube Division 314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se TPMH1284E05 Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
AUG. 2005 IP


▲Up To Search▲   

 
Price & Availability of R5509-4305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X