Part Number Hot Search : 
74HC7540 LBS13701 HYB31 24101 RTL8201 C2008 10EL5 5BR10
Product Description
Full Text Search
 

To Download PEX8532-BCRDK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 .
Version 1.6 2007
PEX 8532
Features
PEX 8532 General Features o 32-lane PCI Express switch - Integrated SerDes o Up to eight configurable ports o (x1, x2, x4, x8, x16) o 35mmx35mm, 680 pin PBGA package o Typical Power: 5.7 Watts PEX 8532 Key Features o Standard Compliant - PCI Express Base Specification, r1.1 o High Performance - Non-blocking switch fabric - Full line rate on all ports o Non-Transparent Bridging - Configurable Non-Transparent port for Multi-Host or Intelligent I/O Support o Flexible Configuration - Eight highly flexible & configurable ports (x1, x2, x4, x8, or x16) - Configurable with strapping pins, EEPROM, or Host software - Lane and polarity reversal o PCI Express Power Management - Link power management states: L0, L0s, L1, L2/L3 Ready, and L3 - Device states: D0 and D3hot o Quality of Service (QoS) - Two Virtual Channels per port - Eight Traffic Classes per port - Fixed and Round-Robin Virtual Channel Port Arbitration o Reliability, Availability, Serviceability (RAS) - Eight Standard Hot-Plug Controllers - Upstream port as hot-plug client - Transaction Layer end-to-end CRC - Poison bit - Advanced Error Reporting - Per port performance monitoring * Average packet size * Number of packets * CRC errors and more - JTAG boundary scan
Flexible & Versatile PCI ExpressTM Switch
Multi-purpose, Feature Rich ExpressLaneTM PCI Express Switch
The ExpressLaneTM PEX 8532 device offers PCI Express switching capability enabling users to add scalable high bandwidth, non-blocking interconnection to a wide variety of applications including servers, storage systems, communications platforms, blade servers, and embedded-control products. The PEX 8532 is well suited for fan-out, aggregation, dual-graphics, peer-to-peer, and intelligent I/O module applications.
Highly Flexible Port Configurations
The ExpressLane PEX 8532 offers highly configurable ports. There are a maximum of 8 ports that can be configured to any legal width from x1 to x16, in any combination to support your specific bandwidth needs. The ports can be configured for symmetric (each port having the same lane width and traffic load) or asymmetric (ports having different lane widths) traffic. In the event of asymmetric traffic, the PEX 8532 features a flexible central packet memory that allocates a memory buffer for each port as required by the application or endpoint. This buffer allocation along with the device's flexible packet flow control minimizes bottlenecks when the upstream and aggregated downstream bandwidths do not match (are asymmetric). Any of the ports can be designated as the upstream port, which can be changed dynamically.
End-to-end Packet Integrity
The PEX 8532 provides end-to-end CRC protection (ECRC) and Poison bit support to enable designs that require end-to-end data integrity. These features are optional in the PCI Express specification, but PLX provides them across its entire ExpressLane switch product line.
Non-Transparent "Bridging" in a PCI Express Switch
The PEX 8532 product supports full non-transparent bridging functionality to allow implementation of multi-host systems and intelligent I/O modules in applications such as communications, storage, and blade servers. To ensure quick product migration, the non-transparency features are implemented in the same fashion as in standard PCI applications. Non-transparent bridges allow systems to isolate memory domains by presenting the processor subsystem as an endpoint, rather than another memory system. Base address registers are used to translate addresses; doorbell registers are used to send interrupts between the address domains; and scratchpad registers are accessible from both address domains to allow inter-processor communication.
Two Virtual Channels
The ExpressLane PEX 8532 switch supports 2 full-featured Virtual Channels (VCs) and 8 Traffic Classes (TCs). The mapping of Traffic Classes to port-specific Virtual Channels allows for different mappings on different ports. In addition, the devices offer user-selectable Virtual Channel arbitration algorithms to enable users to fine tune the Quality of Service (QoS) required for a specific application.
Low Power with Granular SerDes Control
The PEX 8532 provides low power capability that is fully compliant with the PCI Express power management specification. In addition, the SerDes physical links can be turned off when unused for even lower power.
Flexible Port Width Configuration
The lane width for each port can be individually configured through auto-negotiation, hardware strapping, upstream software configuration, or through an optional EEPROM. The PEX 8532 supports a large number of port configurations. For example, if you are using the PEX 8532 in a fan-out application (such as in Figure 1), you may configure the upstream port as x8 and the downstream ports as six x4 ports; two x8 & two x4 ports; three x8 ports; or any other combination as long as you don't run out of lanes (32) or ports (8). For a peer-to-peer application, you can configure all eight ports as x4 or x2, or a combination of the two. In a port aggregation application, you can configure four x2 or x4 ports for aggregation into one x8 or x16 port.
Applications
Suitable for host-centric as well as peer-to-peer traffic patterns, the ExpressLane PEX 8532 can be configured for a wide variety of form factors and applications.
Host Centric Fan-out
The ExpressLane PEX 8532 device, with its versatile symmetric or asymmetric lane configuration capability, allows user specific tuning to a variety of host-centric applications.
Hot Plug for High Availability
Hot plug capability allows users to replace hardware modules and perform maintenance without powering down the system. The ExpressLane PEX 8532 hot plug capabilities and advanced error reporting features make them suitable for High Availability (HA) applications. Each downstream port includes a Standard Hot Plug Controller. If the PEX 8532 is used in an application where one or more of its downstream ports connect to PCI Express slots, each port's Hot Plug Controller can be used to manage the hot-plug event of its associated slot. Furthermore, its upstream port is a hot-plug client, allowing it to be used on hot-pluggable adapter cards, backplanes and fabric modules.
Figure 1. Fan-in/out Usage Figure 1 shows a typical server-based design, where the root complex provides a PCI Express link that needs to be expanded into a larger number of smaller ports for a variety of I/O functions each with different bandwidth requirements. The ExpressLane PEX 8532 would typically have an 8-lane upstream port, and as many as 7 downstream ports. The downstream ports can be of differing widths if required. The figure also shows how some of the ports can be bridged to provide PCI or PCI-X through the use of the ExpressLane PCIe bridges such as PEX 8114 and PEX 8111.
Fully Compliant Power Management
For applications that require power management, the ExpressLane PEX 8532 device support both link (L0, L0s, L1, L2/L3 Ready, and L3) and device (D0 and D3hot) power management states, in compliance with the PCI Express power management specification.
SerDes Power and Signal Management
The ExpressLane PEX 8532 supports software control of the SerDes outputs to allow optimization of power and signal strength in a system. The PLX SerDes implementation supports four levels of power - off, low, typical and high. The SerDes block also supports loop-back modes and advanced reporting of error conditions, which enables efficient debug and management of the entire system.
Peer-to-Peer & Backplane Usage
Figure 2 represents a backplane where the ExpressLane PEX 8532 provides peer-to-peer data exchange for a large number of line cards where the CPU/Host plays the management role.
Flexible Virtual Channel Arbitration
The ExpressLane PEX 8532 switch supports hardware fixed and Round Robin arbitration schemes for two virtual channels. This allows fine tuning of Quality of Service, optimum use of buffers and efficient use of the system bandwidth.
Figure 2. Peer-to-Peer/Backplane Usage
Graphics Fan-out Switch
The number and variety of PCI Express native-mode devices is growing quickly. The devices such as graphics cards are expected to become mainstream very rapidly. As that happens, it will be necessary to take a wide (x16) graphics port on the root complex device and fan it out to four x4 or two x8 ports.
Dual Fabric Model
High performance communications, storage, and blade server systems often require more reliability than a single host system provides. For these high availability systems, all single points of failure must be eliminated. The ExpressLane PEX 8532 can offer this additional level of redundancy by linking together 2 switch fabric cards in a dual-star topology. Figure 5 shows an example of such a system. In this system, both the host and fabric are on separate cards, and both can be active simultaneously. The unique non-transparency feature of the PEX 8532 is used to allow one fabric/host card to be the primary and the other to be the secondary. This approach can be used to provide more than two active processing nodes. It is straightforward to create a generalized multiprocessor system with smaller ExpressLane switches on each card in non-transparent mode, and several PEX 8532 fabric cards to provide the fabric backbone.
Figure 3. Graphics Fan-out
Dual Host Model
The ExpressLane PEX 8532 supports applications requiring dual host, host failover, and load-sharing applications through the non-transparency feature. Figure 4 illustrates a dual host system using an intelligent adapter card.
Figure 5. Dual Host & Fabric Usage
Switch Fabric Module
The ExpressLane PEX 8532 can also be used in Blade Server switch fabric applications. Figure 6 illustrate the use of PEX 8532 in a Benes Switch configuration. The non-transparency and peer-to-peer functions of PEX 8532 enable use of fewer total switching elements and less hops from source to destination.
Figure 4. Dual Host Usage In this figure, the primary CPU (on the right) is the active host; it configures and enumerates the system, and handles interrupts and error conditions. If the primary host ceases proper operation, the secondary host takes over the system. The PEX 8532 can dynamically re-assign both the upstream port (from primary to secondary) and the non-transparent port (from the secondary to the primary), and allow the system to continue operation. Figure 6. Benes Switch Fabric
Software Usage Model
From a system model viewpoint, each PCI Express port is a virtual PCI to PCI bridge device and has its own set of PCI Express configuration registers. It is through the upstream port that the BIOS or host can configure the other ports using standard PCI enumeration. The virtual PCI to PCI bridges within the PEX 8532 are compliant to the PCI and PCI Express system models. The Configuration Space Registers (CSRs) in a virtual primary/secondary PCI to PCI bridge are accessible by type 0 configuration cycles through the virtual
primary bus interface (matching bus number, device number, and function number).
Interrupt Sources/Events
The ExpressLane PEX 8532 switch support the INTx interrupt message type (compatible with PCI 2.3 Interrupt signals) or Message Signaled Interrupts (MSI) when enabled. Interrupts/messages are generated by PEX 8532 for hot plug events, baseline error reporting, and advanced error reporting.
Development Tools
PLX is offering hardware and software tools (PEX 8532 RDK) to enable rapid customer design activity. These tools are bundled in a Rapid Development Kit (RDK). The RDK consists of hardware, hardware documentation and Software Development Kit (SDK).
ExpressLane PEX 8532 RDK
The RDK hardware module includes the PEX 8532 with a x16 upstream port, a x8 downstream port and two x4 downstream ports. The upstream port is a x16 PCI Express edge connector. PLX offers adapters (x8, x4, and x1) which can be used to plug the RDK in smaller slots. The PEX 8532 RDK board can be installed on a motherboard, used as a riser card, or configured as a bench-top board. The PEX 8532 RDK can be used to test and validate customer software. Additionally, it can be used as an evaluation vehicle for the PEX 8532 features and benefits.
SDK
The SDK tool set includes: - Linux and Windows drivers - C/C++ Source code, Objects, libraries - User's Guides, Application examples, Tutorials
Figure 7. PEX 8532 RDK
Product Ordering Information
PLX Technology, Inc. 870 Maude Ave. Sunnyvale, CA 94085 USA Tel: 1-800-759-3735 Tel: 1-408-774-9060 Fax: 1-408-774-2169 Email: info@plxtech.com Web Site: www.plxtech.com Part Number
PEX8532-BC25BI PEX8532-BC25BI G PEX 8532-BC RDK x8 Adapter x4 Adapter x1 Adapter
Description
32 Lane, 8 Port PCIe Switch, 680-ball PBGA 35x35mm pkg 32 Lane, 8 Port PCIe Switch, 680-ball PBGA 35x35mm pkg, Pb-free PEX 8532 Rapid Development Kit PCI Express x16 to x8 Adapter PCI Express x16 to x4 Adapter PCI Express x16 to x1 Adapter
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for sampling.
(c) 2006 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology, Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
PCI8532-SIL-PB-P1-1.6
01/07


▲Up To Search▲   

 
Price & Availability of PEX8532-BCRDK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X