Part Number Hot Search : 
BZQ55C22 MAX920 CS3524A FN2856 300CA 4731BXDC 2MR30 SB130
Product Description
Full Text Search
 

To Download PCI9656RDK-LITE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High-Performance, Flexible Hardware Development Platform
s PCI
PCI 9656RDK-LITE
Rapid Development Kit For PCI 9656 Generic Local Bus Designs
An Invaluable Development Aid
The PLX PCI 9656RDK-LITE (RDK-LITE) delivers a flexible development platform for designs using the PCI 9656 with generic 32-bit local bus devices. The RDK-LITE is shipped pre-configured for de-multiplexed generic address/data bus operation, but is very easily reconfigured for multiplexed address/data bus applications. The RDK-LITE provides 32 suftace-mount footprints for hardware designers to easily add processors, DSPs, ASICs, FPGAs, memory, and I/O devices to test, simulate, and debug their designs without fabricating their own boards, which can save considerable time in the development process and shorten time to market. The RDK-LITE also includes the PLX Software Development Kite Lite Edition (SDK-LITE) CD, which provides a complete Microsoft Windows(R) software development environment. The PCI 9656RDK-LITE's software, hardware registers, and footprints are backward-compatible with the PCI 9054RDK-LITE, simplifying the move from existing 32-bit, 33MHz PCI 9054 generic local-bus designs into 64-bit, 66MHz PCI 9656 based products.
r2.2 compliant PCI form factor PCI 9656 I/O Accelerator
s The
- Supports 64-bit, 66MHz PCI bus operation - Supports 32-bit, 66MHz generic Local Bus operation
s CPLD
Local Bus memory controller and 128KB SRAM Option Module (POM) expansion connector surface mount footprints for processors, DSPs, ASICs, FPGAs, memory, I/O devices 0.1" through hole grid space for through hole devices
s PLX
s 32
s 30x25
Complete Design Documentation
s OrCAD s Bill
A Complete Package
The hardware reference board serves as both a hardware and software development platform for PCI 9656 based designs. This board is configured for de-multiplexed address and data bus operation (C Mode), but it is user configurable for multiplexed address and data bus operation (J Mode). Its local bus memory controller and SRAM enable immediate Direct Slave and DMA code development and testing. Its large and flexible prototyping area enables the easy extension of the test and debug features of the RDK to include your value added logic. The Hardware Development Kit LITE (HDK-LITE) CD-ROM includes complete documentation of the reference board hardware design, making its components easily reusable in your designs. This documentation includes the board schematics, the board layout source and output files, Bill of Materials (BOM), the Verilog source code for the CPLD memory controller and manuals in PDF fromat. The SDK-LITE is a CD-ROM which provides a complete set of Windows host side software and tools, including host-side Windows 98/Me/NT/2000 drivers for the reference board, PCI 9656 specific APIs and object code libraries, and the PLXMon Windows GUI debug tool. The APIs are backward compatible with the PCI 9054, enabling the easy migration of PCI 9054 software to the PCI 9656.
schematics
of Materials (BOM)
s OrCAD
layout source with Gerber output files Memory controller Verilog source code hardware manuals in PDF format
s CPLD
s All
Complete Windows Host Software Development Environment
s Windows
98/Me/NT/2000 device drivers with source code 9656 Windows Host API and object code library Windows GUI debug tool for monitoring, debugging, configuration, and code download Management Event D3COLD wake-up event emulation
s PCI
PCI 9656RDK-LITE Block Diagram
28-PIN PLCC 0.5 mm, 208/144/80-PIN QPF on the other side on the other side 48-PIN SSOP 48-PIN SSOP
28-PIN SOIC 28-PIN SOIC
s PLXMon
POM1 Connector
1.0mm BGA 25 x25
LED's
0.8mm 44-PIN QFP
0.5mm 240/176/100-PIN QFP
25 x 30 0.1" THROUGH HOLE PROTOTYPE AREA
SRAM RS-232 Serial Port Test Header 6 Test Header 4 Test Header 3 OSC FLASH ROM
s Power
CPLD
0.5mm 208/104/80-PIN QFP
54-PIN TSOP 54-PIN TSOP
EEPROM Test Header 5
0.5mm, 176/100-PIN QFP on the other side Test Header 1 Test Header 2 0.65mm 160/112-PIN QFP 0.05" BGA 26 x 26
16-PIN SOIC 16-PIN SOIC
DC/DC
PCI 9656
0.8mm 44-PIN QFP
84/68/44/28-PIN PLCC
0.4mm, 128-PIN QFP on the other side 64-bit, 66MHz PCI Bus
28-PIN PLCC on the other side
PCI 9656RDK-LITE Board
Function PCI Bus Interface PCI Bus Speed Local Bus Speed PME D3cold wake up emulation button 32K x 32 synchronous SRAM with CPLD memory controller BGA Footprints QFP/PLCC Footprints Description PLX PCI 9656 I/O Accelerator 64-bit, 66 MHz Max 32-bit, 66 MHz Max with C or J mode Emulate Power Management wake up event Demonstrating the infinite bursting capability of the PCI 9656 for both C and J modes 0.050" 26x26, 1.0 mm 25x25 0.65mm 160/112-pin with 0.4mm 128-pin on soldering side 0.5mm 240/176/100-pin with 0.5mm 208/144/80-pin on soldering side 0.5mm 208/144/80-pin with 0.5mm 176/100-pin on soldering side Two (2) 0.5 mm 44-pin with 28-pin PLCC on soldering side 32-pin PLCC 28/44/68/84-pin PLCC Two (2) 54-pin supporting up to 64 Mbytes SDRAM Supports boot-up FLASH memory Used for debugging or code downloading Supports Ethernet or USB port Six (6) 2 x 10-pin For through hole devices
SDRAM Footprint EEPROM Socket RS232 DP-9 Serial Port RJ 40 and USB Connector Footprints Termination Adapter Footprints 0.1" Through Hole Grid Space
PCI 9656HDK-LITE CD-ROM
Contents PCI 9656HDK-LITE CD-ROM Description A CD-ROM containing all hardware design information: OrCAD schematics, OrCAD layout source and Gerber output files, Bill of Materials (BOM), glue logic code, hardware manuals in PDF format
PLX SDK-LITE CD-ROM
Contents PCI 9656 host side API and object code libraries Windows 98/Me/NT/2000 drivers PLXMonTM Description Simplifies the programming of complex hardware control with simple, powerful API calls. The reusable components enable easy creation of device drivers for customer environments and provide for easy porting to future PLX PCI devices PCI 9656 Windows reference drivers Enables easy monitoring, debugging, and configuring of PLX's PCI devices and other PCI/local bus devices. Supports downloading of sample boot FLASH code onto RDK or customer design and allows debugging via serial and/or Ethernet ports Shortens learning curve and development cycle
Comprehensive Manuals (PDF)
Product Ordering Information
Part Number PCI 9656-AA66BI CompactPCI 9656RDK-860 Description PCI 9656 I/O Accelerator Chip (PBGA) CompactPCI Rapid Development Kit with PLX PCI 9656 I/O Accelerator Chip and Motorola MPC860 PowerQUICC PCI 9656 flexible Rapid Development Kit Windows host side software development kit for PLX I/O Accelerators and Processor Windows host and local sides software development kit, plus RTOS and source code for PLX I/O Accelerators and Processor
PLX Technology, Inc. 870 Maude Ave. Sunnyvale, CA 94085 USA Tel: 1-800-759-3735 Tel: 1-408-774-9060 Fax: 1-408-774-2169 Email: info@plxtech.com Web Site: www.plxtech.com
PCI 9656RDK-LITE SDK-LITE SDK-PRO
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for pricing and samples.
(c) 2001 PLX Technology, Inc. All rights reserved. PLX and PLXMon are trademarks of PLX Technology, Inc. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX Technology reserves the right, without notice, to make changes in product design or specification.
PCI 9656/LITE-RDK-PB-P1-1.0
3/01 5K


▲Up To Search▲   

 
Price & Availability of PCI9656RDK-LITE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X