Part Number Hot Search : 
BF1105WR ICS8516 TIP35CP CJP03N60 ST1633 H8205A ECA25 TPS40
Product Description
Full Text Search
 

To Download P921707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INFRARED DETECTOR
PbS photoconductive detector
P9217 series
Room-temperature detectors capable of detecting up to 2.9 m
P9217 is a PbS photoconductive detector with greatly improved stability and resistance to high temperatures as compared with conventional types.
Features
Applications
l High reliability: high temperature resistant
l Radiation thermometers l Flame monitors l Water content analyzers l Food ingredient analysis l Spectrophotometers
Accessories (Optional)
l Preamplifier for PbS/PbSe photoconductive detector
C3757-02
s Specification/Absolute maximum ratings
Di m e nsional O utline/ Package Wi nd o w m aterial * 1 /K /K /K /K Absolute maximum ratings Cooling Active area (mm) 1x5 2x2 3x3 4x5 Supply voltage (V) 100 Operating temperature Topr (C) -30 to +65 Storage temperature Tstg (C) -55 to +65
Type No.
P9217 P9217-02 P9217-03 P9217-04
TO-5 TO-8
Non-cooled
s Electrical and optical characteristics (Typ. unless otherwise noted)
Peak Photo sensitivity *2 Cut-off sensitivity S wavelength wavelength =p c Vs=15 V p Min. Typ. (m) (m) (V/W) (V/W) D (500, 600, 1) D (p, 600, 1) Rise time tr 0 to 63 % Max. (s) 200 Dark resistance Rd
Type No.
Min. Typ. (cm*Hz1/2/W) (cm*Hz1/2/W) (cm*Hz1/2/W)
P9217 4 x 104 1 x 105 P9217-02 5 x 104 5 x 108 1 x 109 1 x 1011 2.2 2.9 P9217-03 2 x 104 5 x 104 P9217-04 1 x 104 3 x 104 2 x 108 5 x 108 5 x 1010 *1: Window material K: Borosilicate glass *2: Chopping frequency: 600 Hz, load resistance: nearly equal to detector element dark resistance.
(M) 0.05 to 1 0.25 to 2.5 0.2 to 2.0
1
PbS photoconductive detector
s Spectral response
100 (Typ. T=25 C)
P9217 series
(Typ. Ta=25 C) 8 7
s S/N vs. supply voltage
800
80
600
SIGNAL 6
RELATIVE VALUE (%)
SIGNAL (V)
60
400 NOISE 200
4 3
40
20
0 1 2 3 4 5
0 0 10
2 LIGHT SOURCE: BLACK BODY 500 K INCIDENT ENERGY: 4.8 W/cm2 1 CHOPPING FREQUENCY: 600 Hz FREQUENCY BANDWIDTH: 60 Hz 0 20 40 50 60 30
WAVELENGTH (m)
KIRDB0301EA
SUPPLY VOLTAGE (V)
KIRDB0046EA
If voltage of higher than 60 V is applied, the noise increases exponentially, degrading the S/N. The device should be operated at 60 V or less.
s S/N vs. chopping frequency
10 (Typ. Ta=25 C) LIGHT SOURCE: BLACK BODY 500 K INCIDENT ENERGY: 4.8 W/cm2 SUPPLY VOLTAGE: 15 V tr: 200 s S/N
s Photo sensitivity temperature characteristic
10 (Typ.)
S 1
RELATIVE SENSITIVITY (%)
RELATIVE S/N
1
N 0.1 1 10
LIGHT SOURCE: BLACK BODY 500 K INCIDENT ENERGY: 4.8 W/cm2 CHOPPING FREQUENCY: 600 Hz SUPPLY VOLTAGE: 15 V 0.1 -10 0 10 20 30 40 50 60 70
102
103
CHOPPING FREQUENCY (Hz)
KIRDB0047EC
ELEMENT TEMPERATURE (C)
KIRDB0302EB
Increasing the chopping frequency reduces the 1/f noise and results in an S/N improvement. The S/N can also be improved by narrowing the noise bandwidth using a lock-in amplifier.
Cooling the device enhances its sensitivity, but the sensitivity also depends on the load resistance in the circuit.
s Dark resistance, rise time temperature characteristics
10 (Typ.)
s Photo sensitivity linearity
102 (Typ. Ta=25 C, FULLY ILLUMINATED)
RISE TIME
101
RELATIVE VALUE (%)
RELATIVE OUTPUT
100
1 DARK RESISTANCE
10-1
10-2 DEPENDENT ON NEP
0.1 -10
0
10
20
30
40
50
60
70
10-3 -9 10
10-8
10-7
10-6
10-5
10-4
ELEMENT TEMPERATURE (C)
KIRDB0303EB
INCIDENT ENERGY (W/cm2)
KIRDB0050EA
By making the incident light spot smaller than the active area, the upper limit of the linearity becomes lower.
2
NOISE (V)
5
PbS photoconductive detector
s Dimensional outline (unit: mm) P9217/-02/-03 P9217-04
P9217 series
9.1 0.3 8.1 0.1 WINDOW 5.9 0.1
13.9 0.2 12.35 0.1 WINDOW 10.5 0.1
0.7 0.1
4.3 0.2
0.4 MAX.
18 MIN.
0.45 LEAD 5.1 0.2
0.45 LEAD CASE 7.5 0.2
1.5 MAX. CASE
0.
8
0.
1
KIRDA0166EB
0.5 MAX.
2.3 0.2
1 MAX.
15 1
PHOTOSENSITIVE SURFACE
2.3 0.2
PHOTOSENSITIVE SURFACE
4.9 0.2
45
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741 Cat. No. KIRD1065E03
0. 8 0. 1
KIRDA0181EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2007 Hamamatsu Photonics K.K.
Mar. 2007 DN


▲Up To Search▲   

 
Price & Availability of P921707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X