Part Number Hot Search : 
LBT37402 NJU7054D NJU7054D AM29LV64 12A12 PC0802L M3851 UJA1164
Product Description
Full Text Search
 

To Download P79107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INFRARED DETECTOR
PbSe photoconductive detector
P791/P2038/P2680 series, P3207-05
Detection capability up 5 m range (TE-cooled type)
Hamamatsu provides various types of PbSe photoconductive cells including room temperature operation types and thermoelectrically cooled types. Cooled type PbSe photoconductive cells offer higher sensitivity and improved S/N, and are widely used in precision photometry such as in analytical instruments.
Features
Applications
Compared to other types of detectors used in the same wavelength range, PbSe cells have higher response speed and can also operate at room temperature, making them useful in a wide range of applications such as gas analyzers, etc. l Lower temperature detection limit: 50 C approx.
l High-speed response l Room temperature operation
l Radiation thermometer l Flame detector l Gas analyzer l Film thickness gauge
Accessories (Optional)
l Heatsink for one-stage TE-cooled type A3179 l Heatsink for two-stage TE-cooled type A3179-01 l Temperature controller for TE-cooled type C1103-04 l Preamplifier for PbS/PbSe photoconductive detector C3757-02 l Infrared detector module with preamp Non-cooled type P4245
Cooled type P4639
s Specification / Absolute maximum ratings
Type No. Di mensional Package outline Cooling Absolute maximum ratings Active Thermistor Thermistor TE-cooler Operating Storage Supply temperature temperature area resistance power current voltage Topr Tstg dissipation dissipation (mm) (mW) (A) (V) (C) (C) (k) 2x2 3x3 2x2 2x2 100 -30 to +50 -55 to +60 1.5 3x3 9 0.2 2x2 1.0 3x3
P791-11 P791-13 P3207-05 P2038-02 P2038-03 P2680-02 P2680-03

TO-5
Non-cooled One-stage TE-cooled Two-stage TE-cooled
TO-8
s Electrical and optical characteristics (Typ. unless otherwise noted)
Measurement Peak condition sensitivity Cut-off Element wavelength wavelength temperature c p T (C) (m) (m) Photo sensitivity S *2 =p Vs=15 V D (500, 600, 1) Rise time D tr (p, 600, 1) 0 to 63 % Max. (s) 3 Dark resistance Rd
Type No.
P791-11 4.0 P791-13 25 4.8 1 4.3 P3207-05 * P2038-02 -10 4.1 5.1 P2038-03 P2680-02 -20 4.2 5.2 P2680-03 *1: Half width 400 nm *2: Chopping frequency: 600 Hz, load resistance: nearly equal to detector element dark resistance
Typ. Min. Typ. Min. (V/W) (V/W) (cm* Hz 1/2 /W) (cm* Hz 1/2 /W) (c m* Hz 1/2 / W) 7 x 102 1 x 103 5 x 107 1 x 108 1 x 109 3 x 102 5 x 102 7 x 102 1 x 103 8 x 108 3 3 2.2 x 10 3 x 10 1 x 108 3 x 108 3 x 109 1 x 103 1.3 x 103 2.7 x 103 4 x 103 2 x 108 4 x 108 4 x 109 1.2 x 103 2 x 103
(M) 0.3 to 1.5 1.7 to 7.0
5 1.8 to 8.0
1
PbSe photoconductive detector
s Spectral response P791/P2038/P2680 series
100 (Typ.)
P791/P2038/P2680 series, P3207-05
P3207-05
100 (Typ.)
80
-20 C
80
RELATIVE VALUE (%)
RELATIVE VALUE (%)
60 -10 C 40 25 C 20
60
40
20
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7
WAVELENGTH (m)
WAVELENGTH (m)
KIRDB0280EA KIRDB0281EA
s S/N vs. supply voltage
600
s S/N vs. chopping frequency
(Typ. Ta=25 C)
18
10
3
(Typ. Ta=25 C) LIGHT SOURCE: BLACK BODY 500 K 2 INCIDENT ENERGY: 16.7 W/cm SUPPLY VOLTAGE: 15 V S/N
500
SIGNAL (V)
400
RELATIVE S/N
NOISE (V)
LIGHT SOURCE: BLACK BODY 500 K INCIDENT ENERGY: 16.7 W/cm2 CHOPPING FREQUENCY: 600 Hz FREQUENCY BANDWIDTH: 60 Hz Supply voltage is the value which contains load resistance S
15
12
S 10
2
300 N
9
200
6
N
100 3
0
0
10
20
30
40
50
60
70
80
0 90 100
101 2 10
10
3
10
4
SUPPLY VOLTAGE (V)
KIRDB0052EC
CHOPPING FREQUENCY (Hz)
KIRDB0053EB
Increasing the chopping frequency reduces the 1/f noise and results in an S/N improvement. The S/N can also be improved by narrowing the noise bandwidth using a lock-in amplifier.
s Photo sensitivity temperature characteristic
10
3
s Dark resistance, rise time temperature characteristics
103 (Typ.)
(Typ.) LIGHT SOURCE: BLACK BODY 500 K SUPPLY VOLTAGE: 15 V INCIDENT ENERGY: 16.7 W/cm2 CHOPPING FREQUENCY: 600 Hz
RELATIVE SENSITIVITY
RELATIVE VALUE
DARK RESISTANCE
102
10
2
RISE TIME
10
1
-20
-10
0
10
20
30
40
50
60
101 -20
-10
0
10
20
30
40
50
60
ELEMENT TEMPERATURE (C)
KIRDB0054EB
ELEMENT TEMPERATURE (C)
KIRDB0055EB
Cooling the device enhances its sensitivity, but the sensitivity also depends on the load resistance in the circuit.
2
PbSe photoconductive detector
s Photo sensitivity linearity
10
2
P791/P2038/P2680 series, P3207-05
s Cooling characteristics of TE-cooler
40 (Typ. Ta=25 C, Thermal resistance of heatsink=3 C/W)
(Typ. Ta=25 C, FULLY ILLUMINATED)
101
ELEMENT TEMPERATURE (C)
RELATIVE SENSITIVITY
20
100
0
ONE-STAGE TE-COOLED
10-1
-20
10
-2
-40
TWO-STAGE TE-COOLED
DEPENDENT ON NEP 10-3 10-7 10-6 10-5 10-4 10-3 10-2
-60 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
INCIDENT ENERGY (W/cm2)
KIRDB0056EA
CURRENT (A)
KIRDB0185EA
By making the incident light spot smaller than the active area, the upper limit of the linearity becomes lower.
s Current vs. voltage characteristics of the TE-cooler
(Typ. Ta=25 C, Thermal resistance of heatsink=3 C/W)
s Thermistor temperature characteristic
106 (Typ.)
1.6 1.4 1.2
RESISTANCE ()
ONE-STAGE TE-COOLED
CURRENT (A)
10
5
1.0 0.8 0.6 0.4 0.2 0 0 0.2 0.4 0.6 0.8 1.0 1.2 TWO-STAGE TE-COOLED
104
103 -40
-30
-20
-10
0
10
20
30
VOLTAGE (V)
KIRDB0115EB
ELEMENT TEMPERATURE (C)
KIRDB0116EA
s Connection example (P2680-03)
CABLE (SUPPLIED WITH C3757-02) 2-CONDUCTOR SHIELDED CABLE P2680-03 + A3179-01 DETECTOR AND HEATSINK BNC CONNECTOR CABLE (SOLD SEPARATELY) C3757-02 POWER SUPPLY FOR PREAMP AMP LOCK-IN AMP or SPECTRUM ANALYZER SIGNAL PROCESSING CIRCUIT
C1103-04
TEMPERATURE CONTROLLER
C4696 CHOPPER
CABLE (SUPPLIED WITH C1103-04) Connect C1103-04 and power supply ground terminals together.
KIRDC0045EB
3
PbSe photoconductive detector
s Dimensional outlines (unit: mm) P791-11/-13
9.1 0.3 8.1 0.1 WINDOW 5.5 0.1
P791/P2038/P2680 series, P3207-05
P3207-05
9.1 0.3 8.1 0.1 2.1 0.2 3.0 0.2 18 MIN. DETECTOR DETECTOR GND
2.1 0.2
FILTER
0.4 MAX.
18 MIN.
0.45 LEAD
0.45 LEAD 5.1 0.2
5.1 0.2
1.5 MAX.
DETECTOR DETECTOR GND
1.5 MAX.
KIRDA0056EC
0.4 MAX.
PHOTOSENSITIVE SURFACE
PHOTOSENSITIVE SURFACE
4.2 0.2
4.2 0.2
WINDOW 5.5 0.1
KIRDA0118EA
P2038-02/-03
15.3 0.2 14 0.2
6.4 0.2
P2680-02/-03
15.3 0.2 14 0.2
10 0.2 6.7 0.2 12 MIN.
WINDOW 10 0.2
WINDOW 10 0.2
4.3 0.2
12 MIN.
PHOTOSENSITIVE SURFACE 0.45 LEAD 10.2 0.2
5.1 0.2
PHOTOSENSITIVE SURFACE 0.45 LEAD 10.2 0.2
5.1 0.2
5.1 0.2
KIRDA0128EA
5.1 0.2
DETECTOR DETECTOR TE-COOLER (-) TE-COOLER (+) THERMISTOR
DETECTOR DETECTOR TE-COOLER (-) TE-COOLER (+) THERMISTOR
KIRDA0125EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2007 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Cat. No. KIRDA1020E06
4
Mar. 2007 DN


▲Up To Search▲   

 
Price & Availability of P79107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X