Part Number Hot Search : 
AG32C1 F1210 HER107R1 SRAS860 CXD3204R DL10LG AON7506 RTC62423
Product Description
Full Text Search
 

To Download P660604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INFRARED DETECTOR
InSb photoconductive detector
P6606 series
Thermoelectrically cooled detectors capable of long-term measurements
Features Applications
l Thermoelectric cooling ensures high speed and high l Environment measurements (gas analysis, etc.) sensitivity up to 6.5 m. l Radiation thermometers (5 m band) l Photoconductive element that changes electrical l FTIR resistance by input of IR radiation l IR laser detection l Easy-to-use detector/preamp modules are also available.
Accessories (optional)
l Heatsink for one-stage TE-cooled type A3179 l Heatsink for two-stage TE-cooled type A3179-01 l Heatsink for three-stage TE-cooled type A3179-04 l Temperature controller C1103-05 (-75 to -25 C) C1103-07 (-30 to +20 C) l Preamp C5185 l Infrared detector module with preamp
P4631-03 (P6606-310)
s Specifications / Absolute maximum ratings
Type No. Di m e nsional outline/ Package Window 1 material * Absolute maximum ratings Thermistor TE-cooler Operating Storage Allowable power power temperature temperature Cooling current dissipation dissipation Topr Tstg (mm) (mW) (A) (mA) (C) (C) One-stage TE-cooled 1.5 1x1 40 Two-stage TE-cooled 1.0 0.5 x 0.5 20 0.2 -40 to +60 -55 to +60 Three-stage TE-cooled 1 x 1 1.0 40 2x2 60 Active area
P6606-110 TO-8 /S P6606-210 P6606-305 TO-3 P6606-310 /S P6606-320 *1: Window material S: Sapphire glass
s Electrical and optical characteristics (Typ. unless otherwise noted)
Measure ment Peak Photo *2 condition sensitivity Cut-off sensitivity Element wavelength wavelength S te m p erature c p =p T (C) -10 -30 (m) (m) 6.7 6.5 D (500, 1200, 1) D (p, 1200, 1) Rise time tr 0 to 63 % Dark resistance Rd
Type No.
Min. Typ. (V/W) (cm*Hz1/2/W) (cm*Hz1/2/W) (cm*Hz1/2/W) (s) () P6606-110 10 7 x 107 2 x 108 1 x 109 20 P6606-210 50 1.5 x 108 5 x 108 2.5 x 109 25 P6606-305 5.5 2500 1 x 109 2 x 109 1 x 1010 0.4 150 -60 6.3 P6606-310 650 1 x 109 2 x 109 1 x 1010 80 150 5 x 108 80 P6606-320 1 x 109 5 x 109 *2: Photo sensitivity changes with the bias current. The values in the above table are measured with the optimum bias current.
1
InSb photoconductive detector
s Spectral response
10
11
P6606 series
s D* vs. element temperature
(Typ. T= -60 C) 10
11
(Typ.)
D* (, 1200, 1) (cm * Hz2 /W)
D* (, 1200, 1) (cm * Hz2 /W)
1
1
10
10
10
10
10
9
10
9
108
2
3
4
5
6
7
108 -60
-50
-40
-30
-20
-10
0
WAVELENGTH (m)
KIRDB0166EB
ELEMENT TEMPERATURE (C)
KIRDB0167EA
s Thermistor temperature characteristic
(Typ.) 1 M
s Cooling characteristics of TE-cooler
[Typ. Ta=25 C, thermal resistance of heatsink=3 C/W (one and two-stage TE-cooler), 1.2 C/W (three-stage TE-cooler)] 40
ELEMENT TEMPERATURE (C)
20
ONE-STAGE TE-COOLED TYPE TWO-STAGE TE-COOLED TYPE
RESISTANCE
100 k
0
-20
10 k
-40 THREE-STAGE TE-COOLED TYPE -60
1 k -80
-60
-40
-20
0
20
40
-80
0
0.4
0.8
1.2
1.6
ELEMENT TEMPERATURE (C)
KIRDB0168EA
TE-COOLER CURRENT (A)
KIRDB0177EA
2
InSb photoconductive detector
s Current vs. voltage of TE-cooler
[Typ. Ta=25 C, thermal resistance of heatsink=3 C/W (one and two-stage TE-cooler), 1.2 C/W (three-stage TE-cooler)]
P6606 series
1.6 1.4 1.2
ONE-STAGE TE-COOLED TYPE
CURRENT (A)
1.0 0.8 0.6 0.4 0.2 0.0 THREE-STAGE TE-COOLED TYPE TWO-STAGE TE-COOLED TYPE 0 0.5 1.0 1.5 2.0 2.5
VOLTAGE (V)
KIRDB0176EB
s Measurement circuit
CHOPPER 1200 Hz BAND-PASS FILTER
r.m.s. METER
DETECTOR BLACK BODY 500 K fo=1200 Hz f=120 Hz INCIDENT ENERGY: 2.64 W/cm2
KIRDC0005EA
3
InSb photoconductive detector
s Dimensional outlines (unit: mm) P6606-110/-210
15.3 0.2 14 0.2 PHOTOSENSITIVE SURFACE WINDOW 10 0.2
P6606 series
0.45 LEAD 10.2 0.2
5.1 0.2
12 MIN.
10.0 0.2
a
DETECTOR DETECTOR TE-COOLER (-) TE-COOLER (+) THERMISTOR P6606-110 P6606-210 a 4.2 0.2 6.6 0.2
KIRDA0126EA
5.1 0.2 10.2 0.2
P6606-305/-310/-320
39 30.1 0.1
4
19.4 0.2
7.0 0.2 12 1 2.0
25.4 0.2
PHOTOSENSITIVE WINDOW 10 0.2 SURFACE
PUMP-OUT PIPE
5 MAX. 12.7 0.2
40
25 MAX.
1.0 LEAD
11.6 0.2
TE-COOLER (+) DETECTOR THERMISTOR PUMP-OUT PIPE NC TE-COOLER (-)
40
40
40
40
KIRDA0127EB
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2004 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Cat. No. KIRD1026E06 May 2004 DN
4


▲Up To Search▲   

 
Price & Availability of P660604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X