Part Number Hot Search : 
ADUC841 20TTS TL06401 C7812CT SMAJ18 BF77107 002223 F1404L
Product Description
Full Text Search
 

To Download P2300NEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CATV Line Amplifiers/Power Inserters 3 kA SIDACtor(R) Device
RoHS
This SIDACtor device is a 3000 A solid state protection device offered in a non-isolated TO-263 (D2) package. It protects equipment located in the severe surge environment of CATV (Community Antenna TV) systems and antenna locations.
SIDACtor Devices
1
2
Electrical Parameters
Part Number * P1500NEL P1900NEL P2300NEL VDRM Volts 140 140 180 VS Volts 180 220 260 VT Volts 4 4 4 IDRM Amps 5 5 5 IS mAmps 800 800 800 IT Amps ** 2.2/25 2.2/25 2.2/25 IH mAmps 50 50 50
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For surge ratings, see table below. ** IT is a free air rating; heat sink IT rating is 25 A. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
Surge Ratings in Amps
IPP 8x20 * 1.2x50 ** Series E * Current waveform in s ** Voltage waveform in s Amps 3000 ITSM 50 / 60 Hz Amps 400 di/dt Amps/s 500
Telecom Design Guide * (c) 2006 Littelfuse
3 - 87
www.littelfuse.com
CATV Line Amplifiers/Power Inserters 3 kA SIDACtor(R) Device
Thermal Conditions
Package TO-263 D2PAK Pin2 Symbol TJ TS
Pin3 Pin2 Pin1
Parameter Operating Junction Temperature Range Storage Temperature Range Maximum Case Temperature Thermal Resistance: Junction to Case Thermal Resistance: Junction to Ambient
Value -40 to +150 -65 to +150 100 1.7 56
Unit C C C C/W C/W
TC RJC * RJA
* RJC rating assumes the use of a heat sink and on state mode for extended time at 25 A, with average power dissipation of 29.125 W.
Capacitance Values
pF Part Number P1500NEL P1900NEL P2300NEL MIN 260 260 350 MAX 650 650 600
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
+I
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
tr = rise time to peak value td = decay time to half value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
V-I Characteristics
tr x td Pulse Waveform
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature
Case Temperature (TC) - C
Normalized DC Holding Current versus Case Temperature
www.littelfuse.com
3 - 88
(c) 2006 Littelfuse * Telecom Design Guide


▲Up To Search▲   

 
Price & Availability of P2300NEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X