Part Number Hot Search : 
JANTX2N 09081 ZT5088 HZS11A1 XR2100 FM203 BR206 AN8014S
Product Description
Full Text Search
 

To Download P0220SCMCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MicroCapacitance (MC) SC SIDACtor(R) Device
RoHS
These DO-214AA SCMC SIDACtor devices are intended for applications sensitive to load values. Typically, high speed connections, such as xDSL and T1/E1, require a lower capacitance. CO values for the MicroCapacitance device are 40 percent lower than a standard SC part. This SCMC SIDACtor series enables equipment to comply with various regulatory requirements including GR 1089, IEC 60950, UL 60950, TIA-968-A (formerly known as FCC Part 68), and ITU K.20, K.21, and K.45.
Electrical Parameters
Part Number * P0080SCMCL P0220SCMCL P0300SCMCL P0640SCMCL P0720SCMCL P0900SCMCL P1100SCMCL P1200SCMCL P1300SCMCL P1500SCMCL P1800SCMCL P2000SCMCL P2100SCMCL P2300SCMCL P2500SCMCL P2600SCMCL P3100SCMCL P3500SCMCL VDRM Volts 6 15 25 58 65 75 90 100 120 140 170 180 180 190 230 220 275 320 VS Volts 25 32 40 77 88 98 130 130 160 180 220 220 240 260 290 300 350 400 VT Volts 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 IDRM Amps 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 IS mAmps 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 IT Amps 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 IH mAmps 50 50 50 150 150 150 150 120 150 150 150 120 150 150 120 150 150 150
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
Surge Ratings in Amps
Series IPP 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps C 50 Amps 500 Amps 400 10x160 * 10x160 ** Amps 200 10x560 * 10x560 ** Amps 150 5x320 * 9x720 ** Amps 200 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 175 Amps 100 Amps 200 Amps 30 di/dt Amps/s 500
* Current waveform in s ** Voltage waveform in s
Telecom Design Guide * (c) 2006 Littelfuse
3-5
www.littelfuse.com
SIDACtor Devices
MicroCapacitance (MC) SC SIDACtor(R) Device
Thermal Considerations
Package DO-214AA Symbol TJ TS RJA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient Value -40 to +150 -65 to +150 90 Unit C C C/W
Capacitance Values
pF Part Number P0080SCMCL P0220SCMCL P0300SCMCL P0640SCMCL P0720SCMCL P0900SCMCL P1100SCMCL P1200SCMCL P1300SCMCL P1500SCMCL P1800SCMCL P2000SCMCL P2100SCMCL P2300SCMCL P2500SCMCL P2600SCMCL P3100SCMCL P3500SCMCL MIN 35 30 25 55 50 45 45 45 40 35 35 35 30 30 30 30 30 25 MAX 75 65 45 85 75 70 70 65 60 55 50 50 50 50 45 45 45 40
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
www.littelfuse.com
3-6
(c) 2006 Littelfuse * Telecom Design Guide
MicroCapacitance (MC) SC SIDACtor(R) Device
+I
IPP - Peak Pulse Current - %IPP
tr = rise time to peak value td = decay time to half value
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
Waveform = tr x td
50
Half Value
0 0 tr td t - Time (s)
-I
V-I Characteristics tr x td Pulse Waveform
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
Telecom Design Guide * (c) 2006 Littelfuse
3-7
www.littelfuse.com
SIDACtor Devices


▲Up To Search▲   

 
Price & Availability of P0220SCMCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X