Part Number Hot Search : 
DMDT9922 IWR0520F AD5170B 10040 OC18E12A AP130X CPC1130 MA277
Product Description
Full Text Search
 

To Download N3753AADC6P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
Operation condition
N375
N375
73.7 54.1 35.6
C US
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass
100M
min (at 500VDC)
Item 7 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 Test Ea Item 8 of IEC255-5 IEC68-2-6 Test Fc IEC68-2-21 Test Ua2 IEC68-2-20 Test Ta method 1 I EC68-2-3T Ca est
50Hz 2200V 50Hz 3750V 100m/s2 11ms 10~55Hz double amplitude 1.5mm 8N 235 2 3 0.5s -25~60 85% (at 40 ) 99g
E160644
Features
heavy reverse power 30A/300VAC 28VDC Optional mounting ways. Firm structure, strong anti-shock & anti vibration. Suitable for automatic control, household electrical appliances and machinery electrical facilities.
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. UL&CUR 30A/300VAC 2HP240VAC 1HP120VAC
Safety approvals
Safety approval
Ordering Information
Load
N375 3C a DC12V P
1 2 3 4 5
4 Coil rated voltage DC:6,12,24,48,110 AC: 6,12,24,48,120,208,240 5 Cover F:F mode; P:P mode; TM:TM model 1 Part number N375 2 Contact arrangement 3A:3A 3B:3B 3C:3C 3 Terminal a: inserting type b: PCB type
Dimensions
2.750
mm /inch
Contact Arrangement Contact Material Contact Rating (Resistive) Max. Switching Power Max. Switching Voltage Max. Resistance or Voltage drop Operation al Electrical life Mechanical
3A (3PSTNO)
3B (3PSTNC) 3C (3PDT (B-M))
0.062 Max. 2.350max. 0.098 0.071 0.059 Max. 2.130max. Max. 1.400max. Max. 3.160max.
AgCdO AgSnO2 3A,3B,3C:30A/300VAC,28VDC; 2HP 240VAC , 1HP 120VAC
2.350
900W 9000VA 150VDC 380VAC 50m 1 10 1 107
5
Max. Switching Current:30A
0.150
Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
0.079
0.090 0.032
0.156 0.055 0.032 0.250 0.031 0.625
Coil Parameter
Dash numbers Rated voltage V Rated AC 006AC 012AC 024AC 048AC 120AC 208AC 240AC 6 12 24 48 120 208 240
DC
Max.
Coil resistance 10%
Pick up voltage V(max) 85%of rated voltage 5.1 10.2 20.4 40.8 102.0 176.8 204.0
75%of
Release voltage V(min) 20%of rated voltage 1.2 2.4 4.8 9.6 24.0 41.6 48.0
10%of
COIL POWER
Operate Time ms
Release Time ms
Dimensions
38.1
1.500
Max. 2.900max.
1.898
2.500
38.1 38.1
1.500
1 4 22.78
2 5 8
3 6 22.78 16.4
0.646
1 4
0.897
2 5 8
3 6 9
9- 2.7 0.071
6.6 13.2 26.4 52.8 132 229 264
2.4 9.5 35 150 570 3075 3800
0.897
16.4
0.646
7 7.62
0.300
9
7
0.300
4.5VA
22.2 0.874 22.2 0.874
7.62
2- 1.8 0.071
Mounting (Bottom view)
1 4 5 6 2 3 1 4 2 5 3 6
rated voltage
rated voltage
006-2600 012-2600 024-2600 048-2600 110-2600
6 12 24 48 110
6.6 13.2 26.4 52.8 121
14 55 230 900 4900
4.5 9.0 18.0 36.0 82.5
0.6 1.2 2.4 4.8 11.0
7
8
9
7
8
9
7
8
9
2.6W
15
5
3C
3A
3B
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Wiring diagram (Bottom view) NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Ningbo Huaguan Relay Corporation LTD.
0.170
Contact Data


▲Up To Search▲   

 
Price & Availability of N3753AADC6P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X