Part Number Hot Search : 
NE5230 NE5230 MB8128 74VHC1G D2FK60 2N1613B 224M0 MBR745
Product Description
Full Text Search
 

To Download LGD0-30A06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 International Products
LgD Series Global ProTM Fuses
600 Volts AC * Time-Delay * 1 - 100 Amperes
Applications
* * * * Motor control centers Motor branch circuits Primary and secondary protection for transformers Equipment designed for export
Features And Benefits
The Global Pro fuse is physically compatible with IEC style fuseholders allowing it to be used in virtually any market. The IEC dimensions of the Global Pro fuseholder allow easy adaptation of exported equipment by simply replacing the fuse with one that meets local standards. * * * * * * * * * * Extremely compact size Pop-up pin indication Meets performance requirements of UL Class J fuses Global acceptance UL approval Universal voltages Touch-safe components Integrated lockout/tagout device for compliance Design versatility for OEMs Designed to IEC standards
Littelfuse Global Pro is the world's only fuse system designed for use anywhere, in any equipment, in virtually any country. Global Pro simplifies circuit protection by incorporating North American electrical requirements into fuse styles found in the rest of the world. Reduced size, touch-safe design, and international acceptance make the Global Pro system the easy circuit protection choice for engineers and equipment designers everywhere. Global Pro fuses provide quick and positive visual identification of blown fuses by using a pop-up indicator design that protrudes from the top of the fuse, immediately alerting maintenance personnel that it needs to be replaced. The pop-up indicator is designed to activate a microswitch built into every Global Pro fuseholders that can activate stack-lights or to integrate into PLC networks and provide equipment operators with a remote method of determining when the fuse needs to be replaced. The Global Pro system is designed to save valuable space in a crowded panel while providing designers with the flexibility of a universally accepted design for easy replacement. These fuses are far more compact and have greater power handling capability than conventional products. Global Pro fuses are up to 75% smaller than Class RK5 fuses and up to 50% smaller than Class J fuses while providing the time-delay characteristics that are necessary for motor circuit protection. International Products
Size Chart
Part Number LgD 0-30A LgD 35-60A LgD 70-100A Amperage 0-30A 35-60A 70-100A English 16" x 2" 13 16" x 2 14" 1116" x 2 3 8"
9
Metric 14mm x 51mm 22mm x 58mm 27mm x 60mm
Specifications
Voltage Ratings: AC: 600 Volts (UL) 690 Volts (IEC) DC: 300 Volts AC: 200,000 amperes rms symmetrical DC: 20,000 amperes rms symmetrical 1 - 100* amperes UL Listed Special Purpose 1-30 amps (File No. E71611) UL Recognized 35-60 amps (File No. E71611) CSA Certified 1-60 amps (File No. LR29862)
Ampere ratings
1 2 3 5 7 10 12 15 20 25 30 35 40 45 50 60 70* 80* 90* 100*
Interrupting Rating: Ampere Range: Approvals:
*Contact factory for ratings above 60A Example part number (series & amperage): LgD 60
162
www.littelfuse.com
(c) 2005 Littelfuse * POWR-GARDTM Products Catalog


▲Up To Search▲   

 
Price & Availability of LGD0-30A06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X