Part Number Hot Search : 
TSH22I SW12900E D271K 1N4738CG KBPC251 AT45D TLP3502A D271K
Product Description
Full Text Search
 

To Download KBL6005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBL4G/KBL6G SERIES
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -125~150 Amperes peak ldeal for printed circuit board Plastic material has UL flammability classification 94V-0 Mounting position :Any .587(14.9) .547(13.9) .640(16.3) .600(15.2)
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 4/6Amperes KBL
.768(19.5) .728(18.5)
.052(1.3)DIA. .048(1.2)TYP.
.750 MIN. (19.0)
.087(2.2) .071(1.8)
.220(5.6) .180(4.6) .256(6.5) .236(6.0)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
KBL 6005G KBL 005G 50 35 50 KBL 601G KBL 01G 100 70 100 KBL 602G KBL 02G 200 140 200 KBL 604G KBL 04G 400 280 400 4.0 6.0 125 150 1.1 10.0 1.0 -55 to +150 -55 to +150 KBL 606G KBL 06G 600 420 600 KBL 608GG KBL 08G 800 560 800 KBL 610G KBL 10G 1000 700 1000
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at 50 TA (Note1) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 4.0/3.0A Peak Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Current at Rated DC Blocking Voltage and 150TA Operating Temperature RangeTJ Storage Temperature Range TA NOTES1. Mounting conditions ,0.5 lead length maximum. 4.0A 6.0A 4.0A 6.0A
SYMBOL VRRM VRMS VDC I(AV)
UNIT V V V A
IFSM
A
VF IR IR TJ TSTG
V uA mA
~ 277 ~
RATING AND CHARACTERISTIC CURVES KBL4(G)/KBL6(G) SERIES
FLG.1-MAXIMUM FORWARD SUNRGE CURRENT 6.0 AVERAGE FORWARD OUTPUT CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 150
KBL6
FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT
5.0 4.0 3.0 2.0
125
TJ=25
KBL4
1.0
1
10 NUMBER OF CYCLETS AT 60Hz
100
0
50
100
150
AMBIENT TEMPERATURE
FIG.4-TYPICAL FORWARD CHARACTERISTICS 20 INSTANTANEOUS FORWARD CURRENT, AMPERES 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 6.0 INSTANTANEOUS REVERSE CUNRRENT, MICROAMPERES 4.0 2.0 1.0 0.6 0.4 0.2 0.1 0.06 0.04 0.02 0.01 0 20
FIG.4-TYPICAL REVERSE CHARACTERISTICS
TJ=25 PULSE WIDTH:300S 1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
40
60
80
100
120
140
PERCENT OF RATED PEVERSE VOLTAGE
~ 278 ~


▲Up To Search▲   

 
Price & Availability of KBL6005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X