Part Number Hot Search : 
5J012 SB160 HF50ACB 00MHZ AUY22IV PPS1040 KAQY216A TFDU4102
Product Description
Full Text Search
 

To Download JZC-33FCS3DC3V02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
JZC-33F
03001003510
R
20.5 10.6 15.6
R50016343
C
US
E160644
Features
5A 10A switching capabilities. Subminiature,standard PC layout. Sealed & Unsealed types available.
Ordering Information
JZC-33F C S 10 DC12V 0.45
1 2 3 4 5 6
4 Contact current 3A,5A,10A 5 Coil rated voltage(V) DC:3,5,6,9,12,18,24 6 Coil power consumption 0.2:0.2W 0.45:0.45W 1 Part number JZC-33F 2 Contact arrangement A:1A C:1C 3 Enclosure S:Sealed type Z:Dust cover
Contact Data
Contact Arrangement Contact Material Contact Rating(resistive) 1A (SPSTNO) 1C (SPDT (B-M)) Ag Silver Alloy 1A:5A/250VAC,30VDC;10A/125VAC 1C:NO:5A/250VAC,30VDC;10A/125VAC NC:3A,5A/250VAC,30VDC Motor load:1/4HP 250VAC Lamp load:TV-5 150W 1250VA 30VDC 277VAC 100m 10 5 10 7 (1A/24VDC) Max.Switching Current:10A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation al life Electrical Mechanical
Coil Parameter
Dash numbers Rated voltage VDC Rated 003-200 005-200 006-200 009-200 012-200 018-200 024-200 003-450 005-450 006-450 009-450 012-450 018-450 024-450 3 5 6 9 12 18 24 3 5 6 9 12 18 24 Max. 3.3 5.5 6.6 9.9 13.2 19.8 26.4 3.3 5.5 6.6 9.9 13.2 19.8 26.4 45 125 180 405 720 1620 2880 20 56 80 180 320 720 1280 Coil resistance 10% Pickup voltage V(max) 75%of rated Volt 2.25 3.75 4.50 6.75 9.00 13.5 18.0 2.25 3.75 4.50 6.75 9.00 13.5 18.0 Release voltage VDC(min) 5%of rated Volt 0.15 0.25 0.30 0.45 0.60 0.90 1.20 0.15 0.25 0.30 0.45 0.60 0.90 1.20 Coil power consumption W Operate Time ms Release Time ms
0.20
8
5
0.45
8
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
JZC-33F
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua2 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
50Hz 1000V 50Hz 4000V 100m/s2 11ms 10~50Hz double amplitude 1.5mm 10N 235 2 3 0.5s -40~70 9 5% (at 35 ) 7g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. TUV CQC
Safety approvals
Safety approval UL & CUR 10A/125VAC 5A/250VAC 1/4HP 250VAC TV-5 4.2A/277VAC1/4HP 277VAC 277VAC 240VAC 120VAC
Load
5A/250VAC,28VDC
5A/250VAC
Dimensions
20.5 0.807 10.6 0.417 10.16 0.400 3.8 0.150 0.4 0.016 15.6 0.614 7.62 0.300 7.62
0.300
mm /inch
5- 1.3 0.051
1C
2.54 0.1
1.45 0.057
5-0.8 0.3 0.031 0.012
20.5 0.807
10.6 0.417 10.16 0.400 7.62
0.300
4- 1.3 0.051
7.62
3.8 0.150
0.4 0.016
1.45 0.057
5-0.8 0.3 0.031 0.012
Dimensions
15.6 0.614
Mounting (Bottom view)
1C
Wiring diagram (Bottom view)
1A
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Ningbo Huaguan Relay Corporation LTD.
0.300
1A


▲Up To Search▲   

 
Price & Availability of JZC-33FCS3DC3V02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X