Part Number Hot Search : 
2SC4159 SZ5710 GS25U15 330KL 4N03L XSCC1 2SB1317 FSH10A04
Product Description
Full Text Search
 

To Download JZC-22F05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
JZC-22F JZC-22F 2 JZC-22F 3
R
C
03001003514 04001010057 E160644 US E158859
VDE
40001299 R50067262 R50067939
20.3 16.8 20.2 22.5 16.8 20.2 20.0 16.0 20.3 JZC-22F JZC-22F2 JZC-22F3
Patent No.: 03129163.5 03231980.0
Features
Small size, light weight .Low coil power consumption. Switching capacity can reach 20A. PC board mounting. Suitable for household electrical appliances, automation system, electronic equipment, instrument and meter application. TV-5 TV-8 Remote control TV receivers, monitor display, audio equipment high and rushing current application.
Ordering Information
JZC-22F S C
1 2 3
5D
4 5
DC12V
6
4 Contact rating 7A,12A,15A/120VAC 28VDC 6A,7A/250VAC 6A/250VAC TV-5 JZC-22F2 20A/125VAC 28VDC 10A/250VAC JZC-22F3 20A/125VAC 28VDC 16A/277VAC TV-8 5 Coil power consumption L:0.36W D:0.45W 6 Coil rated voltage(V) DC:3,6,9,12,24,48
1 Part number JZC-22F JZC-22F2 JZC-22F3 2 Enclosure S: Sealed type F: Dust cover 3 Contact arrangement A:1A B:1B C:1C
Contact Data
Contact Arrangement Contact Material Contact Rating 1A SPSTNO 1B SPSTNC 1C SPDT(B-M) AgCdO AgSnO2 resistive:5A,12A,15A,20A/120VAC,28VDC; 3A;6A,7A,10A/220VAC ; inductive:10A/250VAC; 15A/28VDC (rushing current 80A) (JZC-22FT only) lamp:TV-5 note:1) 20A/125VAC,28VDC &10A/250VAC JZC-22F2 only 2) 20A/125V,28VDC,16A/277VAC&TV-8 JZC-22F3 only 420W 1800VA 110VDC 380VAC 100m 105 107 Max. Switching Current:20A rushing current 80A item 3.12 of IEC255-7 item 3.30 of IEC255-7 item 3.31 of IEC255-7
Max. Switching Power Max. Switching Voltage Contact Resistance & Voltage drop Operation Electrical Life Mechanical
Coil Parameter
Dash numbers Coil voltage VDC Rated 003-360 006-360 009-360 012-360 024-360 048-360 003-450 006-450 009-450 012-450 024-450 048-450 3 6 9 12 24 48 3 6 9 12 24 48 Max. 3.9 7.8 11.7 15.6 31.2 62.4 3.9 7.8 11.7 15.6 31.2 62.4 25 100 225 400 1600 6400 20 80 180 320 1280 5120 Coil resistance 10% Pickup voltage VDC(max) (75%of rated voltage ) 2.25 4.50 6.75 9.00 18.0 36.0 2.25 4.50 6.75 9.00 18.0 36.0 Release voltage VDC(min) (10% of rated voltage) 0.3 0.6 0.9 1.2 2.4 4.8 0.3 0.6 0.9 1.2 2.4 4.8 Coil power consumption W Operate Time ms Release Time ms
0.36
15
5
0.45
15
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
JZC-22F JZC-22F 2 JZC-22F 3
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 T Ea est IEC68-2-6 T Fc est IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
50Hz 750V JZC-22F3 :1000V
50Hz 1500V 50Hz;JZC-22F2 2500V; JZC-22F3 2500V Surge Voltage:4000V
100m/s2 11ms 10~55Hz double amplitude 1.5mm 10N 235 2 3 0.5s -40~85 JZC-22F :70 85% (at 40 ) 13g . 16g(JZC-22F2) 14g(JZC-22F3)
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. CQC 6A/250VAC 22F3:7A/250VAC 22F2:10A/250VAC
Safety approvals
Safety approval UL&CUR VDE TU V Load 15A/125VAC,28VDC TV-5 6A/240VAC 22F2: 10A/28VDC 22F3:16A/277VDC TV-8 10A/250VAC 28VDC 22F2: NO:1HP(16AFLA)125VAC 20A/125VAC 10A/250VAC NC:1/2HP(9.8AFLA)125VAC 20A/125VAC
Dimensions
20.2max. 0.795max. 4.9 0.3 0.193 0.012 20.3max. 0.799max. 16.8max. 0.661max.
mm /inch
0.5 0.020
1A
3-1 0.5 0.039 0.020 12 0.472
2- 0.7
2 0.079 0.027
2 0.079
12.2 0.480
JZC-22F
16.8(16.0)max. 0.661(0.630)max.
1B
0.236
20.2(20.3)max. 0.795(0.799)
22.5(20.0)max. 0.866(0.787)max.
5- 1.3
0.051
6
0.5 0.020
3.5 0.138
1C Mounting (Bottom view)
3-1 0.5 0.039 0.020
Wiring diagram (Bottom view)
2.55 0.100
2- 0.7
0.027
JZC-22F 2 (JZC-22F 3) Dimensions NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Reference Data
10
Time (m se c)
8 6 4 2
Ningbo Huaguan Relay Corporation LTD.


▲Up To Search▲   

 
Price & Availability of JZC-22F05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X