Part Number Hot Search : 
2N3868 ER203 28F200B5 SQJ960EP 2SC44 R1040X PJ2N3906 FR3JB
Product Description
Full Text Search
 

To Download JQX-62FAZ20DC5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
JQX- 62F
03001003505
R
R50007462
29 12.6 24.5
C
US
E158859
Features
Can be welded directly onto PCB. Used in household appliances like air conditioning , heater and instruments etc.
Ordering Information
JQX-62F A Z
1 2 3
1 Part number JQX-62F 2 Contact arrangement A:1A 3 Enclosure Z: Dust cover
20 C DC12V
4 5 6
4 Contact rating 20A/125VAC 16A/250VAC 24VDC 5 Contact material C:AgCdO NIL:AgSnO2 6 Coil rated voltage(V) DC:5,6,9,12,18,24,48
Contact Data
Contact Arrangement Contact Material Contact Rating resistive Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation life Electrical Mechanical 1A SPSTNO AgSnO2 AgCd 20A/125VAC 16A/250VAC 24VDC 385W 4000VA Min. Switching Current 10mA/5V 30VDC 277VAC Max. Switching Current:20A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not recommended for subsequent use in law level applications.
Coil Parameter
Dash numbers Coil voltage VDC Rated Max. Coil current mA Pickup voltage Coil resistance VDC(max) 10% (80%of rated voltage ) 46 67 150 270 600 1100 4267 3.75 4.50 6.75 9.00 13.5 18.0 36.0 Release voltage VDC(min) (10% of rated voltage) 0.25 0.30 0.45 0.60 0.90 1.20 2.40 Coil power consumption W Operate Release Time Time ms ms
005-540 006-540 009-540 012-540 018-540 024-540 048-540
5 6 9 12 18 24 48
6.5 7.8 11.7 15.6 23.4 31.2 62.4
108 90 60 44.4 30 21.8 11.3
0.54
20
10
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
JQX- 62F
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 Item 8 of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 and Ua2 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca 50Hz 1000V 50Hz 5000V surge voltage:10kV Functional 100m/s2 11ms Survival 1000m/s2 11ms 10~55Hz double amplitude 1.5mm 10N 8N 235 2 3 0.5s -30~70 20%~85% (at 40 ) 15g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. CQC 16A/250VAC
Safety approvals
Safety approval Load UL&CUR 20A/125VAC 16A/250VAC,30VDC TU V 16A/250VAC 24VDC
Dimensions
mm /inch
6.73
3.2 0.126
9.8 0.386
2-0.5 0.020
0.244
2.35 0.091
1.55
0.061
4.75 0.187
7.6 0.299
29max. 1.142max.
5.7 0.224
2- 1.2 0.047
2- 1.5 0.059
20 0.787
3.5 0.138
4- 1.2 1
0.047 0.039 2-0.6 0.023 20 0.787 3.6 0.142 2-0.5 0.020 3.5 0.138 2-1
0.039
24.5max. 0.965max. 4.8 0.189
7.6 0.299 12.6max. 0.496max.
Dimensions Wiring diagram (Bottom view)
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
3.4 0.134
Mounting (Bottom view)
Ningbo Huaguan Relay Corporation LTD.


▲Up To Search▲   

 
Price & Availability of JQX-62FAZ20DC5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X