Part Number Hot Search : 
BAW56 F1604 S0400 KDR720UL MC341 284971 GPP20G 1N5948C
Product Description
Full Text Search
 

To Download JQX-54WA277DC5VCB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
JQX- 54W
04001010696
R
30.4 28.5 18.5
on Pending
C
US
E160644
Features
Can be welded directly onto PCB. Compact high capacity relay for inductive load, rushing current of 80A and steady-state current of 25A. Used in household appliances like air conditioning , heater and instruments etc.
Ordering Information
JQX-54W A 25
1 2 3
DC12V C B
4 5 6
4 Coil rated voltage(V) DC:5,6,9,12,24,48,110 5 Contact material C:AgCdO NIL:AgSnO2 6 Resistance heat class B:130 F:155
1 Part number JQX-54W 2 Contact arrangement A:1A 3 Contact rating Resistive: 25A/277VAC 30VDC Inductive:20A/250VAC cos =0.7
Contact Data
Contact Arrangement Contact Material Contact Rating Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 1A SPSTNO AgSnO2 AgCdO Resistive: 25A/277VAC, 30VDC 6380VA 750W 300VAC 30VDC 50m 105 107
Inductive :20A/250VAC,cos =0.7
12
1
HP 250VAC
TV-15
Max. Switching Current:25A rushing current:80A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
Coil Parameter
Dash numbers Coil voltage VDC Rated Max Coil resistance 10% Pick up voltage VDC(max) (75% of rated voltage ) Release voltage VDC(min) (10% of rated voltage) Coil power consumption W Operate Time ms Release Time ms
005-900 006-900 009-900 012-900 024-900 048-900 110-900
5 6 9 12 24 48 110
5.5 6.6 9.9 13.2 26.4 52.8 121
27.7 40 90 160 640 2560 13440
3.75 4.5 6.75 9.00 18.00 36.00 82.50
0.5 0.6 0.9 1.2 2.4 4.8 11.0
0.9
20
10
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
JQX- 54W
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 Item 8 of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 and Ua2 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca 50Hz 1200V 50Hz 3600V surge voltage:10kV Functional:100m/s2 11ms Survival:1000 m/s2 11ms 10~55Hz double amplitude Functional 1.0mm double amplitude Survival 2.0mm 10N 8N 235 2 3 0.5s -40~85 20~85% 31.5g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval Load 25A/277VAC
12
1
UL&CUR HP250VAC 1HP125VAC
CQC 25A/250VAC
Dimensions
15 0.591 1.5 0.059 6.8 0.268
mm /inch
6.3 0.248 18.5max. 9.9 0.728max. 0.390
0.8 0.031
4.3 0.169 1 0.039
4.9 0.193
20 0.787 22 0.866 30.4max. 0.197max.
2.1 0.083 2-0.8 1.5 0.031 0.059
2.5 0.098 24.5 0.965 28.5max. 1.122max.
Dimensions
2.1 0.083
20 0.787 2.5 0.098
24.5 0.965
4.9 0.193
22 0.866
4- 1.8
0.071
Mounting (Bottom view)
Wiring diagram(Bottom view)
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Ningbo Huaguan Relay Corporation LTD.
18 0.709
2-0.3 1.4 0.012 0.055


▲Up To Search▲   

 
Price & Availability of JQX-54WA277DC5VCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X