Part Number Hot Search : 
DB104G LTT67S 55C6V CSLA2GG MAX3544 HSOP28 MAC4SN ER208
Product Description
Full Text Search
 

To Download JQX-14FC07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
JQX-14FC1 & JQX-14FC2 (4124)JQX-14FC3
JQX-14FC1 & JQX-14FC2 (4124) JQX-14FC3
03001003501
R
E9930952E01 R2033977
29
12.8
26
C
US
E160644
Features
Heavy load, suitable for heavy power reverse. Small size, suitable for high-density mounting. Up to 5000VAC dielectric strength. Between open contacts of JQX-14FC3 3000VAC dielectric strength. Contact gap of JQX-14FC3 :2 1.5mm=3mm. Suitable for remote control TV set, copy machine, sales machine and air conditioner etc.
Ordering Information
JQX-14FC1 C
1 2
S
3
10 DC12V
4 5
0.8 3.5
6 7
5 Coil rated voltage(V) DC:3,5,6,9,12,15,24 AC:6,12,24,48,110,120,220 6 Coil power cunsumption NIL:0.53W 0.8:0.8W 1:1VA 1.2:1.2W 7 Pole-distance 3.5:3.5mm 5:5.0mm
1 Part number JQX-14FC1 JQX-14FC2 JQX-14FC3 2 Contact arrangement A:1A 2A:2A C:1C 2C:2C 3 Enclosure S: Sealed type Z: Dust cover 4 Contact current 3A,5A,6A,8A,10A,16A,20A
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) 1A SPSTNO 2A DPSTNO 1C SPDT(B-M) 2C DPDT(B-M) AgCdO AgSnO2 1A:16A/250VAC,30VDC; 1C:10A,16A,20A/250VAC,30VDC; 10A/250VAC,14VDC(20A Application for 5mm Pole-distance) 2A,2C:5A,8A/220VAC, 30VDC;JQX-14FC3;2A:8A/220VAC;2C:6A/220VAC Motor load:1HP 250VAC ; 1/2HP 125VAC Lamp load:TV-5 600W 5000VA 110VDC 380VAC Max. Switching Current:20A 50m Item 3.12 of IEC255-7 5 10 Item 3.30 of IEC255-7 7 6 10 5 10 (JQX-14FC3) Item 3.31 of IEC255-7 2 1.5mm=3mm (JQX-14FC3)
Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Electrical Operation life Mechanical Contact gap
Coil Parameter
DC
Coil resistance 10% C1C2 17 47 68 153 275 1100 Release Pick up voltage voltage VDC(min) VDC(max) (75%of rated ( 10%of rated voltage ) voltage ) 2.25 3.75 4.50 6.75 9.00 18.0 0.3 0.5 0.6 0.9 1.2 2.4 0.53 15 10 Coil power consumption W C 1C 2 Operate Time ms Release Time ms
Dash numbers
Coil voltage VDC Rated Max 3.9 6.5 7.8 11.7 15.6 31.2
C 1C 2
C 1C 2
003-530 005-530 006-530 009-530 012-530 024-530
3 5 6 9 12 24
CAUTION:
1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS
Coil Parameter DC
Coil resistance 10% C3 54 100 180 270 740 Release Pick up Coil power voltage voltage consumption VDC(min) VDC(max) W (75%of rated ( 10%of rated voltage ) voltage ) C3 2A 006-670 009-810 012-800 015-830 024-780 6 9 12 15 24 7.8 11.7 15.6 19.5 31.2 4.50 6.75 9.00 11.3 18.0 0.6 0.9 1.2 1.5 2.4 2C 006-900 009-1160 012-1200 015-1250 024-1230 6 9 12 15 24 7.8 11.7 15.6 19.5 31.2 40 70 120 180 470 4.50 6.75 9.00 11.3 18.0 0.6 0.9 1.2 1.5 2.4 Operate Time ms C3 Release Time ms C3 Coil voltage VDC Rated Max.
Dash numbers
0.67W~0.83W
10
5
0.9W~1.25W
10
5
CAUTION:
1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Coil Parameter
Dash numbers
AC
Coil resistance 10% Pick up voltage VAC(max) (75%of rated voltage ) 4.5 9 18 36 82.5 90 165 Release voltage Coil power Operate Release VAC(min) Time consumption Time ( 10%of rated ms ms voltage ) 0.6 1.2 2.4 4.8 11 12 22
Coil voltage VAC Rated Max. 7.8 15.6 31.2 62.4 143 156 286
006AC 012AC 024AC 048AC 110AC 120AC 220AC
6 12 24 48 110 120 220
16 63 240 1085 5600 6680 21000
1VA
_
_
CAUTION:
1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Creepage distance Shock resistance Vibartion resistance Terminals strength Relative Humidity Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) JQX-14FC3 50Hz 1000V 50Hz 5000V 3000V 4000V Surge voltage 12kV Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 Addenda B of IEC255-5 IEC68-2-27 T Ea est IEC68-2-6 Test Fc IEC68-2-21Test Ua1 2 3 0.5s -25~75 (JQX-14FC3) IEC68-2-3 Test Ca IEC68-2-20 Test Ta method 1
8mm (only for JQX-14FC3) 100m/s
2
11ms amplitude 1.5mm
10~50Hz 10N 235 -40~70
85% (at 40 ) 17g~20g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Safety approvals
safety approvals UL&CUR 1C 16A/250VAC 2C 5A/220VAC 1HP 250VAC 1/2HP 125VAC TV-5 TV 1C 10A/250VAC 14VDC 2C 5A/250VAC 30VDC CQC 10A/250VAC
Load
JQX-14FC1 & JQX-14FC2 (4124)JQX-14FC3
Dimensions
29max. 1.142max. 12.8max. 0.504max.
mm /inch
4 0.3 0.012
2-0.4 1 0.016 0.039
2 0.079 2-0.5 1 0.020 0.039 2-0.16 1 0.006 0.039
2-1 0.4 0.039 0.016
Dimensions
4- 1.3 5- 1.3 6- 1.3 8- 1.3 6- 1.3
26max. 1.024max.
0.051
L L
0.051
L
0.051
L
0.051
L
0.051
L
8- 1.3
0.051
L
L
L
L
0.787
0.787
0.787
0.787
7.5
7.5
7.5
7.5
7.5
7.5
0.295
0.295
0.295
0.295
0.295
0.295
Pole-distance L: 3.5mm or 5mm 0.138 inch or 0.197 inch) JQX-14FC3:5mm(0.197 inch Mounting (Bottom view)
(10A)
(16A)
1A
1C
JQX-14FC1
1A
1C
2A
2C
JQX-14FC2 JQX-14FC3 Wiring diagram (Bottom view)
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Reference Data
Operate time
Temperature rise(deg)
20
Time(m sec )
Coil temp. Rise
Life expectancy Contact current A
0.787
20
20
20
20
20
15
Operate time
AC Resistive
1Pole type
10 5
Release time
Operation
2 Pole type
DC Resistive
Coil Power W
Coil Power W
Contact current A
Contact voltage V
Ningbo Huaguan Relay Corporation LTD.


▲Up To Search▲   

 
Price & Availability of JQX-14FC07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X