Part Number Hot Search : 
ON1509 F005S STTH2002 08010 335P3I3M 1N4934 STK5462 MAX4843
Product Description
Full Text Search
 

To Download IRF9952QPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96115
IRF9952QPBF
l l l l l l l l
Advanced Process Technology Ultra Low On-Resistance Dual N and P Channel MOSFET Surface Mount Available in Tape & Reel 150C Operating Temperature Automotive [Q101] Qualified Lead-Free
HEXFET(R) Power MOSFET
S1 G1 S2 G2
N-CHANNEL MOSFET 1 8 2 3 4 7
D1 D1 D2 D2
N-Ch P-Ch VDSS 30V -30V
6 5
P-CHANNEL MOSFET
Top View
RDS(on) 0.10 0.25
Description
Specifically designed for Automotive applications, these HEXFET(R) Power MOSFET's in a Dual SO-8 package utilize the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of these Automotive qualified HEXFET Power MOSFET's are a 150C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications. The efficient SO-8 package provides enhanced thermal characteristics and dual MOSFET die capability making it ideal in a variety of power applications. This dual, surface mount SO-8 can dramatically reduce board space and is also available in Tape & Reel.
SO-8
Symbol
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current TA = 25C TA = 70C VDS V GS ID IDM IS PD EAS IAR EAR dv/dt TJ, TSTG
N-Channel
Maximum P-Channel
30 20 -2.3 -1.8 -10 -1.3 2.0 1.3
Units
V
Pulsed Drain Current Continuous Source Current (Diode Conduction) TA = 25C Maximum Power Dissipation TA = 70C Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Junction and Storage Temperature Range
3.5 2.8 16 1.7
A
W 57 -1.3 mJ A mJ V/ ns C
44 2.0 0.25 5.0 -55 to + 150
-5.0
Thermal Resistance Ratings
Maximum Junction-to-Ambient
Parameter
Symbol
RJA
Limit
62.5
Units
C/W
www.irf.com
1
07/23/07
IRF9952QPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter V (BR)DSS Drain-to-Source Breakdown Voltage N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-P N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch Min. 30 -30 1.0 -1.0 Typ. Max. 0.015 0.015 0.08 0.10 0.12 0.15 0.165 0.250 0.290 0.400 12 2.4 2.0 -2.0 25 -25 100 6.9 14 6.1 12 1.0 2.0 1.7 3.4 1.8 3.5 1.1 2.2 6.2 12 9.7 19 8.8 18 14 28 13 26 20 40 3.0 6.0 6.9 14 190 190 120 110 61 54 Units V V/C V S A nA Conditions VGS = 0V, ID = 250A VGS = 0V, ID = -250A Reference to 25C, ID = 1mA Reference to 25C, ID = -1mA VGS = 10V, ID = 2.2A VGS = 4.5V, ID = 1.0A VGS = -10V, ID = -1.0A VGS = -4.5V, ID = -0.50A VDS = VGS, I D = 250A VDS = VGS, I D = -250A VDS = 15V, I D = 3.5A VDS = -15V, I D = -2.3A VDS = 24V, VGS = 0V VDS = -24V, V GS = 0V VDS = 24V, V GS = 0V, TJ = 125C VDS = -24V, V GS = 0V, TJ = 125C VGS = 20V N-Channel I D = 1.8A, VDS = 10V, VGS = 10V P-Channel I D = -2.3A, V DS = -10V, VGS = -10V N-Channel VDD = 10V, ID = 1.0A, R G = 6.0, RD = 10 P-Channel VDD = -10V, ID = -1.0A, RG = 6.0, RD = 10 N-Channel V GS = 0V, VDS = 15V, = 1.0MHz P-Channel V GS = 0V, VDS = -15V, = 1.0MHz
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(ON) V GS(th) gfs I DSS I GSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
nC
ns
pF
Source-Drain Ratings and Characteristics
Parameter IS ISM VSD trr Qrr Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch Min. Typ. Max. Units Conditions 1.7 -1.3 A 16 16 0.82 1.2 TJ = 25C, IS = 1.25A, VGS = 0V V -0.82 -1.2 TJ = 25C, IS = -1.25A, VGS = 0V 27 53 N-Channel ns 27 54 TJ = 25C, IF =1.25A, di/dt = 100A/s 28 57 P-Channel nC TJ = 25C, IF = -1.25A, di/dt = 100A/s 31 62
Repetitive rating; pulse width limited by
Notes:
Pulse width 300s; duty cycle 2%. max. junction temperature. ( See fig. 23 ) Surface mounted on FR-4 board, t 10sec. N-Channel ISD 2.0A, di/dt 100A/s, VDD V(BR)DSS, TJ 150C P-Channel ISD -1.3A, di/dt 84A/s, VDD V(BR)DSS, TJ 150C N-Channel Starting TJ = 25C, L = 22mH RG = 25, IAS = 2.0A. (See Figure 12) P-Channel Starting TJ = 25C, L = 67mH R G = 25, IAS = -1.3A.
www.irf.com
2
N-Channel
100
IRF9952QPBF
VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 3.0V TOP
I D , Drain-to-Source Current (A)
I D, Drain-to-Source Current (A)
VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 3.0V TOP
100
10
10
3.0V 20s PULSE WIDTH TJ = 25C A
0.1 1 10
3.0V 20s PULSE WIDTH TJ = 150C A
0.1 1 10
1
1
V DS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
100
I D , Drain-to-Source Current (A)
ISD , Reverse Drain Current (A)
10
10
TJ = 25C TJ = 150C
TJ = 150C TJ = 25C
1
1 3.0 3.5 4.0 4.5
V DS = 10V 20s PULSE WIDTH
5.0 5.5
6.0
A
0.1 0.4 0.6 0.8 1.0
VGS = 0V
1.2
A
1.4
VGS , Gate-to-Source Voltage (V)
VSD , Source-to-Drain Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Source-Drain Diode Forward Voltage
www.irf.com
3
IRF9952QPBF
2.0
N-Channel
0.12
RDS(on) , Drain-to-Source On Resistance (Normalized)
1.5
RDS (on) , Drain-to-Source On Resistance ()
ID = 2.2A
0.10
VGS = 4.5V
1.0
0.08
0.5
0.06
VGS = 10V
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
0.04 0 2 4 6 8 10 12
A
TJ , Junction Temperature ( C)
I D , Drain Current (A)
Fig 5. Normalized On-Resistance Vs. Temperature
Fig 6. Typical On-Resistance Vs. Drain Current
RDS (on) , Drain-to-Source On Resistance ()
E AS , Single Pulse Avalanche Energy (mJ)
0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0.00 0 3 6 9 12 15
100
TOP
80
BOTTOM
ID 0.89A 1.6A 2.0A
60
I D = 3.5A
40
20
A
0 25 50 75 100 125
150
A
V GS , Gate-to-Source Voltage (V)
Starting T J , Junction Temperature (C)
Fig 7. Typical On-Resistance Vs. Gate Voltage
Fig 8. Maximum Avalanche Energy Vs. Drain Current
www.irf.com
4
N-Channel
350
IRF9952QPBF
ID = 1.8A VDS = 10V
300
VGS , Gate-to-Source Voltage (V)
A
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd C oss = C ds + C gd
20
16
C, Capacitance (pF)
250
Ciss Coss
200
12
150
8
100
Crss
4
50
0 1 10 100
0
0
2
4
6
8
10
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 9. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 10. Typical Gate Charge Vs. Gate-to-Source Voltage
100
Thermal Response (Z thJA )
0.50 0.20 10 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100
0.1 0.00001
0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF9952QPBF
100
VGS - 15V - 10V - 7.0V - 5.5V - 4.5V - 4.0V - 3.5V BOTTOM - 3.0V TOP
P-Channel
100
-I D , Drain-to-Source Current (A)
10
-I D , Drain-to-Source Current (A)
VGS - 15V - 10V - 7.0V - 5.5V - 4.5V - 4.0V - 3.5V BOTTOM - 3.0V TOP
10
1
1
-3.0V
-3.0V
0.1 0.1 1
20s PULSE WIDTH TJ = 25C A
10
0.1 0.1 1
20s PULSE WIDTH TJ = 150C A
10
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 12. Typical Output Characteristics
Fig 13. Typical Output Characteristics
100
100
-ID , Drain-to-Source Current (A)
10
-ISD , Reverse Drain Current (A)
10
TJ = 25C T J = 150C
1
TJ = 150C TJ = 25C
1
0.1 3.0 4.0 5.0
VDS = -10V 20s PULSE WIDTH
6.0 7.0 8.0
A
0.1 0.4 0.6 0.8 1.0
VGS = 0V
1.2
A
1.4
-VGS , Gate-to-Source Voltage (V)
-VSD , Source-to-Drain Voltage (V)
Fig 14. Typical Transfer Characteristics
www.irf.com
Fig 15. Typical Source-Drain Diode Forward Voltage
6
P-Channel
2.0
2.5
IRF9952QPBF
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = -1.0A
RDS(on) , Drain-to-Source On Resistance ( )
2.0
1.5
1.5
1.0
VGS = -4.5V
1.0
0.5
0.5
VGS = -10V
0.0 0.0 1.0 2.0 3.0 4.0 5.0
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160
A
TJ , Junction Temperature ( C)
-I D , Drain Current (A)
Fig 16. Normalized On-Resistance Vs. Temperature
Fig 17. Typical On-Resistance Vs. Drain Current
RDS(on) , Drain-to-Source On Resistance ( )
0.80
150
EAS , Single Pulse Avalanche Energy (mJ)
120
0.60
ID -0.58A -1.0A BOTTOM -1.3A TOP
90
0.40
I D = -2.3A
60
0.20
30
0.00 0 3 6 9 12 15
A
0
25
-V GS , Gate-to-Source Voltage (V)
Starting TJ , Junction Temperature ( C)
50
75
100
125
150
www.irf.com
Fig 18. Typical On-Resistance Vs. Gate Voltage
Fig 19. Maximum Avalanche Energy Vs. Drain Current
7
IRF9952QPBF
400
P-Channel
20
-VGS , Gate-to-Source Voltage (V)
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd C oss = C ds + C gd
ID = -2.3A VDS =-10V
16
C, Capacitance (pF)
300
Ciss
Coss
200
12
8
100
Crss
4
0 1 10 100
A
0
0
2
4
6
8
10
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 20. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 21. Typical Gate Charge Vs. Gate-to-Source Voltage
100
Thermal Response (Z thJA )
0.50 0.20 10 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100
0.1 0.00001
0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig 22. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
8
IRF9952QPBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
9 6 ' & ! % " $ 7
9DH 6 6 i DI8C@T HDI H6Y $"! %'' # " &$ '( (' ! (' (%' HDGGDH@U@ST HDI H6Y &$ "$ "" ( #' !$ $ !$ $
% @
$ #
C !$Ab dA
6
p 9 @ r r C
#(& $&# $AA76TD8 !$AA76TD8 !!'# !## (( % A (% $ A'
# "' !&AA76TD8 %"$AA76TD8 %! $' !$ # A $ !& A'
%Y r
F G
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
APPUQSDIU 'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U
DIU@SI6UDPI6G S@8UDAD@S GPBP
www.irf.com
;;;; )
96U@A8P9@AXX QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
9
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
IRF9952QPBF
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/2007
www.irf.com
10


▲Up To Search▲   

 
Price & Availability of IRF9952QPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X