Part Number Hot Search : 
GILFT C21FF4 UZ5708 MPC74 42NFR10E RRCMCH65 74LVT2 1N5929
Product Description
Full Text Search
 

To Download IRF7379QPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96111
IRF7379QPBF
HEXFET(R) Power MOSFET
l l l l l l l l
Advanced Process Technology Ultra Low On-Resistance Dual N and P Channel MOSFET Surface Mount Available in Tape & Reel 150C Operating Temperature Automotive [Q101] Qualified Lead-Free
S1 G1 S2 G2
N-CHANNEL MOSFET 1 8 2 3 4 7
D1 D1 D2 D2
N-Ch VDSS 30V
P-Ch -30V
6 5
P-CHANNEL MOSFET
RDS(on) 0.045 0.090
Top View
Description
Specifically designed for Automotive applications, these HEXFET(R) Power MOSFET's in a Dual SO-8 package utilize the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of these Automotive qualified HEXFET Power MOSFET's are a 150C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications. The efficient SO-8 package provides enhanced thermal characteristics and dual MOSFET die capability making it ideal in a variety of power applications. This dual, surface mount SO-8 can dramatically reduce board space and is also available in Tape & Reel.
SO-8
Absolute Maximum Ratings
Parameter
VSD ID @ TA = 25C ID @ TA = 70C I DM PD @TA = 25C VGS dv/dt TJ, TSTG Drain-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
N-Channel 30 5.8 4.6 46 2.5 0.02 20 5.0 -55 to + 150 -5.0 P-Channel -30 -4.3 -3.4 -34
Units
A
W W/C V V/ns C
Thermal Resistance Ratings
Parameter
RJA Maximum Junction-to-Ambient
Max.
50
Units
C/W
www.irf.com
1
07/23/07
IRF7379QPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter V(BR)DSS Drain-to-Source Breakdown Voltage Min. Typ. Max. N-Ch 30 -- -- P-Ch -30 -- -- N-Ch -- 0.032 -- P-Ch -- -0.037 -- -- 0.038 0.045 N-Ch -- 0.055 0.075 -- 0.070 0.090 P-Ch -- 0.130 0.180 N-Ch 1.0 -- -- P-Ch -1.0 -- -- N-Ch 5.2 -- -- P-Ch 2.5 -- -- N-Ch -- -- 1.0 P-Ch -- -- -1.0 N-Ch -- -- 25 P-Ch -- -- -25 N-P -- -- 100 N-Ch -- -- 25 P-Ch -- -- 25 N-Ch -- -- 2.9 P-Ch -- -- 2.9 N-Ch -- -- 7.9 P-Ch -- -- 9.0 N-Ch -- 6.8 -- P-Ch -- 11 -- N-Ch -- 21 -- P-Ch -- 17 -- N-Ch -- 22 -- P-Ch -- 25 -- N-Ch -- 7.7 -- P-Ch -- 18 -- N-P -- 4.0 -- N-P -- 6.0 -- N-Ch -- 520 -- P-Ch -- 440 -- N-Ch -- 180 -- P-Ch -- 200 -- N-Ch -- 72 -- P-Ch -- 93 -- Units V V/C V S A Conditions VGS = 0V, ID = 250A VGS = 0V, I D = -250A Reference to 25C, ID = 1mA Reference to 25C, I D = -1mA VGS = 10V, ID = 5.8A VGS = 4.5V, ID = 4.9A VGS = -10V, ID =- 4.3A VGS = -4.5V, ID =- 3.7A VDS = VGS, ID = 250A VDS = VGS, I D = -250A VDS = 15V, ID = 2.4A VDS = -24V, ID = -1.8A VDS = 24 V, VGS = 0V VDS = -24V, VGS = 0V VDS = 24 V, VGS = 0V, TJ = 125C VDS = -24V, VGS = 0V, TJ = 125C VGS = 20V N-Channel ID = 2.4A, VDS = 24V, VGS = 10V P-Channel ID = -1.8A, VDS = -24V, VGS = -10V N-Channel VDD = 15V, I D = 2.4A, RG = 6.0, RD = 6.2 P-Channel VDD = -15V, ID = -1.8A, RG = 6.0, RD = 8.2 Between lead, 6mm (0.25in.) from package and center of die contact N-Channel VGS = 0V, V DS = 25V, = 1.0MHz P-Channel VGS = 0V, V DS = -25V, = 1.0MHz
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(ON) VGS(th) gfs I DSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductace Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
nC
ns
nH
pF
Source-Drain Ratings and Characteristics
Parameter IS I SM VSD trr Qrr Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch Min. Typ. Max. Units Conditions -- -- 3.1 -- -- -3.1 A -- -- 46 -- -- -34 -- -- 1.0 TJ = 25C, IS = 1.8A, VGS = 0V V -- -- -1.0 TJ = 25C, IS = -1.8A, VGS = 0V -- 47 71 N-Channel ns -- 53 80 TJ = 25C, IF = 2.4A, di/dt = 100A/s -- 56 84 P-Channel nC TJ = 25C, IF = -1.8A, di/dt = -100A/s -- 66 99
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 10 )
Pulse width 300s; duty cycle 2%. Surface mounted on FR-4 board, t 10sec.
N-Channel ISD 2.4A, di/dt 73A/s, VDD V(BR)DSS, TJ 150C
P-Channel ISD -1.8A, di/dt 90A/s, VDD V(BR)DSS, TJ 150C
2
www.irf.com
N-Channel
1000
IRF7379QPBF
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I , Drain-to-Source Current (A) D
100
I , Drain-to-Source Current (A) D
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
10
4.5V
10
1 0.1 1
20s PULSE WIDTH TJ = 25C
10
A
100
VDS , Drain-to-Source Voltage (V)
1 0.1
20s PULSE WIDTH TJ = 150C
1 10 100
A
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
100
I D , Drain-to-Source Current (A)
TJ = 25C TJ = 150C
ISD , Reverse Drain Current (A)
10
TJ = 150C
TJ = 25C
1
10 4 5 6 7
VDS = 15V 20s PULSE WIDTH
8 9 10
A
0.1 0.0 0.5 1.0 1.5
VGS = 0V
2.0
A
2.5
VGS , Gate-to-Source Voltage (V)
VSD , Source-to-Drain Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Source-Drain Diode Forward Voltage
www.irf.com
3
IRF7379QPBF
2.0
N-Channel
0.20
R DS(on) , Drain-to-Source On Resistance (Normalized)
I D = 4.0A
R DS (on), Drain-to-Source On Resistance ( )
0.16
1.5
0.12
1.0
VGS = 4.5V
0.08
0.5
VGS = 10V
0.04
0.0 -60 -40 -20 0 20 40 60 80
VGS = 10V
100 120 140 160
A
0.00
2
4
6
8
10
TJ , Junction Temperature (C)
I D , Drain Current (A)
Fig 5. Normalized On-Resistance Vs. Temperature
Fig 6. Typical On-Resistance Vs. Drain Current
R DS (on), Drain-to-Source On Resistance ( )
0.08
0.07
0.06
0.05
ID = 5.8A
0.04
0.03
0
4
8
12
16
VGS , Gate-to-Source Voltage (V)
Fig 7. Typical On-Resistance Vs. Gate Voltage
4
www.irf.com
N-Channel
1000
20
IRF7379QPBF
I D = 2.4A VDS = 24V
800
Ciss
600
C oss
400
V GS , Gate-to-Source Voltage (V)
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd C oss = C ds + C gd
16
C, Capacitance (pF)
12
8
200
Crss
4
0 1 10 100
A
0 0 5 10
FOR TEST CIRCUIT SEE FIGURE 11
15 20 25
A
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 8. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 9. Typical Gate Charge Vs. Gate-to-Source Voltage
100
Thermal Response (Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 0.01 PDM t1 t2 SINGLE PULSE (THERMAL RESPONSE) 0.1 0.00001 0.0001 0.001 0.01 0.1 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 1 10 100
10
1
t1 , Rectangular Pulse Duration (sec)
Fig 10. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7379QPBF
100
VGS - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOTTOM - 4.5V TOP
P-Channel
100
-ID , Drain-to-Source Current (A)
10
-4.5V
-I D , Drain-to-Source Current (A)
VGS - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOTTOM - 4.5V TOP
10
-4.5V
1 0.1 1
20s PULSE WIDTH TJ = 25C A
10 100
1 0.1
20s PULSE WIDTH TJ = 150C
1 10
100
A
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 11. Typical Output Characteristics
Fig 12. Typical Output Characteristics
100
100
-I D , Drain-to-Source Current (A)
TJ = 25C TJ = 150C
-ISD , Reverse Drain Current (A)
10
TJ = 150C TJ = 25C
1
10
1 4 5 6 7
VDS = -15V 20s PULSE WIDTH
8 9 10
A
0.1 0.0 0.3 0.6 0.9
VGS = 0V
1.2
A
1.5
-VGS , Gate-to-Source Voltage (V)
-VSD , Source-to-Drain Voltage (V)
Fig 13. Typical Transfer Characteristics
Fig 14. Typical Source-Drain Diode Forward Voltage
6
www.irf.com
P-Channel
R DS (on), Drain-to-Source On Resistance ( )
0.50
IRF7379QPBF
R DS(on) , Drain-to-Source On Resistance (Normalized)
2.0
I D = -3.0A
0.40
1.5
0.30
1.0
VGS = -4.5V
0.20
0.5
0.10
VGS = -10V
0.0 -60 -40 -20 0 20 40 60 80
VGS = -10V
100 120 140 160
A
0.00
0
2
4
6
8
10
12
14
TJ , Junction Temperature (C)
-ID , Drain Current (A)
Fig 15. Normalized On-Resistance Vs. Temperature
Fig 16. Typical On-Resistance Vs. Drain Current
R DS (on), Drain-to-Source On Resistance ( )
0.16
0.14
0.12
0.10
ID = -4.3A
0.08
0.06
0
4
8
12
16
-VGS , Gate-to-Source Voltage (V)
Fig 17. Typical On-Resistance Vs. Gate Voltage
www.irf.com
7
IRF7379QPBF
1000
P-Channel
20
800
-VGS , Gate-to-Source Voltage (V)
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd C oss = C ds + C gd
ID = -3.0A VDS = -24V
16
C, Capacitance (pF)
600
Ciss Coss
12
400
8
200
Crss
4
0 1 10 100
A
0 0 5 10
FOR TEST CIRCUIT SEE FIGURE 22
15 20 25
A
- -V
DS
, Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 18. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 19. Typical Gate Charge Vs. Gate-to-Source Voltage
100
Thermal Response (Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 0.01 PDM t1 t2 SINGLE PULSE (THERMAL RESPONSE) 0.1 0.00001 0.0001 0.001 0.01 0.1 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 1 10 100
10
1
t1 , Rectangular Pulse Duration (sec)
Fig 20. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
8
www.irf.com
IRF7379QPBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
9 6 ' & ! % " $ 7
9DH 6 6 i p DI8C@T HDI H6Y $"! %'' # (' " &$ '( #(& ! (' (%' $&# HDGGDH@U@ST HDI H6Y "$ &$ !$ "" ( #' "' $ !$ $ #
% @
$ #
C !$Ab dA
6
9 @ r r C F G
$AA76TD8 !$AA76TD8 !!'# !## (( % A (% $ A'
!&AA76TD8 %"$AA76TD8 $' %! !$ # A $ !& A'
%Y r
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
APPUQSDIU 'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U
DIU@SI6UDPI6G S@8UDAD@S GPBP
;;;; )
96U@A8P9@AXX QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
9
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
www.irf.com
IRF7379QPBF
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/2007
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7379QPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X