Part Number Hot Search : 
IRFD11 RB415D M25CL64 MC1454 40N120 F1628 OSL1056 4ABT162
Product Description
Full Text Search
 

To Download IRF7309QPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96135
IRF7309QPBF
l l l l l l l l
Advanced Process Technology Ultra Low On-Resistance Dual N and P Channel MOSFET Surface Mount Available in Tape & Reel 150C Operating Temperature Automotive [Q101] Qualified Lead-Free
HEXFET(R) Power MOSFET
D1 D1 D2 D2
S1 G1 S2 G2
N-CHANNEL MOSFET 1 8 2 7
N-Ch
VDSS 30V
P-Ch
-30V
3 4
6 5
RDS(on) 0.050 0.10
P-CHANNEL MOSFET
Description
Top View
Specifically designed for Automotive applications, these HEXFET(R) Power MOSFET's in a Dual SO-8 package utilize the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of these Automotive qualified HEXFET Power MOSFET's are a 150C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications. The efficient SO-8 package provides enhanced thermal characteristics and dual MOSFET die capability making it ideal in a variety of power applications. This dual, surface mount SO-8 can dramatically reduce board space and is also available in Tape & Reel.
SO-8
www.irf.com
1
10/24/07
IRF7309QPBF
nA
2
www.irf.com
IRF7309QPBF
www.irf.com
3
IRF7309QPBF
4
www.irf.com
IRF7309QPBF
www.irf.com
5
IRF7309QPBF
6
www.irf.com
IRF7309QPBF
www.irf.com
7
IRF7309QPBF
8
www.irf.com
IRF7309QPBF
Peak Diode Recovery dv/dt Test Circuit
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+ +
-
* dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ -
*
Reverse Polarity for P-Channel ** Use P-Channel Driver for P-Channel Measurements
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 24. For N and P Channel HEXFETS
www.irf.com 9
IRF7309QPBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
9 6 ' & ! % " $ 7
9DH 6 6 i DI8C@T HDI H6Y $"! %'' # " &$ '( (' ! (' (%' HDGGDH@U@ST HDI H6Y "$ &$ "" ( #' !$ $ !$ $
% @
$ #
C !$Ab dA
6
p 9 @ r r C
#(& $&# $AA76TD8 !$AA76TD8 !!'# !## (( % A (% $ A'
"' # !&AA76TD8 %"$AA76TD8 $' %! !$ # A $ !& A'
%Y r
F G
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
APPUQSDIU 'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U
DIU@SI6UDPI6G S@8UDAD@S GPBP
;;;; )
96U@A8P9@AXX QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ 10 www.irf.com
IRF7309QPBF
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.10/2007 www.irf.com 11


▲Up To Search▲   

 
Price & Availability of IRF7309QPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X