Part Number Hot Search : 
02112 251952B SM6T30A EP9107 NCE3407 PG100R 7CBT6 PA2002NL
Product Description
Full Text Search
 

To Download IR3315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60285
IR3315(S)PbF
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Features
* * * * * * * * Load current feedback Programmable over current shutdown Active clamp ESD protection Input referenced to Vcc Over temperature shutdown Reverse battery protection Lead-Free
Product Summary Rds(on) 20 m max. Vcc op. 6 to 32V Current Ratio 2800 Prog. Ishutdown 3 to 30A Vclamp 40V Packages
Description
The IR3315(S)PbF is a fully protected 4 terminals high side switch. The input signal is referenced to Vcc. When the input voltage Vcc - Vin is higher than the specified threshold, the output power Mosfet is turned on. When the Vcc - Vin is lower than the specified Vil threshold, the output Mosfet is turned off. A current proportional to the power Mosfet current is sourced to the Ifb pin. Over current shutdown occurs when Vst-Vin > 4.5V. The current shutdown threshold is adjusted by selecting the proper RIfb. Either over current and over temperature latches off the switch. The device is reset by pulling the input pin high. Other integrated protections (ESD, reverse battery, active clamp) make the switch very rugged in automotive environment.
TO-220 IR3315PbF
DPak Pin 4 and 5 fused IR3315SPbF
Typical Connection
Vcc IN Ifb
IR3315
Battery Out
Current feeback Input
On Off
10k
Rifb Logic Ground Power Ground
Load
www.irf.com
1
IR3315(S)PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are referenced to Vcc lead. (Tambient=25C unless otherwise specified).
Symbol
Parameter
Min.
-16 -16 -16 -0.3

Max.
37 32 33 37 2.8 100 2 4 0.5 150
Units
V
Vcc-Vin Maximum Vcc voltage Vcc-Vin cont. Maximum continuous Vcc voltage Vcc-Vfb Maximum Ifb voltage Vcc-Vout Maximum output voltage Ids cont. Maximum body diode continuous current Rth=60C/W (1) Ids pulsed Maximum body diode pulsed current (1) Pd Maximum power dissipation Rth=60C/W ESD1 Electrostatic discharge voltage (Human body) C=100pF, R=1500 ESD2 Electrostatic discharge voltage (Machine Model) C=200pF,R=0 Tj max. Max. storage & operating temperature junction temperature Min Rfb Minimum on the resistor on Ifb pin Ifb max. Max. Ifb current (1) Limited by junction temperature. Pulsed is also limited by wiring
A W kV C k mA
-40 0.3 -50
50
Thermal Characteristics
Symbol
Rth1 Rth2 Rth3
Parameter
Thermal resistance junction to ambient D-Pak Std footprint Thermal resistance junction to case D-Pak Thermal resistance junction to case TO-220
Typ.
60 1.6 1.6
Max.

Units
C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Iout
Parameter
Min.

Max.
14 3.9 3.5
Units
A k ms Hz
Continuous output current Tambient=85C, Rth=5C/W, Tj=125C Tambient=85C, Rth=60C/W, Tj=125C Rifb Recommended Ifb resistor (2)(3) Pulse min. Minimum turn-on pulse width Fmax. Maximum operating frequency 2) If Rifb is too low, the device can be damaged. 3) If Rifb is too high, the device may not switch on.
0.5 1
200
www.irf.com
2
IR3315(S)PbF
Protection Characteristics
Tj=25C, Rifb=500 to 5k
Symbol
Vifb-Vin@Isd Tsd OV Isdf Isd_1k Treset Min. pulse WAIT Rds(on) rev.
Parameter
Over-current shutdown threshold Over temperature threshold Over voltage protection (not latched) Fixed over current shutdown Programmable over current shutdown 1k Time to reset protection Min. pulse width (no WAIT state) WAIT function timer Reverse battery On state resistance
Min.
4
Typ.
4.7 165 35 38 12 50 400 1 16
Max.
5.6
Units
V C V A s ms m
Test Conditions
See fig. 5 Vifb33 30 9
200 0.4 10
39 47 16 500 1200 2 28
Static Electrical Characteristics
Tj=25C, Vcc=14V (unless otherwise specified)
Symbol
Vcc op. Icc off Iin, on Vih Vil Vhyst Iout
Parameter
Operating Voltage range Supply leakage current On state IN positive current High level Input threshold voltage (4) Low level Input threshold voltage (4) Input hysteresis Vih-Vil Drain to source leakage current
Min.
6
Typ.
Max.
32 5 6 6.2 5.8 1 5
Units
V A mA V A
Test Conditions
Vin=Vcc, Vcc-Vout=14V, Vcc-Vifb=14V Vcc-Vin=14V
1.5 3 5.4 4.9 0.4 1.2
1.5
4 0.2
Vin=Vcc, Vcc-Vifb=0V, Vcc-Vout=14V Rds(on) On state resistance (5) Tj=25C 10 15 20 Iout=10A, Vcc-Vin=14V On state resistance (5) Tj=25C 10 16 28 Iout=7A, Vcc-Vin=6V m On state resistance (5) Tj=150C 20 28.5 38 Iout=10A, Vcc-Vin=14V Iout=50mA V clamp1 Vcc to Vout clamp voltage 1 36 39 V 40 43 Iout=10A V clamp2 Vcc to Vout clamp voltage 2 (4) Input thresholds are measured directly between the input pin and the tab. Any parasitic resistance in common between the load current path and the input signal path can significantly affect the thresholds. (5) Rdson is measured between the tab and the Out pin, 5mm away from the package.
Switching Electrical Characteristics
Vcc=14V, Resistive load=4, Tj=25C
Symbol
Tdon Tr1 Tr2 Eon Tdoff Tf Eoff
Parameter
Turn on delay time to 10% Vcc Rise time to Vcc-Vout=5V Rise time to Vcc-Vout=0.1Vcc Turn on energy Turn off delay time Fall time to Vout=10% of Vcc Turn off energy
Min.
3 1 2
Typ.
11 4 8 0.2 40 8 0.1
Max.
27 10 20
Units
s mJ s mJ
Test Conditions
See figure 2
10 2
100 20
www.irf.com
3
IR3315(S)PbF
Current Sense Characteristics
Symbol
Ratio Ratio_TC Offset Trst
Parameter
I Load/Iifb current ratio I Load/Iifb variation aver temperature Load current diagnostic offset Ifb response time (low signal)
Min.
2,400 -5 -0.08
Typ.
2,800
Max.
3,200 +5 +0.07
Units
Test Conditions
Tj=25C, Rfb=500, Iout=20A Tj=-40C to 150C Iout=1A 90% of the Iout step
0 1
% A s
Functional Block Diagram
All values are typical
VCC
Charge Pump
Driver
On/Off Fast turn-off 43V 38V
43V
3mA
+ + Reset Set 35V Q
43V
Latch
Wait timer 1 ms 4.7V timer 400s 80 + Iout > 38A Tj > 165C Min. Pulse +
reverse battery protection
IN
IFB OUT
www.irf.com
4
IR3315(S)PbF
Lead Assignments
3- Vcc 3- Vcc
1- In 2- Ifb 3- Vcc (tab) 4- Out 5- Out
12345
12
45
DPak TO220
Vcc-Vin Vih Vil Vhyst IN Iin Ifb
90%
Icc Vcc IR3315 Out
Vcc-Vout Vclamp1 Vclamp2
Vcc-Vin
10%
Tr-in
90% Vcc-5V
Vout
10%
Ifb
Iout Isd
Td on Tr1 Tr2
Td off Tf
Figure 1 - Voltages and current definitions
Figure 2 - Switching time definitions
www.irf.com
5
IR3315(S)PbF
Vin
T clamp
Vcc-Vin
Iout
Vcc
T min. pulse
T min. pulse
Iout
Wait
Vout
Vcc - V clamp
See Application Notes to evaluate power dissipation
Figure 3 - Active clamp waveforms
Figure 4 - Min. pulse and Wait function
Vcc-Vin
t < T reset
t > T reset Wait
t < T reset
t > T reset Wait
Over-current shutdown
Iout
Over-temperature shutdown
Tj
Figure 5 - Protection Timing Diagrams
www.irf.com
6
IR3315(S)PbF
All curves are typical characteristics. Operation in hatched areas is not recommended. Tj=25C, Rifb=500ohm, Vcc=14V (unless otherwise specified).
1 0
6
Icc off, supply leakage current (A)
0 1 0 20 30 40 50
8
5 4 3 2 1 0 -50 0 50 100 150
Icc, supply current (mA)
6
4
2
0
Vcc-Vin, supply voltage (V) Figure 6 - Icc (mA) Vs Vcc-Vin (V)
Tj, junction temperature (C) Figure 7 - Icc off (A) Vs Tj (C)
200%
6 5
Rds(on), Drain-to-Source On Resistance (Normalized)
150%
Vih, Vil and Vifb-Vin@Isd (V)
4 3 2 1 0
Vifb-Vin@Isd VIH VIL
100%
50% -50 0 50 100 150
-50
-25
0
25
50
75
100
125
150
Tj, junction temperature (C) Figure 8 - Normalized Rds(on) (%) Vs Tj (C)
Tj, junction temperature (C) Figure 9 - Vih, Vil and Vifb-Vin@Isd (V) Vs Tj (C)
www.irf.com
7
IR3315(S)PbF
6
100
With calibration
Spec. Max.
4
Isd, over current shutdown (A)
20 25 30
Error (+/-A)
10
2
0 0 5 10 15
1 100 1000 10000
I load, load current (A)
Rifb, feedback resistor ()
Figure 11 - Ids (A) Vs Rifb ()
Figure 10 - Error (+/- A) Vs I load (A)
15
60C/W 35C/W
100
Max. output current (A)
10
Max. output current (A)
-50 0 50 100 150
10
5
0
1 10 100
Tamb., ambient temperature (C) Figure 12 - Max. Iout (A) Vs Tamb. (C)
Inductance (H) Figure 13 - Max. Iout (A) Vs inductance (H)
www.irf.com
8
IR3315(S)PbF
100 Tamb=25C Tamb=100C
100
Zth, transient thermal impedance (C/W)
50C/W free air
10
Ids, output current (A)
5C/W
10
1
0.1
1 1.E-01
0.01 1E-4 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2
1.E+00
1.E+01
1.E+02
1.E+03
Protection response time (s) Figure 14 - Ids (A) Vs over temperature protection response time (s)
Time (s) Figure 15 - Transient thermal impedance (C/W) Vs time (s)
www.irf.com
9
IR3315(S)PbF
Case Outline - TO220 5 leads - Automotive Q100 PbF qualified
www.irf.com
10
IR3315(S)PbF
Case Outline 5 Lead - D2PAK - Automotive Q100 PbF MSL1 qualified
www.irf.com
11
IR3315(S)PbF
Tape & Reel 5 Lead - D2PAK
D2Pak is MSL1 qualified. This product has been designed and qualified for the Automotive [Q100] market. Qualification standards can be found at www.irf.com IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 9/6/2006
www.irf.com
12
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IR3315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X