Part Number Hot Search : 
2A222 GS816 2SB762 810SE T3010 STV223 HT162 EPG6400
Product Description
Full Text Search
 

To Download ICM7362M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICmic
IC MICROSYSTEMS
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
with guaranteed monotonic behavior. They include a 1.25V reference for ease of use and flexibility. The reference output is available on a separate pin and can be used to drive the reference input of each DAC. Alternately, each DAC can be driven by an external reference. The operating supply range is 2.7V to 5.5V. The input interface is an easy to use three-wire SPI/QSPI compatible interface. Each DAC can be individually controlled and has a double buffered digital input.
FEATURES * 12/10/8-Bit Monotonic Dual DACs in 10 lead MSOP Package * Wide Output Voltage Swing * 100 A per DAC * On Board Reference * Serial Interface with three-wire SPI/QSPI and Microwire Interface Compatible * 8s Full-Scale Settling Time APPLICATIONS * Battery-Powered Applications * Industrial Process Control * Digital Gain and Offset Adjustment OVERVIEW The ICM7362, ICM7342 and ICM7322 are Dual 12-Bit, 10Bit and 8-Bit wide output voltage swing DACs respectively,
BLOCK DIAGRAM
REFB REFOUT
REFA
VDD
Reference
ICM 7362/7342/7322
Input and DAC Latch
12/10/8 -Bit DAC A
x2
VOUT A
Input and DAC Latch
12/10/8 -Bit DAC B
x2
VOUT B
SDI
Input Control Logic, Registers and Latches Power-OnReset SCK CS GND
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
1
ICmic
PACKAGE
IC MICROSYSTEMS
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
10-Pin MSOP
V DD 1 REF A 2 V OUT A 3 REF B 4 V OUT B 5
10 GND 9 SDI 8 SCK 7 CS 6 REFOUT
PIN DESCRIPTION Pin No 1 2 3 4 5 6 VDD REF A VOUT A REF B VOUT B REFOUT Symbol Supply Voltage DAC A Reference Input DAC A Output DAC B Reference Input DAC B Output Reference Output (1.25V) Description
7 8 9 10
CS SCK SDI GND
Chip Select (TTL or CMOS) Serial Clock Input (TTL or CMOS) Serial Data Input (TTL or CMOS) Ground
ABSOLUTE MAXIMUM RATING Symbol VDD IIN VIN_ VIN_REF TSTG TSOL Parameter Supply Voltage Input Current Digital Input Voltage (SCK, SDI, CS) Reference Input Voltage Storage Temperature Soldering Temperature Value -0.3 to 7.0 +/- 25.0 -0.3 to 7.0 -0.3 to 7.0 -65 to +150 300 Unit V mA V V o C o C
Note: Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
ORDERING INFORMATION Part ICM7362 ICM7342 ICM7322 Temperature Range -40 oC to 85 oC -40 oC to 85 oC -40 oC to 85 oC Package 10-Pin MSOP 10-Pin MSOP 10-Pin MSOP
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
2
ICmic
Symbol
IC MICROSYSTEMS
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
DC ELECTRICAL CHARACTERISTICS (VDD = 2.7V to 5.5V, VREF IN = 1.25V ; VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted) Parameter Test Conditions Min Typ Max Unit
DC PERFORMANCE ICM7362 N Resolution DNL Differential Nonlinearity INL Integral Nonlinearity ICM7342 N Resolution DNL Differential Nonlinearity INL Integral Nonlinearity ICM7322 N Resolution DNL Differential Nonlinearity INL Integral Nonlinearity GE Gain Error OE Offset Error POWER REQUIREMENTS VDD Supply Voltage IDD Supply Current
12 (Notes 1 & 3) (Notes 1 & 3) 10 (Notes 1 & 3) (Notes 1 & 3) 8 (Notes 1 & 3) (Notes 1 & 3) 0.05 0.25 +1.0 +0.75 +0.5 +25 2.7 (Note 4) 0.4 5.5 1.0 0.1 1.0 +1.0 +3.0 0.4 4.0 +1.0 +12.0
Bits LSB LSB Bits LSB LSB Bits LSB LSB % of FS mV V mA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS Output Voltage Range VOSC Short Circuit Current ROUT Amp Output Impedance Output Line Regulation LOGIC INPUTS VIH Digital Input High VIL Digital Input Low Digital Input Leakage REFERENCE RIN Reference Input Resistance Reference Input Range VREFOUT Reference Output Reference Output Line Regulation
(Note 3) At Mid-scale (Note 2) At 0-scale (Note 2) Vdd=2.7 to 5.5 V (Note 2) (Note 2)
0 60 1.0 100 0.4 2.4
VDD 150 5.0 200 3.0
V mA mV/V V V A k V V mV/V
0.8 5 25 0.5 1.2 41 1.25 0.8 65 VDD -1.5 1.3 4.0
(Note 2) Vdd=2.7 to 5.5 V
AC ELECTRICAL CHARACTERISTICS (VDD = 2.7V to 5.5V, VREF IN = 1.25V ; VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted) Symbol SR Parameter Slew Rate Settling Time Mid-scale Transition Glitch Energy Full-scale settling Test Conditions Min 2 8 Typ Max Unit V/s s nV-S
40
Note 1: Note 2: Note 3: Note 4: Rev. A8
Linearity is defined from code 64 to 4095 (ICM7362) Linearity is defined from code 16 to 1023 (ICM7342) Linearity is defined from code 4 to 255 (ICM7322) Guaranteed by design; not tested in production See Applications Information All digital inputs are either at GND or Vdd ICmic reserves the right to change the specifications without prior notice. 3
ICmic
IC MICROSYSTEMS
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
TIMING CHARACTERISTICS (VDD = 2.7V to 5.5V; all specifications TMIN to TMAX unless otherwise noted) Symbol t1 t2 t3 t4 t5 Parameter SCK Cycle Time Data Setup Time Data Hold Time SCK Falling edge to CS Rising Edge CS Falling Edge to SCK Rising Edge (Note 2) t6 CS Pulse Width 20 ns Test Conditions (Note 2) (Note 2) (Note 2) (Note 2) (Note 2) 15 ns Min 30 10 10 0 Typ Max ns ns ns ns Unit
SCK
t3 t2
t1
SDI
C3
C2
MSB
t5
Input Word for DAC N
t4
CS
t6
Figure 1: Serial Interface Timing Diagram
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
4
ICmic
IC MICROSYSTEMS
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
CONTENTS OF INPUT SHIFT REGISTER ICM7362 (12-Bit DAC) MSB C3 C2 C1 C0 LSB D0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
Figure 2: Contents of ICM7362 Input Shift Register ICM7342 (10-Bit DAC) MSB C3 C2 C1 C0 LSB X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
Figure 3: Contents of ICM7342 Input Shift Register ICM7322 (8-Bit DAC) MSB C3 C2 C1 C0
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
LSB X
Figure 4: Contents of ICM7322 Input Shift Register
C3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
C2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
C1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
C0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
DATA Data Data Data Data Data Data X X X X X X Data Data Data X
DAC A A A B B B X X X X X X A&B A&B A&B X
FUNCTION Load Input Latch Update DAC Load Input Latch and Update DAC Load Input Latch Update DAC Load Input Latch and Update DAC No Operation No Operation No Operation No Operation No Operation No Operation Load Input Latch Update DAC Load Input Latch and Update DAC No Operation
Table 1: Serial Interface Control Command
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
5
ICmic
IC MICROSYSTEMS
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
a bank of 16 latches. The 4 bit control word (C3~C0) is then decoded and the appropriate DAC is updated or loaded depending on the control word (see Table 1). Each DAC has a double-buffered input with an input latch and a DAC latch. The DAC output will swing to its new value when data is loaded into the DAC latch. For each DAC, the user has three options: loading only the input latch, updating the DAC with data previously loaded into the input latch or loading the input latch and updating the DAC at the same time with a new code. The user also has the ability to perform this operation simultaneously for both DACs as shown in Table 1. Power-On Reset There is a power-on reset on board that will clear the contents of all the latches to all 0s on power-up and the DAC voltage outputs will go to ground.
DETAILED DESCRIPTION The ICM7362 is a 12-bit dual voltage output DAC. The ICM7342 is the 10-bit version of this family and the ICM7322 is the 8-bit version. This family of DACs employs a resistor string architecture guaranteeing monotonic behavior. There is a 1.25V onboard reference and an operating supply range of 2.7V to 5.5V. Reference Input and Output Each DAC has its own reference input pin which can be driven from ground to VDD -1.5V. The input resistance on each of these pins is typically 41 k . There is a gain of two in the output amplifiers which means they swing from ground at code 0 to 2 x VREF IN at full-scale : Vout = 2 x (VREF IN xD)/2n Where D=digital input (decimal) and n= number of bits, i.e. 12 for ICM7362, 10 for ICM7342 and 8 for ICM7322. There is also an onboard band-gap reference on all these parts. This reference output is nominally 1.25V and is brought out to a separate pin, REFOUT and can be used to drive the reference input of the DACs. The outputs will nominally swing from 0 to 2.5V when using this reference. Output Amplifier Each DAC has its own output amplifier with a wide output voltage swing. The actual swing of the output amplifier will be limited by offset error and gain error. See the Applications Information Section for a more detailed discussion. The amplifiers are configured in a gain of 2 with internal gain resistors of about 50 k. The output swing will be from 0V to 2 x VREF IN at full-scale. The output amplifier can drive a load of 2.0 k to VDD or GND in parallel with a 500 pF load capacitance. The output amplifier has a full-scale typical settling time of 8 s and it dissipates about 100 A with a 3V supply voltage. Serial Interface and Input Logic This dual DAC family uses a standard 3-wire connection compatible with SPI/QSPI interfaces. Data is loaded in 16bit words which consist of 4 address and control bits (MSBs) followed by 12 bits of data (see table 1). The ICM7342 has the last two LSBs as don't cares and the ICM7322 has the last 4 LSBs as don't cares. Each DAC is double buffered with an input latch and a DAC latch. All the digital inputs are CMOS/TTL compatible. The current dissipation of the device however, will be higher when the inputs are driven at TTL levels. Data is clocked in on the rising edge of SCK which has a Schmitt trigger internally to allow for noise immunity on the SCK pin. This specially eases the use for opto-coupled interfaces. The CS pin must be low when data is being clocked into the part. After the 16th clock pulse the CS pin must be pulled high (level-triggered) for the data to be transferred to an input bank of latches. The CS pin also disables the SCK pin internally when pulled high and the SCK pin must be low before the CS pin is pulled back low. As the CS pin is pulled high the shift register contents are transferred to
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
6
ICmic
IC MICROSYSTEMS
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
above ground. This is why the linearity is specified for a starting code greater than zero. Figure 6 illustrates how a gain error or positive offset error will affect the output when it is close to VDD. A positive gain error or positive offset will cause the output to be limited to the positive supply voltage resulting in a dead-band of codes close to full-scale. This can be avoided by using a reference voltage slightly less then 0.5 x VDD ensuring that the full-scale of the DAC is always less than VDD.
APPLICATIONS INFORMATION Power Supply Bypassing and Layout Considerations As in any precision circuit, careful consideration has to be given to layout of the supply and ground. The return path from the GND to the supply ground should be short with low impedance. Using a ground plane would be ideal. The supply should have some bypassing on it. A 10 F tantalum capacitor in parallel with a 0.1 F ceramic with a low ESR can be used. Ideally these would be placed as close as possible to the device. Avoid crossing digital and analog signals, specially the reference, or running them close to each other. Output Swing Limitations The ideal rail-to-rail DAC would swing from GND to VDD however, offset and gain error limit this ability. Figure 5 illustrates how a negative offset error will affect the output. The output will limit close to ground since this is single supply part, resulting in a dead-band area. As a larger input is loaded into the DAC the output will eventually rise
DEADBAND
NEGATIVE OFFSET
Figure 5: Effect of Negative Offset
OFFSET AND GAIN ERROR
VDD
DEADBAND
POSITIVE OFFSET
Figure 6: Effect of Gain Error and Positive Offset
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
7
ICmic
PACKAGE DIAGRAM 10-Pin MSOP Package
IC MICROSYSTEMS
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
8
ICmic
IC MICROSYSTEMS
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ORDERING INFORMATION
ICM73X2 P G
Device 6 - ICM7362 4 - ICM7342 2 - ICM7322 G = RoHS Compliant Lead-Free package. Blank = Standard package. Non lead-free. Package M = 10-Lead MSOP
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
9


▲Up To Search▲   

 
Price & Availability of ICM7362M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X