Part Number Hot Search : 
HS772 103MN BCR149F RN5VL22A IRF620N CM8628 MSIW2000 106K0
Product Description
Full Text Search
 

To Download FCA-125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SERIES
FCA-125
Tyco Electronics Mid-Range Military/Aerospace Relays
25 AMPERES, SPDT
q HERMETICALLY SEALED q ALL WELDED CONSTRUCTION q BALANCED FORCE q PERMANENT MAGNET DRIVE q CONTACTS: SILVER CADMIUM
OXIDE WITH GOLD PLATING q COILS FOR DC, 50 TO 400Hz AND 400Hz AC q WEIGHT 1.6 OUNCES MAX. (45.4 GRAMS)
QPified to MILl
Qua
O ED PRR-6V06/19* 1 L AP
* Meets new spec MIL-PRF-83536/36 and MIL-PRF-83536/37
The Series FCA-125 relay is a polarized single-side stable design, where the flux from a permanent magnet provides the armature holding force in the deactivated state, and its flux path is switched and combined with the coil flux in the operated state. This results in appreciably increased contact pressure in both states over that of a spring return nonpolar design. We also manufacture other versions of this relay:
FCA-325: 25 AMPERE 3PDT RELAY FCAC-325: 25 AMPERE 3PST RELAY WITH 2 AMPERE, SPDT AUXILIARY CONTACTS
CONTACT RATING-AMPERES
Ratings Are Continuous Duty TYPE OF LOAD Resistive Inductive Inductive Motor Lamp LIFE (MIN.) CYCLES X 103 50 10 20 50 50 28 VDC 25 12 - 10 5 115VAC 400Hz 25 - 15 10 5 115VAC 60Hz * 10 10 - 8 -
* 60 Hz LOADS RATED FOR 10,000 OPERATIONS OVERLOAD CURRENT 50 AMPS DC, 80AMPS 400Hz RUPTURE CURRENT 60 AMPS DC, 100 AMPS 400Hz CONTACT MAKE BOUNCE 1 MILLISECOND AT NOMINAL VOLTAGE MAX. CONTACT DROP AT 25 AMPS: INITIAL 0.150 VOLTS. END OF LIFE 0.175 VOLTS
4
SERIES
FCA-125
Tyco Electronics Mid-Range Military/Aerospace Relays
25 AMPERES, SPDT
COIL DATA
COIL CODE 1 2 3 4 (A) 5 6 7 8 9 NOMINAL VOLTAGES 6 12 28 28 48 28 28 115 115 FREQ. Hz DC DC DC DC DC 400Hz 50/400Hz 400 Hz 50/400Hz OVER TEMPERATURE RANGE DC RES. DROPOUT OR MUST HOLD PICKUP OR AC AMPS (B) BELOW VOLTS ABOVE VOLTS VOLTAGE (C) 20 80 320 320 920 180 mA 100 mA 40 mA 30 mA 4.5 9.0 18.0 18.0 32.0 22.0 22.0 90.0 95.0 0.3 0.75 1.5 1.5 2.5 1.25 1.25 5.0 5.0 2.5 4.5 7.0 7.0 14.0 10.0 10.0 40.0 40.0
A. CODE 4 COILS HAVE BACK EMF SUPPRESSION D. MAX. OVERVOLTAGE: 6 & 12 VDC COILS 120% OF TO 42 VOLTS MAX. NOMINAL; ALL OTHERS 110% OF NOMINAL. B. DC COIL RESISTANCE 10% AT 25C; E. COILS AVAILABLE FOR OTHER VOLTAGES AND AC COIL MAX. CURRENT AT NOMINAL VOLTAGE. FOR AC 50/60HZ. C. RELAY WILL STAY IN PICKED-UP STATE DOWN TO MUST HOLD VOLTAGES SHOWN. NOTE: Only DC Coil Models are QPL Approved.
GENERAL SPECIFICATIONS
TEMPERATURE RATING: ALTITUDE: SHOCK:* VIBRATION, SINUSOIDAL:* VIBRATION, RANDOM: * DIELECTRIC STRENGTH AT SEA LEVEL: DIELECTRIC STRENGTH AT 80,000 FEET: INSULATION RESISTANCE: -70C TO + 125C 300,000 FEET 200 g FOR 6 mS 100 g FOR 6 mS 30 g 33-3000Hz 20 g 33-3000Hz 0.4 g2/Hz 50-2000Hz 0.2 g2/Hz 50-2000Hz 1250 V rms 1000 V rms
Z, Y, & X ENCLOSURES W & M ENCLOSURES (STUD MTG.) Z, Y, & X ENCLOSURES W & M ENCLOSURES (STUD MTG.) Z, Y, & X ENCLOSURES W & M ENCLOSURES (STUD MTG.) ALL CIRCUITS TO GROUND AND CIRCUIT TO CIRCUIT. COIL TO GROUND
350 V rms 100 M MINIMUM INITIAL (500 VDC) AFTER LIFE OR ENVIRONMENTAL TESTS 50 M MINIMUM OPERATE TIME AT NOMINAL VOLTAGE: DC RELAYS 10 ms OR LESS 15 ms OR LESS AC RELAYS RELEASE TIME AT NOMINAL VOLTAGE: DC RELAYS 10 ms OR LESS 50 ms OR LESS AC RELAYS
* Max. contact opening under vibration or shock 10 microseconds
5
SERIES
FCA-125
Tyco Electronics Mid-Range Military/Aerospace Relays
25 AMPERES, SPDT
Below are shown the standard terminal types and the enclosures available. Specify the assembly as indicated under How To Order. Dimensions are shown in inches .010 and (Millimeters .25).
6
SERIES
FCA-125
Tyco Electronics Mid-Range Military/Aerospace Relays
25 AMPERES, SPDT
HOW TO ORDER
(EXAMPLE) RELAY TYPE TERMINALS (Socket Pins, DC Coil) ENCLOSURE (With Flanges) COIL (28 VDC With Transient Suppression). NOTE: Only DC coil models are QPL Approved
FCA-125-A Y 4
7


▲Up To Search▲   

 
Price & Availability of FCA-125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X