Part Number Hot Search : 
4749A HCT14 C3504 MICRF001 HD6417 BN1L3N CM32DA 30L30CT
Product Description
Full Text Search
 

To Download EUP7987-25VIR0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUP7987 300mA Low-Noise Ultra Low-Dropout CMOS Regulator
DESCRIPTION
The EUP7987 low-noise, low-dropout, linear regulator operates from a 2.5V to 5.5V input and is guaranteed to deliver 300mA. The EUP7987 is stable with small 2.2F ceramic capacitor. Its performance suits battery powered applications because of its shutdown mode (60 nA typ), low quiescent current (110A typ), and LDO voltage (140mV typ). The low dropout voltage allows for more utilization of a battery's available energy by operating closer to its end-of-life voltage. The EUP7987 is available in 1.8V, 2.5v, 2.8V, 3V, 3.3V, and adjustable versions.
FEATURE
300mA Guaranteed Output Current (500mA for Pulsed Loads) 60dB PSRR at 1kHz 50 VRMS Output Voltage Noise 140mV Dropout at 300mA Load Low 110A No-Load Supply Current 1A Shutdown Current Fast Start-up Time Stable With 2.2F Ceramic Output Capacitors Thermal Shutdown and Short-Circuit Protection SOT23-5 and SOT23-6 Package RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Wireless Handsets DSP Core Power Battery Powered Electronics Portable Information Appliances
Block Diagram
Figure1.
DS7987 Ver 1.5 May .2005
1
EUP7987
Typical Application Circuit
Figure2. Fixed-Voltage LDO Regulator
Figure3 Adjustable LDO Regulator Programming
DS7987 Ver 1.5 May .2005
2
EUP7987
Pin Configurations
Part Number Pin Configurations
EUP7987 SOT23-5 The set pin is internally disconnected for the fixed versions
EUP7987 SOT23-6
Pin Description
PIN SOT23-5 SOT23-6 DESCRIPTION
VIN GND
1 2
1 2
Input voltage of the LDO Common Ground
SHDN BP SET VOUT
3 4
3 4 5
SHDN places the entire device in shutdown mode when held low. Compensation capacitor for noise reduction Output voltage set. Not externally connected for the fixed versions. Connect to resistor-divider for adjustable output voltage. Output voltage of the LDO
5
6
DS7987 Ver 1.5 May .2005
3
EUP7987
Ordering Information
Order Number
EUP7987-18VIR1 EUP7987-18VIR0 EUP7987-25VIR1 EUP7987-25VIR0 EUP7987-28VIR1 EUP7987-28VIR0 EUP7987-30VIR1 EUP7987-30VIR0 EUP7987-33VIR1 EUP7987-33VIR0 EUP7987VIR1 EUP7987VIR0
Package Type
SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-6
Marking J1 1/4
1/4 1/4 1/4 1/4 1/4 1/4
Operating Temperature range
-40C to 85C -40C to 85C -40C to 85C -40C to 85C -40C to 85C -40C to 85C
J2 1/4 J6 1/4 J5 1/4 J3 1/4 JA 1/4
EUP7987 1/4
1/4
1/4
1/4
1/4
1/4 Lead Free Code 1: Lead Free 0: Lead
Packing R: Tape & Reel Operating temperature range I: Industry Standard C: Commercial Package Type V: SOT23 Output Voltage 18: 1.8V 25: 2.5V 28: 2.8V 30: 3.0V 33: 3.3V Blank: Adjustable
DS7987 Ver 1.5 May .2005
4
EUP7987
Absolute Maximum Ratings
VIN, VOUT, V SHDN , VSET , VCC, ----------------------------------------------------------- -0.3V to 6V Storage Temperature Range ------------------------------------------------------------- -65C to 160C Junction Temperature (TJ) -----------------------------------------------------------------------150C Lead Temperature (10 sec.) ------------------------------------------------------------------------260C
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for VIN= VO +0.5V, VSHDN=VIN, CIN=COUT=2.2F, CCC=22nF, TJ =25C. (Boldface limits apply for the operating temperature extremes: -40C and 85C)
Symbol
VIN VO VO IO ILIMIT IQ
Parameter
Input Voltage Output Voltage Tolerance Output Adjust Range Maximum Output Current Output Current Limit Supply Current Shutdown Supply Current
Conditions
100A IOUT 300mA VIN=VO+0.5V, SET= OUT for the Adjust Versions Adjust Version Only Continuous 10ms pulse IOUT=0mA IOUT=300mA VO =0V, SHDN =GND IOUT =1mA IOUT =200mA IOUT =300mA IOUT = 1mA, (VO +0.5V) VI 5.5V 100A IOUT 300mA IOUT =10mA, 10Hz f 100kHz VIH,(VO+0.5V) VI 5.5V VIL,(VO+0.5V) VI 5.5V
SHDN =GND or IN
EUP7987 Min Typ Max.
2.5 -2 -3 1.25 300 5.5 +2 +3 5.5
Unit
V % of VOUT(NOM) V mA mA mA A A mV %/V %/mA VRMS V nA nA C s dB
500 600 110 240 0.06 0.4 90 140
-0.1
200
1
200
VDO
Dropout Voltage Line Regulation Load Regulation
VO en
VSHDN ISHDN ISET
0.05 0.002 50
0.1
Output Voltage Noise
SHDN Input Threshold SHDN Input Bias Current
1.6
0.4
0.1 0.1 160 20
100 2.5
SET Input Leakage Thermal Shutdown Temperature Thermal Shutdown Hysteresis Start-Up Time Power Supply Rejection Ratio
SET = 1.3V, Adjust Version Only
TSD TON PSRR
COUT =10F, VO at 90% of Final Value VIN=VOUT+0.5V, f=1kHZ
80 60
DS7987 Ver 1.5 May .2005
5
EUP7987
Typical Operating Characteristics
Unless otherwise specified, VIN = VO + 0.5V, CIN=COUT = 2.2 F, CCC= 22 nF, TJ= 25C, VSHDN=VIN
Output Voltage Change vs Temperature
0.2
Dropout Voltage v s. Load Current 160 140 Dropout Voltage(mV)
0.0
Vout Change (%)
120 100 80 60 40 20
Tj= -40 Tj=25 Tj=85
-0.2 -0.4 -0.6 -0.8
50 20 0 14 0 10 0 12 0 -4 0 -5 5 -2 0
0 0 50 100
Load Current(mA)
T emperature
150
200
250
300
Supply Current s. Input Voltage(SOT25) v
Supply Current s Load Current v 300 250 Supply Current uA) ( 200 150 100 50 0 Tj=25 Tj=85 TJ=-40
175 150 Supply Current(u A) 125 100 75 50 25 0 2.6 3 3.4 3.8 4.2 4.6 5 5.4 5.8
Input Voltage(V) TA= 25 TA= 85 Tj=-40
0
50
100 150 200 Load Current(mA)
250
300
Input Voltage vs Output Voltage(SOT25)
2.55 2.5 2.45 2.4 2.35 2.3 3 3.5 4 4.5 Vin(V) 5 5.5 6
DS7987 Ver 1.5 May .2005
Vo(V)
6
EUP7987
Output Noise (10kHz to 100kHz)
Shutdown Response
DS7987 Ver 1.5 May .2005
7
EUP7987
Application Information
External Capacitors Like any low-dropout regulator, the EUP7987 requires external capacitors for regulator stability. The EUP7987 is specifically designed for portable applications requiring minimum board space and smallest components. These capacitors must be correctly selected for good performance. Input Capacitor Noise Bypass Capacitor An external 10nF bypass capacitor at BP pin conjunction with an internal resistor creates lowpass filter. Increasing the capacitance will decrease the output noise. This cap is connected directly to a high impedance node in the bandgap reference circuit. Any significant loading on this node will cause a change on the regulated output voltage. For this reason, DC leakage current through this pin must be kept as low as possible for best output voltage accuracy. The types of capacitors best suited for the noise bypass capacitor are ceramic and film. Unlike many other LDO's , addition of a noise reduction capacitor does not effect the load transient response of the device. However, it does affect start-up time. The smaller the capacitance value, the quicker the start-up time. Power Dissipation and Junction Temperature
A minimum input capacitance of 1F is required between the EUP7987 input pin and ground (the amount of the capacitance may be increased without limit).This capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input. If a tantalum capacitor is used at the input, it must be guaranteed by the manufacturer to have a surge current rating sufficient for the application.
No-Load Stability
The EUP7987 will remain stable and in regulation with no external load. This is specially important in CMOS RAM keep-alive applications.
Output Capacitance
The EUP7987 is specifically designed to employ ceramic output capacitors as low as 2.2F. Ceramic capacitors below 10F offer significant cost and space savings, along with high frequency noise filtering. Higher values and other types and of capacitor may be used, but their equivalent series resistance (ESR) should be maintained below 0.5. Ceramic capacitor of the value required by the EUP7987 are available in the following dielectric types: Z5U, Y5V, X5R, and X7R. The Z5U and Y5V types exhibit a 50% or more drop in capacitance value as their temperature increase from 25C, an important consideration. The X5R generally maintain their capacitance value within 20%. The X7R type are desirable for their tighter tolerance of 10% over temperature.
Specified regulator operation is assured to a junction temperature of 125C; the maximum junction temperature should be restricted to 125C under normal operating conditions. This restriction limits the power dissipation the regulator can handle in any given application. To ensure the junction temperature is within acceptable limits, calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or equal to PD(max) The maximum-power-dissipation limit is determined using the following equation:
P
D(max)
T max - T A =J R
JA
Where: TJMAX is the maximum allowable junction temperature. RJA is the thermal resistance junction-to-ambient for the package TA is the ambient temperature. The regulator dissipation is calculated using: PD=(VI-VO) N IO
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal protection circuit.
DS7987 Ver 1.5 May .2005
8
EUP7987
Adjustable Operation Shutdown
The adjustable version of the EUP7987 has an output voltage range of 1.25V to 6V. The output voltage of the EUP7987 adjustable regulator is programmed using an external resistor divider as shown in Figure3. The output voltage is calculated using: R V = V x (1 + 1 ) O ref R
2
The EUP7987 goes into sleep mode when the SHDN pin is in a logic low condition. During this condition, the pass transistor, error amplifier, and bandgap are turned off, reducing the supply current to 60nA typical. The SHDN pin may be directly tied to VIN to keep the part on.
Fast Start-up
Where: Vref=1.23V typ. (the internal reference voltage) Utilize the following equation for adjusting the output to a particular voltage: V PI = R 2 O - 1 1.23V Choose R2=100k to optimize accuracy, power supply rejection, noise and power consumption. In order to improve the stability of the adjustable version, it is suggested that a small compensation capacitor C1 be placed between VOUT and SET
The EUP7987 provides fast start-up time for better system efficiency. The start-up speed is maintained when using the optional noise bypass capacitor.
DS7987 Ver 1.5 May .2005
9
EUP7987
Packaging Information
SOT23-5
Note: 1. Package body sizes exclude mold flash protrusions or gate burrs. 2. Tolerance 0.1000mm (4 mil) unless otherwise specified. 3. Coplanarity: 0.1000mm 4. Dimension L is measured in gage plane.
Symbols A A1 A2 b C D E e H L c1
Min. 1.00 0.00 0.70 0.35 0.12 2.70 1.50 ----2.6 0.37 14
Dimension in Millimeters Nom 1.10 ----0.80 0.40 0.15 2.90 1.60 1.90(Typ.) 2.8 ----5
Max. 1.30 0.10 0.90 0.50 0.20 3.10 1.70 ----3.00 ----9
DS7987 Ver 1.5 May .2005
10
EUP7987
SOT23-6
SYMBOLS A A1 A2 b C D E E1 e E1 L L1 L2 R R1
c c
DS7987 Ver 1.5 May .2005
1
DIMENSIONS IN MILLIMETERS MIN. NOM. --------------------0.90 1.15 0.30 -----0.08 -----2.90 BSC 2.80 BSC 1.60 BSC 0.95 BSC 1.90 BSC 0.30 0.45 0.60 REF 0.25 BSC 0.10 -----0.10 -----0 4 5 10
MAX. 1.45 0.15 1.30 0.50 0.22
0.60
-----0.25 8 15
11


▲Up To Search▲   

 
Price & Availability of EUP7987-25VIR0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X