Part Number Hot Search : 
110N1T TA1101 SLD1332V 42500 R65C00 LC104S1 MBR866 U200022
Product Description
Full Text Search
 

To Download EUP7966-18DIR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUP7966 2A Low-Dropout Regulator with Enable
DESCRIPTION
The EUP7966 is a high current, fast response voltage regulator designed for use in applications requiring very low input voltage and very low dropout voltage at up to 2 amps. It operates from two input voltages : VBIAS provides 5V voltage to drive the gate of the N-MOS power transistor, while VIN is the input voltage which supplies power to the load. The use of an external bias rail allows the part to operate from ultra low VIN voltage. The EUP7966 features ultra low dropout, ideal for applications where VOUT is very close to VIN. Additionally, the EUP7966 has an enable pin to further reduce power dissipation while shutdown. The EUP7966 provides excellent regulation over variations in line, load and temperature. The EUP7966 provides a power OK signal to indicate if the voltage level of VOUT reaches 92% of its rating value. The EUP7966 is available in the power SOP-8 (FD) package. It is available with 1.2V, 1.5V, 1.8V and 2.5V internally preset outputs, that are also be able to programmed as low as 0.8V with ADJ pin configured with external resistors.
FEATURES
Input Voltage as Low as 1.2V and VBIAS Voltage 5V 2% Output Voltage 300mV Dropout @ 2A, VOUT=1.2V Over Current and Over Temperature Protection Enable Pin Low Reverse Leakage (Output to Input) Power OK Output 1.2V, 1.5V, 1.8V and 2.5V Standard Voltages Available and Each also can be Adjustable by Connecting ADJ with External Resistors SOP-8 (FD) Package RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Motherboards Peripheral Cards Network cards Set Top Boxes Notebook Computers
Typical Application Circuit
Figure 1. Fixed Output Voltage
DS7966 Ver1.0 Aug. 2006
1
EUP7966
Figure 2. Adjustable Output Voltage
Block Diagram
Figure 3.
DS7966 Ver1.0 Aug. 2006
2
EUP7966
Pin Configurations
Part Number Pin Configurations
EUP7966 SOP-8 (FD)
Pin Description
PIN POK VEN VIN VBIAS NC VOUT ADJ GND SOP-8 1 2 3 4 5 6 7 8 DESCRIPTION Assert high once VOUT reaches 92% of its rating voltage. Open-drain output. Enable Input. Pulling this pin below 0.4V turns the regulator off, reducing the quiescent current to a fraction of its operating value. The device will be enabled if this pin is left open. High current input voltage. Large bulk capacitance should be placed closely to this pin . A 10F ceramic capacitor is recommended at this pin. Input voltage for controlling circuit. Not connected. The power output of the device. A pull low resistance exists when deactivate device by VEN. This pin, when grounded, sets the output voltage by the internal feedback resistors. If external feedback resistors are used , the output voltage will be VOUT=0.8(R1+R2)/R2 Volts. Reference ground.
DS7966 Ver1.0 Aug. 2006
3
EUP7966
Ordering Information
Order Number EUP7966-12DIR1 EUP7966-15DIR1 EUP7966-18DIR1 EUP7966-25DIR1 Package Type SOP-8 (FD) SOP-8 (FD) SOP-8 (FD) SOP-8 (FD) Marking
xxxx EUP7966 T xxxx EUP7966 C xxxx EUP7966 D xxxx EUP7966 B
Operating Temperature range -40 C to 85C -40 C to 85C -40 C to 85C -40 C to 85C
EUP7966-1/4
1/4
1/4
1/4
1/4
1/4
1/4
Lead Free Code 1: Lead Free 0: Lead Packing R: Tape & Reel Operating temperature range I: Industry Standard Package Type D: SOP (FD) Output Voltage 12: 1.2V 15: 1.5V 18: 1.8V 25: 2.5V
DS7966 Ver1.0 Aug. 2006
4
EUP7966
Absolute Maximum Ratings
VBIAS,VIN ,Input Voltage -------------------------------------------------------------- 6V Junction Temperature ------------------------------------------------------------------- 150C Storage Temperature ------------------------------------------------------ -65C to +150C Power Dissipation ------------------------------------------------------------- Internal Limiting Lead Temperature (Soldering, 10sec.) ------------------------------------------------- 260C Thermal Resistance JA, SOP-8 (FD) ------------------------------------------------ 42.3C/W ESD Rating Human Body Model ------------------------------------------------------------------- 1kV
Operating Ratings
VIN Voltage ---------------------------------------------------------------------------- 1.2 to 3.6V VPP Voltage ----------------------------------------------------------------------------- 4.5 to 5.5V Temperature Range --------------------------------------------------------- -40C TA 85C
Electrical Characteristics
VBIAS= 5V, VIN=VOUT+0.5V, IO=10mA,CIN=COUT=10F, CBIAS=1F ,TA =TJ= 25C unless otherwise specified.
Symbol
VIN IQ ISD VBIAS IBH IBL VOUT
Parameter
Input Voltage Range Quiescent Current (Ground Current) Shutdown Current VBIAS Voltage Range VBIAS Current Output Voltage Accuracy (Fixed) Line Regulation Load Regulation
Conditions
VIN=VOUT+0.5V,IO=10mA VIN=VOUT+3.6V,IO=100mA VEN=0V,VIN=2.2V VEN=0V,VIN=3.6V VOUT=1.2V VEN=0V TA=-40 to 85J VIN=(VOUT+0.5V) to 5V, TA=-40 to 85J 10mA Io 1A Io=0.1A Io=2A VO=GND VEN=0V VADJ=V0UT
Min
1.2 ----4.2 ---2 -3 ------0.792 -0.17
EUP7966 Typ Max.
-1 1.1 0.1 0.4 -0.8 ---0.2 3.5 10 200 2 75 0.804 -0.22 3.6 1.6 2.5 1 5 5.5 1.2 1 2 3 1 10 15 300 --0.816 1 0.27
Unit
V mA A V mA A % % mV mV A [ V A V
VDROP ISC ADJ VREF
Dropout Voltage Short Circuit Current VOUT Pull Low Resistance Reference Voltage Adjust Pin Current Adjust Pin Threshold
DS7966 Ver1.0 Aug. 2006
5
EUP7966
Electrical Characteristics
VBIAS= 5V, VIN=VOUT+0.5V, IO=10mA,CIN=COUT=10F, CBIAS=1F ,TA =TJ= 25C unless otherwise specified.
Symbol
VEN VENH EENL POK VTHPOK VHYPOK TOT TOTHY
Parameter
VEN Pin Voltage High VEN Pin Voltage Low VEN Pin Bias Current VOUT Power OK Voltage Hysteresis Over Temperature Over Temperature Hysteresis
Conditions
TA=-40 to 85J TA=-40 to 85J VEN=0V
Min
1.6 ---------
EUP7966 Typ Max.
---90 7.5 155 30 3.9 20 -0.4 1 -------
Unit
V V A % % J J V mV
Over Temperature Protection (OTP)
Under Voltage Lock Out (UVLO) Vbias Thereshold Hysteresis
DS7966 Ver1.0 Aug. 2006
6
EUP7966
Typical Operating Characteristics
Quiescent Current vs. Input Voltage
1.5
Quiescent Current vs. Temperature
1.50
Quiescent Current (mA)
1.2
Quiescent Current (mA)
1.8 2.1 2.4 2.7 3.0 3.3 3.6
1.25 1.00 0.75 0.50 0.25 0.00 -40
0.9
0.6
0.3
0.0 1.5
-20
0
20
40
o
60
80
100
Input Voltage (V)
Temperature ( C)
Figure 4.
VBIAS Current vs. Input Voltage
1.0
Figure 5.
VBIAS Current vs. Temperature
1.00
VBIAS Current (mA)
0.8
0.6
VBIAS Current (mA)
0.75
0.50
0.4
0.25
0.2
0.0 1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
0.00 -40
-20
0
20
40
o
60
80
100
Input Voltage (V)
Temperature ( C)
Figure 6.
Figure 7.
Output Voltage vs. Input Voltage
1.224 1.216
1.224
Output Voltage vs. Output Current
Output Voltage (V)
Output Voltage (V)
1.8 2.1 2.4 2.7 3.0 3.3 3.6
1.216 1.208 1.200 1.192 1.184 1.176 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00
1.208 1.200 1.192 1.184 1.176 1.5
Input Voltage (V)
Output Current (A)
Figure 8.
DS7966 Ver1.0 Aug. 2006
Figure 9. 7
EUP7966
Output Voltage vs. Temperature
1.224 1.218
Reference Voltage vs. Input Voltage
0.812 0.808
Output Voltage (V)
1.212 1.206 1.200 1.194 1.188 1.182 1.176 -40 -20 0 20 40
o
Reference Voltage (V)
80 100
0.804 0.800 0.796 0.792 0.788 1.5
IO= 0A
IO= 1A
60
1.8
2.1
2.4
2.7
3.0
3.3
3.6
Temperature ( C)
Input Voltage (V)
Figure 10.
Figure 11.
Reference Voltage vs. Temperature
0.812 400 350 0.808
Dropout Voltage vs. Load Current
Reference Voltage (V)
Dropout Voltage (mV)
300 250
o
0.804 0.800 0.796 0.792 0.788 -40
T=85 C
200 150 100 50
o
T=25 C
o
T=-40 C
0 0.0
-20
0
20
40
o
60
80
100
0.5
1.0
1.5
2.0
Temperature ( C)
Load Current (A)
Figure 12.
Figure 13.
Figure 14.
DS7966 Ver1.0 Aug. 2006
Figure 15. 8
EUP7966
Figure 16.
Figure 17.
Figure 18.
Figure 19.
Figure 20.
DS7966 Ver1.0 Aug. 2006
9
EUP7966
Application Note
External Capacitors To assure regulator stability, input and output capacitors are required as shown in the Typical Application Circuit. Output Capacitor The EUP7966 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor (temperature characteristics X7R, X5R, Z5U, or Y5V) in 4.7 to 22F range with 5m to 200m ESR range is suitable in the EUP7966 application circuit. The output capacitor must meet the requirement for minimum amount of capacitance and also have an ESR (Equivalent Series Resistance) value which is within a stable range (5m to 200m) Input Capacitor The input capacitor must be at least 10 F ceramic, but can be increased without limit. It's purpose is to provide a low source impedance for the regulator input. Bias Capacitor The 1F capacitor on the bias line can be any good quality capacitor (ceramic is recommended). Bias Voltage The bias voltage is an external voltage rail required to get gate drive for the N-FET pass transistor. Bias voltage must be in the range of 4.5 - 5.5V to assure proper operation of the part. Shutdown Operation Pulling down the VEN pin will turn-off the regulator. VEN pin must be actively terminated through a pull-up resistor (10 k[ to 100 k[ ) for a proper operation. If this pin is driven from a source that actively pulls high and low (such as a CMOS rail to rail comparator) , the pull-up resistor is not required. This pin must be tied to VIN if not used. Power Dissipation /Heatsinking A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of the application. Under all possible conditions, the junction temperature must be within the range specified under operating conditions. The total power dissipation of the device is given by: PD=(VIN-VOUT)IOUT+(VIN)IGND where IGND is the operating ground current of the device. The maximum allowable temperature rise (TRmax) depends on the maximum ambient temper -ature (TAmax) of the application, and the maximum allowable junction temperature (TJmax): TRmax=TJmax-TAmax The maximum allowable value for junction to ambient Thermal Resistance, JA, can be calculated using the formula: JA=TRmax/PD Heatsinking for the SOP-8 (FD) package is accomplished by allowing heat to flow through the ground slug on the bottom of the package into the copper on the PC board. The heat slug must be soldered down to a copper plane to get good heat transfer. It can also be connected through vias to internal copper planes .Since the heat slug is at ground potential, traces must not be routed under it which are not at ground potential. Under all possible conditions, the junction temperature must be within the range specified under operating conditions.
DS7966 Ver1.0 Aug. 2006
10
EUP7966
Packaging Information
SOP-8 (FD)
X
Y
Z
Standard Solder Map
Bottom
Ues as much copper area as possible EXPOSED PAD
Symbols A B C D E H F L1 L2 M N A1 B1
Dimension in Millimeters Min. Max. 4.80 5.00 5.80 6.20 3.80 4.00 1.194 1.346 1.45 1.55 0.00 0.10 0.33 0.51 0.19 0.25 0.40 1.27 0 8 40 50 2.6 2.8 2.4 2.6
Dimension in Inches Min. Max. 0.189 0.197 0.228 0.244 0.150 0.157 0.047 0.053 0.057 0.061 0.000 0.004 0.013 0.020 0.007 0.010 0.016 0.050 0 8 40 50 0.102 0.110 0.095 0.102
DS7966 Ver1.0 Aug. 2006
11


▲Up To Search▲   

 
Price & Availability of EUP7966-18DIR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X