Part Number Hot Search : 
00090 UDZS18B NCV7424 TLHB580 L4728 45984 H1138T MC333
Product Description
Full Text Search
 

To Download EUA6011AQIT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUA6011A 3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
DESCRIPTOIN
The EUA6011A is a stereo audio power amplifier that drives 3 W/channel of continuous RMS power into a 3- load. Advanced dc volume control minimizes external components and allows BTL (speaker) volume control and SE (headphone) volume control. Notebook and pocket PCs benefit from the integrated feature set that minimizes external components without sacrificing functionality. To simplify design, the speaker volume level is adjusted by applying a dc voltage to the VOLUME terminal. Likewise, the delta between speaker volume and headphone volume can be adjusted by applying a dc voltage to the SEDIFF terminal. To avoid an unexpected high volume level through the headphones, a third terminal, SEMAX, limits the headphone volume level when a dc voltage is applied. Finally, to ensure a smooth transition between active and shutdown modes, a fade mode ramps the volume up and down.
FEATURES
Advanced DC Volume Control With 2-dB Steps From -40 dB to 20 dB -Fade Mode -Maximum Volume Setting for SE Mode -Adjustable SE Volume Control Referenced to BTL Volume control 3 W into 3- Speakers Stereo Input MUX Differential Inputs RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Notebook PC LCD Monitors Pocket PC
DS6011A Ver 1.0 Mar. 2006
1
EUA6011A
Block Diagram
DS6011A Ver 1.0 Mar. 2006
2
EUA6011A
Typical Application Circuit
Figure 1. Application circuit using single-ended inputs and input MUX
Figure 2. Application circuit using differential inputs
DS6011A Ver 1.0 Mar. 2006
3
EUA6011A
Pin Configurations
Package Pin Configurations(Top View)
TSSOP-24 with a Thermal Pad exposure on the bottom of the package
Pin Description
PIN PIN I/O DESCRIPTION
PGND LOUTPVDD LHPIN LLINEIN LIN VDD RIN RLINEIN RHPIN ROUTROUT+ SHUTDOWN
1,13 12 3,11 10 9 8 7 6 5 4 2 24
O I I I I I I O O
Power ground Left channel negative audio output Supply voltage terminal for power stage Left channel headphone input, selected when HP/ LINE is held high Left channel line input, selected when HP/ LINE is held low Common left channel input for fully differential input. AC ground for single-ended inputs. Supply voltage terminal Common right channel input for fully differential input. AC ground for single-ended inputs. Right channel line input, selected when HP/ LINE is held low Right channel headphone input, selected when HP/ LINE is held high Right channel negative audio output Right channel positive audio output
15 16 17 18 19 20 21 22
23 14
I I I I I I I
I O
Places the amplifier in shutdown mode if a TTL logic low is placed on this terminal Places the amplifier in fade mode if a logic low is placed on this terminal; normal operation if a logic high is placed on this terminal Tap to voltage divider for internal midsupply bias generator used for analog reference Analog power supply ground Sets the maximum volume for single ended operation. DC voltage range is 0 to VDD. Sets the difference between BTL volume and SE volume. DC voltage range is 0 to VDD. Terminal for dc volume control. DC voltage range is 0 to VDD. Input MUX control. When logic high, RHPIN and LHPIN inputs are selected .When logic low, RLINEIN and LLINEIN inputs are selected. Output MUX control. When this terminal is high, SE outputs are selected. When this terminal is low, BTL outputs are selected. Left channel positive audio output.
FADE BYPASS AGND SEMAX SEDIFF VOLUME
HP/ LINE
SE/ BTL LOUT+
DS6011A Ver 1.0 Mar. 2006
4
EUA6011A
Ordering Information
Order Number EUA6011AQIR1 Package Type TSSOP 24 Marking xxxx EUA6011A xxxx EUA6011A Operating Temperature range -40 C to 85C
EUA6011AQIT1
TSSOP 24
-40 C to 85C
EUA6011A
1/4
1/4
1/4
1/4
Lead Free Code 1: Lead Free 0: Lead Packing R: Tape& Reel T: Tube Operating temperature range I: Industry Standard Package Type Q: TSSOP
DS6011A Ver 1.0 Mar. 2006
5
EUA6011A
Absolute Maximum Ratings
Supply voltage, VDD------------------------------------------------------------------------------------------------ 6V Input voltage, VI------------------------------------------------------------------------------ -0.3 V to VDD +0.3 V Continuous total power dissipation---------------------------- internally limited (see Dissipation Rating Table) Operating free-air temperature range, TA--------------------------------------------------------- -40X to 85XC C Operating junction temperature range, TJ ------------------------------------------------------ - -40X to 150X C C Storage temperature range, Tstg------------------------------------------------------------------ -- -65X to 150X C C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds----------------------------------------- 260X C Thermal Resistance JA (TSSOP) ----------------------------------------------------------------------------------------------- 87.9C/W
Recommended Operating Conditions Min
Supply voltage, VDD High-level input voltage, VIH Low-level input voltage, VIL Operating free-air temperature, TA SE/ BTL , HP/ LINE , FADE SHUTDOWN SE/ BTL , HP/ LINE , FADE SHUTDOWN -40 4 VDD x 0.8 2 VDD x 0.6 0.8 85
Max
5.5
Unit
V V V C
Electrical Characteristics at Specified Free-air Temperature, VDD = PVDD=5.5V, TA = 25C Symbol Parameter
Output offset voltage (measured differentially) Power supply rejection ratio High-level input current ( SE/ BTL ,SHUTDOWN , FADE , HP/ LINE ,SEMAX, VOLUME,SEDIFF) Low-level input current
Conditions
VDD= 5.5V,Gain=0 dB, SE/ BTL =0V VDD= 5.5V,Gain=20 dB, SE/ BTL =0V VDD= PVDD= 4 V to 5.5 V
EUA6011A Min. Typ. Max.
30 50 -42 -70
Unit
mV mV dB
VOO
PSRR
IIH IIL
VDD= PVDD=5.5V, VI = VDD =PVDD
1
A
VDD= PVDD=5.5V, VI = 0V VDD= PVDD=5.5V, , SE/ BTL =0V, SHUTDOWN =2V VDD= PVDD=5.5V, , SE/ BTL =5.5V SHUTDOWN =2V VDD= PVDD=5.5V, , SE/ BTL =0V, SHUTDOWN =2V,RL=3, Po=2 W, stereo SHUTDOWN =0V 6 3 7.5 5 1.5 1
1 9
A
IDD
Supply current, no load
mA 6 ARMS 20 A
IDD IDD(SD)
Supply current, max power into a 3-[ load Supply current, shutdown mode
DS6011A Ver 1.0 Mar. 2006
6
EUA6011A
Operating Characteristics, VDD =PVDD= 5V, TA = 25C, RL = 3, Gain =6 dB Symbol Parameter Conditions
THD=1%, f=1kHz THD=10%, f=1kHz,VDD=5.5V Total harmonic distortion plus noise High-level output voltage PO=1W, RL=8,f=1 kHz
EUA6011A Min. Typ.
2 3 <0.4% 700 400 2.65
O
Max.
Unit
PO THD+N VOH VOL V(Bypass) BOM
Output power
W
RL =8,Measured between output and VDD RL =8,Measured between output Low-level output voltage and GND Measured at pin 17,No load, Bypass voltage (Nominally VDD/2) VDD=5.5V Maximum output power THD=5% bandwidth Supply ripple rejection ratio f =1kHz,Gain=0 dB C(BYP)=0.47F f=20 Hz to 20 kHz, Gain=0 dB, C(BYP)=0.47F, BTL mode SE mode BTL mode
mV mV V kHz dB dB VRMS k[
2.75 20 -63 -57 36 14
2.85
Noise output voltage ZI
Input impedance (see Figure 25) VOLUME=5 V
DS6011A Ver 1.0 Mar. 2006
7
EUA6011A
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7
DS6011A Ver 1.0 Mar. 2006
Figure 8
8
EUA6011A
Figure 9
Figure 10
Figure 11
Figure 12
Figure 13
DS6011A Ver 1.0 Mar. 2006
Figure 14
9
EUA6011A
Figure 15
Figure 16
Figure 17
Figure 18
Figure 19
Figure 20
DS6011A Ver 1.0 Mar. 2006
10
EUA6011A
Figure 21
Figure 22
Figure 23
Figure 24
Figure 25
DS6011A Ver 1.0 Mar. 2006
11
EUA6011A
Application Information
Table 1. DC Volume Control (BTL Mode, VDD=5V)(1)
VOLUME(PIN21) From(V) 0.00 0.33 0.44 0.56 0.67 0.78 0.89 1.01 1.12 1.23 1.35 1.46 1.57 1.68 1.79 1.91 2.02 2.13 2.25 2.36 2.47 2.58 2.70 2.81 2.92 3.04 3.15 3.26 3.38 3.49 3.60 3.71 To(V) 0.26 0.37 0.48 0.59 0.70 0.82 0.93 1.04 1.16 1.27 1.38 1.49 1.60 1.72 1.83 1.94 2.06 2.17 2.28 2.39 2.50 2.61 2.73 2.83 2.95 3.06 3.17 3.29 3.40 3.51 3.63 5.00 Gain of amplifier (dB) -85(2) -40 -38 36 -34 -32 -30 -28 -26 -24 -22 -20 -18 -16 -14 -12 -10 -8 -6(2) -4 -2 0 2 4 6 8 10 12 14 16 18 20(2)
(1)For other values of VDD ,scale the voltage values in the table by a factor of VDD/5. (2)Tested in production. Remaining gain steps are specified by design.
DS6011A Ver 1.0 Mar. 2006
12
EUA6011A
Table 2. DC Volume Control (SE Mode, VDD=5V)
VOLUME=VOLUME-SEDIFF or SEMAX From(V) 0.00 0.33 0.44 0.56 0.67 0.78 0.89 1.01 1.12 1.23 1.35 1.46 1.57 1.68 1.79 1.91 2.02 2.13 2.25 2.36 2.47 2.58 2.70 2.81 2.92 3.04 3.15 3.26 3.38 3.49 3.60 3.71 To(V) 0.26 0.37 0.48 0.59 0.70 0.82 0.93 1.04 1.16 1.27 1.38 1.49 1.60 1.72 1.83 1.94 2.06 2.17 2.28 2.39 2.50 2.61 2.73 2.83 2.95 3.06 3.17 3.29 3.40 3.51 3.63 5.00 Gain of amplifier (dB) -85(2) -46 -44 -42 -40 -38 -36 -34 -32 -30 -28 -26 -24 -22 -20 -18 -16 -14 -12 -10 -8 -6(2) -4 -2 0(2) 2 4 6(2) 8 10 12 14
(1)
(1)For other values of VDD ,scale the voltage values in the table by a factor of VDD/5. (2)Tested in production. Remaining gain steps are specified by design.
DS6011A Ver 1.0 Mar. 2006
13
EUA6011A
VOLUME,SEDIFF, and SEMAX Operation Three pins labeled VOLUME, SEDIFF, and SEMAX control the BTL volume when driving speakers and the SE volume when driving headphones. All of these pins are controlled with a dc voltage, which should not exceed VDD. When driving speakers in BTL mode, the VOLUME pin is the only pin that controls the gain. Table 1 shows the gain for the BTL mode. The voltages listed in the table are for VDD =5V. For a different VDD, the values in the table scale linearly. If VDD=4V , multiply all the voltages in the table by 4 V/5V, or 0.8. The EUA6011A allows the user to specify a difference between BTL gain and SE gain. This is desirable to avoid any listening discomfort when plugging in headphones. When switching to SE mode, the SEDIFF and SEMAX pins control the singe-ended gain proportional to the gain set by the voltage on the VOLUME pin,. When SEDIFF =0V, the difference between the BTL gain and the SE gain is 6dB. Refer to the section labeled bridged-tied load versus single-ended load for an explanation on why the gain in BTL mode is 2x that of single-ended mode, or 6DB greater. As the voltage on the SEDIFF terminal is increased, the gain in SE mode decreases. The voltage on the SEDIFF terminal is subtracted from the voltage on the VOLUME terminal and this value is used to determine the SE gain. Some audio systems require that the gain be limited in the single-ended mode to a level that is comfortable for headphone listening. Most volume control devices only have one terminal for setting the gain. For example, if the speaker gain is 20dB , the gain in the headphone channel is fixed at 14dB. This level of gain could cause discomfort to listeners and the SEMAX pin allows the designer to limit this discomfort when plugging in headphones. The SEMAX terminal controls the maximum gain for single-ended mode. The functionality of the SEDIFF and SEMAX pin are combined to set the SE gain. A block diagram of the combined functionality is shown in Figure 26. The value obtained from the block diagram for SE_VOLUME is a dc voltage that can be used in conjunction with Table 2 to determine the SE gain. Again, the voltages listed in the table are for VDD =5V. The values must be scaled for other values of VDD. Table 1 and Table 2 show a range of voltages for each gain step . There is a gap in the voltage between each gain step . This gap represents the hysteresis about each trip point in the internal comparator. The hysteresis ensures that the gain control is monotonic and does not oscillate form one gain step to another . If a potentiometer is used to adjust the voltage on the control terminals, the gain increases as the potentiometer is turned in one direction and decreases as it is turned back the other direction. The trip point, where the gain actually changes , is different depending on whether the voltage is increased or decreased as a result of the hysteresis about each trip point. The gaps in Table 1 and Table 2 can also be through of as indeterminate states where the gain could be in the next higher gain step or the lower
DS6011A Ver 1.0 Mar. 2006
gain step depending on the direction the voltage is changing .If using a DAC to control the volume, set the voltage in the middle of each range to ensure that the desired gain is achieved. A pictorial representation of the volume control can be found in Figure 27.The graph focuses on three gain steps with the trip points defined in Table 1 for BTL gain. The dotted line represents the hysteresis about each gain step.
Figure 26. Block diagram of SE Volume Control
Figure 27. DC Volume Control Operation
14
EUA6011A
HP/LINE Operation The HP/LINE input controls the internal input multiplexer (MUX).Refer to the block diagram in Figure 30.This allows the device to switch between two separate stereo inputs to the amplifier. For design flexibility, the HP/LINE control is independent of the output mode, SE or BTL, which is controlled by the aforementioned SE/ BTL pin. To allow the amplifier to switch from the LINE inputs to the HP inputs when the output switches from BTL mode to SE mode, simply connect the SE/ BTL control input to the HP/LINE input. When this input is logic high, the RHPIN and LHPIN inputs are selected .when this terminal is logic low, the RLINEIN and LLINEIN inputs are selected. This operation is also detailed in Table 4 and the trip levels for a logic low (VIL) or logic high (VIH) can be found in the recommended operation conditions table.
Shutdown Modes The EUA6011A employs a shutdown mode of operation designed to reduce supply current, IDD, to the absolute minimum level during periods of nonuse for battery-power conservation. The SHUTDOWN input terminal should be held high during normal operation when the amplifier is in use. Pulling SHUTDOWN low causes the outputs to mute and the amplifier to enter a low-current state, IDD<1A. SHUTDOWN should never be left unconnected because amplifier operation would be unpredictable. Table 3 . HP/LINE , SE/ BTL , and Shutdown Function
Inputs
HP/ LINE
SE/ BTL SHUTDOWN
Amplifier State INPUT OUTPUT
X Low Low High High
X Low High Low High
Low High High High High
X Line Line HP HP
Mute BTL SE BTL SE
X= Do not care
FADEOperation For design flexibility, a fade mode is provided to slowly ramp up the amplifier gain when coming out of shutdown mode and conversely ramp the gain down when going into shutdown. This mode provides a smooth transition between the active and shutdown states and virtually eliminates any pops or clicks on the outputs. When the FADE input is a logic low, the device is placed into fade-on mode. A logic high on this pin places the amplifier in the fade-off mode. The voltage trip levels for a logic low (VIL) or logic high (VIH) can be found in the recommended operating conditions table. When a logic low is applied to the FADE pin and a logic low is then applied on the SHUTDOWN pin, the channel gain steps down from gain step to gain step at a rate of two clock cycles per step. With a nominal internal clock frequency of 58HZ,this equates to 34 ms (1/24 Hz) per step. The gain steps down until the lowest gain step is reached .The time it takes to reach this step depends on the gain setting prior to placing the device in shutdown. For example, if the amplifier is in the highest gain mode of 20dB, the time it takes to ramp down the channel gain is 1.05 seconds. This number is calculated by taking the number of steps to reach the lowest gain from the highest gain, or 31 steps , and multiplying by the time per step, or 34 ms. After the channel gain is stepped down to the lowest gain, the amplifier begins discharging the bypass capacitor from the nominal voltage of VDD/2 to ground. This time is dependent on the value of the bypass capacitor. For a 0.47-F capacitor that is used in the application diagram in Figure 1, the time is approximately 500ms. This time scales linearly with the value of bypass capacitor. For example, if a 1-F capacitor is used for bypass, the time period to discharge the capacitor to ground is twice that of the 0.47-F capacitor, or 1 second. Figure 30 below is a waveform captured at the output during the shutdown sequence when the part is in fade-on mode. The gain is set to the highest level and the output is at VDD when the amplifier is shut down. When a logic high is placed on the SHUTDOWN pin and the FADE pin is still held low, the device begins the start-up process, the bypass capacitor will begin charging. Once the bypass voltage reaches the final value of VDD/2 ,the gain increases in2-dB steps from the lowest gain level to the gain level set by the dc voltage applied to the VOLUME, SEDIFF, and SEMAX pins. In the fade-off mode, the amplifier stores the gain value prior the staring the shutdown sequence. The output of the amplifier immediately drops to VDD/2 and the bypass capacitor begins a smooth discharge to ground When shutdown is released, the bypass capacitor charges up to VDD/2 and the channel gain returns immediately to the value stored in memory. Figure 31 below is a waveform captured at the output during the shutdown sequence when
DS6011A Ver 1.0 Mar. 2006
15
EUA6011A
the part is in the fade-off mode. The gain is set to the highest level, and the output is at VDD when the amplifier is shut down. The power-up sequence is different from the shutdown sequence and the voltage on the pin does not change the power-up sequence. Upon a power-up condition, the EUA6011A begins in the lowest gain setting and steps up 2 dB every 2 clock cycles until the final value is reached as determined by the dc voltage applied to the VOLUME, SEDIFF , and SEMAX pins.
Bridged-Tied Load Versus Single-Ended Mode Figure 28 show a Class-AB audio power amplifier (APA) in a BTL configuration. The EUA6011A BTL amplifier consists of two Class-AB amplifiers driving both ends of the load. There are several potential benefits to this differential drive configuration, but initially consider power to the load. The differential drive to the speaker means that as one side is slewing up, the other side is slewing down, and vice versa. This in effect doubles the voltage swing on the load as compared to a ground referenced load. Plugging 2xVO(PP) into the power equation, where voltage is squared, yields 4x the output power from the same supply rail and load impedance(see equation 1)
is due to the high pass filter network created with the speaker impedance and the coupling capacitance and is calculated with equation 2. fC =
1 2 R LCC
----------------------------------(2)
For example, a 68F capacitor with an 8- speaker would attenuate low frequencies below 293 Hz. The BTL configuration cancels the dc offsets, which eliminates the need for the blocking capacitors. Low-frequency performance is then limited only by the input network and speaker response. Cost and PCB space are also minimized by eliminating the bulky coupling capacitor.
V(rms) = VO(PP)
22
Power =
V(rms) RL
2
------(1)
Figure 29. Single-Ended configuration and Frequency Response Increasing power to the load does carry a penalty of increased internal power dissipation. The increased dissipation is understandable considering that the BTL configuration produces 4 N the output power of the SE configuration. Internal dissipation versus output power is discussed further in the crest factor and thermal considerations section. Single-Ended Operation In SE mode the load is driven from the primary amplifier output for each channel (OUT+, terminals 21 and 4 ). The amplifier switches single-ended operation when the SE/ BTL terminal is held high. This puts the negative outputs in a high-impedance state, and reduces the amplifier's gain to 1V/V. Input MUX Operation The input MUX allows two separate inputs to be applied to the amplifier. This allow the designer to choose which input is active independent of the state of the SE/ BTL terminal. When the HP/LINE terminal is held high, the headphone inputs are active. When the HP/LINE terminal is held low, the line BTL inputs are active.
Figure 28.Bridge-Tied Load configuration
In a typical computer sound channel operating at 5V, bridging raises the power into an 8- speaker from a singled-ended (SE, ground reference) limit of 250 mW to 1W. In sound power that is a 6-dB improvement, which is loudness that can be heard. In addition to increased power there are frequency response concerns. Consider the single-supply SE configuration shown in Figure 29. A coupling capacitor is required to block the dc offset voltage from reaching the load. These capacitors can be quite large (approximately 33F to 1000F) so they tend to be expensive, heavy, occupy valuable PCB area, and have the additional drawback of limiting low-frequency performance of the system. This frequency limiting effect
DS6011A Ver 1.0 Mar. 2006
16
EUA6011A
SE/BTL Operation The ability of the EUA6011A to easily switch between BTL and SE modes is one of its most important cost saving features. This feature eliminates the requirement for an additional headphone amplifier in applications where internal stereo speakers are driven in BTL mode but external headphone or speakers must be accommodated. Internal to the EUA6011A , two separate amplifiers drive OUT+ and OUT- .The SE/ BTL input (terminal 15) control the operation of the follower amplifier that drives LOUT- and ROUT- (terminals 9 and 16).When SE/ BTL is held low, the amplifier is on and the EUA6011A is in the BTL mode. When SE/ BTL is held high, the OUT- amplifiers are in a high output impedance state, which configures the EUA6011A as an SE driver from LOUT+ and ROUT+ (terminals 4 and 21). IDD is reduced by approximately one-half in SE mode. Control of the SE/ BTL input can be from a logic-level CMOS source or, more typically, from a resistor divider network as shown in Figure 30. Input Resistance Each gain setting is achieved by varying the input resistance of the amplifier, which can range from its smallest value to over 6 times that value. As a results, if a single capacitor is used in the input high-pass filter, the -3 dB or cut-off frequency will also change by over 6 times.
Figure 31. Input Resistor The-3dB frequency can be calculated using equation 3:
1
f-3dB =
2 C (R || R i )
-------------- (3)
If the filter must be more accurate, the value of the capacitor should be increased while the value of the resistor to ground should be decreased. In addition, the order of the filter could be increased. Input Capacitor, Ci In the typical application an input capacitor, Ci, is required to allow the amplifier to bias the input signal to the proper dc level for optimum operation. In this case, Ci and the input impedance of the amplifier, Zi, from a high-pass filter with the corner frequency determined in equation 4. Figure 30. Resistor divider Network circuit 2 Using a readily available 1/8-in. (3.5mm) stereo headphone jack, the control switch is closed when no plug is inserted. When closed the 100-k /1-k divider pulls the SE/ BTL input low. When a plug is inserted, the 1-k resistor is disconnected and the SE/ BTL input is pulled high. When the input goes high, the OUT- amplifier is shut down causing the speaker to mute(virtually open-circuits the speaker).The OUT+ amplifier then drives through the output capacitor (CO) into the headphone jack. fc(highpass)=
1 -----------------(4) 2 Zi Ci
The value of Ci is important to consider as it directly affects the bass (low frequency) performance of the circuit. Consider the example where Zi is 70k and the specification calls for a flat bass response down to 40Hz. Equation 2 is reconfigured as equation 5. Ci =
1 ----------------------------(5 ) 2 Z fC
i
DS6011A Ver 1.0 Mar. 2006
17
EUA6011A
In this example, Ci is 56nF so one would likely choose a value in the range of 56nF to 1F. A further consideration for this capacitor is the leakage path from the input source through the input network (Ci) and the feedback network to the load. This leakage current creates a dc offset voltage at the input to the amplifier that reduces useful headroom, especially in high gain applications. For this reason, a low- leakage tantalum or ceramic capacitor is the best choice. When polarized capacitors are used, the positive side of the capacitor should face the amplifier input in most applications as the dc level there is held at VDD/2, which is likely higher than the source dc level. Note that it is important to confirm the capacitor polarity in the application. Decoupling Capacitor, (CS) The EUA6011A is a high-performance CMOS audio amplifier that requires adequate power supply decoupling to ensure the output total harmonic distortion (THD) is as low as possible. Power supply decoupling also prevents oscillations for long lead lengths between the amplifier and the speaker. The optimum decoupling is achieved by using two capacitors of different types that target different types of noise on the power supply leads. For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor, typically 0.1F placed as close as possible to the device VDD lead, works best. For filtering lower-frequency noise signals, a larger aluminum electrolytic capacitor of 10F or greater placed near the audio power amplifier is recommended. Bypass Capacitor, (CB) The bypass capacitor, CB, is the most critical capacitor and serves several important functions. During start-up or recovery from shutdown mode, CB determines the rate at which the amplifier starts up. The second function is to reduce noise produced by the power supply caused by coupling into the output drive signal. This noise is from the midrail generation circuit internal to the amplifier, which appears as degraded PSRR and THD+N. Bypass capacitor, CB, values of 0.47F to 1F ceramic or tantalum low-ESR capacitors are recommended for the best THD and noise performance. Output Coupling Capacitor, (CC) For general signal-supply SE configuration, the output coupling capacitor (CC) is required to block the dc bias at the output of the amplifier thus preventing dc currents in the load. As with the input coupling capacitor, the output coupling capacitor and impedance of the load form a high-pass filter governed by equation 6. fc(high)=
1 2 R C LC
-------------------(6)
The main disadvantage, from a performance standpoint, is the load impedances are typically small, which drives the low-frequency corner higher, degrading the bass response. Large values of CC are required to pass low frequencies into the load. Consider the example where a CC of 330F is chosen and loads vary from 3, 4, 8, 32, 10k, to 47k. Table 3 summarizes the frequency response characteristics of each configuration. Table4. Common Load Impedances vs Low Frequency Output characteristics in SE Mode CC Lowest RL Frequency 3 330F 161Hz 4 330F 120Hz 8 330F 60Hz 32 330F 15Hz 10000 330F 0.05Hz 47000 330F 0.01Hz As Table 4 indicates, most of the bass response is attenuated into a 4- load and 8- load is adequate, headphone response is good, and drive into line level inputs (a home stereo for example) is exceptional. Using Low- ESR Capacitors Low- ESR capacitors are recommended throughout this applications section. A real (as opposed to ideal) capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this resistance the more the real capacitor behaves like an ideal capacitor.
DS6011A Ver 1.0 Mar. 2006
18
EUA6011A
Thermal Pad Considerations The thermal pad must be connected to ground. The package with thermal pad of the EUA6011A requires special attention on thermal design. If the thermal design issues are not properly addressed, the EUA6011A will go into thermal shutdown when driving a heavy load. The thermal pad on the bottom of the EUA6011A should be soldered down to a copper pad on the circuit board. Heat can be conducted away from the thermal pad through the copper plane to ambient. If the copper plane is not on the top surface of the circuit board, 8 to 10 vias of 13 mil or smaller in diameter should be used to thermally couple the thermal pad to the bottom plane. For good thermal conduction, the vias must be plated through and solder filled. The copper plane used to conduct heat away from the thermal pad should be as large as practical. If the ambient temperature is higher than 25J ,a larger copper plane or forced-air cooling will be required to keep the EUA6011A junction temperature below the thermal shutdown temperature (150J ). In higher ambient temperature, higher airflow rate and/or larger copper area will be required to keep the IC out of thermal shutdown.
DS6011A Ver 1.0 Mar. 2006
19
EUA6011A
Package Information
Use as much copper area as possible
Bottom view
Exposed Pad
NOTE 1. Package body sizes exclude mold flash protrusion or gate burrs 2. Tolerance 0.1mm unless otherwise specified 3. Coplanarity :0.1mm 4. Controlling dimension is millimeter. 5. Die pad exposure size is according to lead frame design. 6. Standard Solder Map dimension is millimeter. 7. Followed from JEDEC MO-15 SYMBOLS A A1 A2 b C D E E1 e L y DIMENSIONS IN MILLIMETERS MIN. NOM. MAX. ----------1.15 0.00 -----0.10 0.80 1.00 1.05 0.19 -----0.30 0.09 -----0.20 7.70 7.80 7.90 -----6.40 ----4.30 4.40 4.50 -----0.65 ----0.45 0.60 0.75 ----------0.10 0 -----8 DIMENSIONS IN INCHES MIN. NOM. MAX. ----------0.045 0.000 -----0.004 0.031 0.039 0.041 0.007 -----0.012 0.004 -----0.008 0.303 0.307 0.311 -----0.252 -----0.169 0.173 0.177 -----0.026 -----0.018 0.024 0.030 ----------0.004 0 -----8
DS6011A Ver 1.0 Mar. 2006
20


▲Up To Search▲   

 
Price & Availability of EUA6011AQIT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X