Part Number Hot Search : 
2SC4126 48D05 RS232 VRE306L HP41C BAS170W 2SK27 C3783
Product Description
Full Text Search
 

To Download ES7020BDF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ESS Technology, Inc.
DESCRIPTION
The ES7020 VantageTM-II codec is a highly integrated superior performance chip that combines an advanced MPEG-2 decoder with a sophisticated MPEG-2 encoder and an NTSC/PAL encoder. The ES7020 provides time base correction (TBC) for recording from VCR videocassette tapes with weak signals without loss of synchronization, low delay monitoring of decoded video output signal, ATAPI interface, built-in CPRM encode/ decode, state-of-the-art progressive-scan video, and S/ PDIF input and output support. The MPEG encoder portion does flexible NTSC or PAL encoding on a YUV 4:2:2 stream in response to firmware control of the internal CPU. The internal CPU, in conjunction with an additional hardware accelerator, allows for very flexible encoding and allows for additional functionality to be easily added. An audio DSP engine facilitates the encoding of MPEG-1 layer 2 audio while the host CPU interface unit allows for easy reading of close caption data. In addition, the ES7020 has inverse 3:2 pulldown capability, allowing it to dynamically analyze incoming fields and compress from 60 fields to 24 frames in the case of film material. The MPEG decoder portion is built on the ESS proprietary dual CPU Programmable Multimedia Processor (PMP), consisting of a 32-bit RISC processor and a 64-bit vector engine. This architecture is extremely programmable and allows for the best DVD feature set. The RISC processor performs bit stream parsing, transfers data to the vector engine, and manages the chip as a whole. The vector engine performs all the computationally intensive tasks required by applications such as Dolby(R) Digital, DTS SurroundTM, and MPEG and JPEG imaging. These tasks include video motion compensation and estimation, loop filtering, discrete and inverse discrete cosine transforms (DCT/IDCT), quantization, and inverse quantization. The ES7020 with DTS support is offered with the ES7020D, which has the same pinout as the standard ES7020. The ES7020 and ES7020D are available in an industry-standard 388-pin BGA package.
ES7020 Vantage-II Audio/Video Codec Product Brief
FEATURES
* * * * * * * *
MPEG-2 video encoding up to MP@ML. Constant and variable bit rate (CBR/VBR) encoding. Inverse 3:2 pull-down. Built-in time base corrector (TBC). Frame mode and field mode encoding. Vertical blanking interval (VBI) data slicer. CPRM encryption.
ATAPI Interface with control for up to two storage media devices, such as hard disk drives, A/V recordable loaders, and Flash memory cards. * 4x-8x high speed archiving over ATAPI interface to storage media, such as a hard disk drive to DVD+RW or DVD-RW disc. * Real time clock.
* On-chip modem with integrated low voltage DAA. * Integrated NTSC/PAL encoder with pixel-adaptive deinterlacer and five 10-bit 54MHz video DACs. * High-quality progressive scan video output for flicker-free video display. * DVD-Video, DVD-VR, VCD and SVCD playback.
* Media playback with CD-ROM, CD-R/RW, DVD-R/RW,
DVD+R/RW, and DVD-RAM. * Up to 7.1 channel audio outputs.
* Bass management. * Direct 8/16-bit SDRAM interface up to 16 MB capacity. * Macrovision 7.1 for NTSC/PAL interlaced video or
progressive (480p/576p) video. * Composite, S-video, and CCIR656 video outputs.
* OSD graphics plane with 256 colors and eight levels of * * * *
transparency. ESS Music Slideshow TM S/PDIF digital audio input and output. MP3, MPEG AAC, and WMA digital audio decoding.
Dolby Digital, Dolby Pro LogicTM, Pro Logic II digital audio decoding. * DTS Surround and DTS ES digital audio decoding (ES7020D only). * Lead-free leads using 98%-Sn/2%-Cu or 98%-Sn/2%-Bi.
ESS Technology, Inc.
SAM0617-031405
1
ES7020 PRODUCT BRIEF
PINOUT (A1 TO N13)
The pinout diagram for the decoder TDM interface, and for part of the decoder SDRAM, clock, and decoder RISC interfaces of the ES7020, appears in Figure 1. 1 2 3 4 5 6 7
The pound symbol (#) denotes an active-low signal. The rest of the ES7020 device pinout appears in Figure 2, Figure 3 and Figure 4.
8
9
10
11
12
13
A
VSS
VSS
LD6
LD8
LD11
LD15
LA1
LA5
LA9
LA12
LA14
LA16
LA18
B
LD5
VSS
LD7
LD9
LD13
LOE#
LA2
LA6
LA10
LA13
LA15
LA17
LA19
C
LD4
LD3
VSS
LD10
LD12
LA0
LA3
LA7
LA11
AVDD_ PLL
AVDD_ PLL
AVSS_ PLL
AVDD_ PLL
D
LD0
LD1
LD2
VSS
LD14
VDD1.5
LA4
LA8
VSS
AVSS_ PLL
VDD3.3
VDD1.5
AVDD_ PLL
E
TDMFS TDMDR
TDMDX TDMTSC#
F
TBCK
MCLK
TDMCLK VDD3.3
G
DCS0#
DSCK
NC
CLK
H
DRAS1# DRAS0#
DCS1#
VSS
J
DOE#
DWE#
DCAS# DRAS2#
K
DB13
DB14
DB15
DQM
11 L
VSS
12
VSS
13
VSS
L
DB10
DB11
DB12
VDD1.5
M
DB6
DB7
DB8
DB9
M
VSS
VSS
VSS
N
DB2
DB3
DB4
VSS
N
VSS
VSS
VSS
Figure 1 ES7020 Device Pinout (A1 to N13)
2
SAM0617-031405
ESS Technology, Inc.
ES7020 PRODUCT BRIEF
PINOUT (P1 TO AF13)
The pinout diagram for the auxiliary port interface, and for part of the decoder audio and video, decoder SDRAM, decoder host, modem, and decoder S/PDIF audio interfaces of the ES7020, appears in Figure 2.
The pound symbol (#) denotes an active-low signal. The rest of the ES7020 device pinout appears in Figure 1, Figure 3 and Figure 4.
P
DMA11
DB0
DB1
DB5
P
VSS
VSS
VSS
R
DMA8
DMA9
DMA10
VDD1.5
R
VSS
VSS
VSS
T
DMA5
DMA6
DMA7
VDD1.5
T
VSS
11
VSS
12
VSS
13
U
DMA1
DMA2
DMA3
DMA4
V
TSD0
TWS
DMA0
VSS
W
RBCK
TSD3
TSD2
TSD1
Y
MODEM _CS
SPDIF_IN
RSD
RWS
AA
CAMIN1
CAMIN0
PCLK 2XSCN
VDD3.3
AB
YUV2
YUV1
YUV0
CAMIN3
AC
YUV5
YUV4
YUV3
VSS
YDAC
VDD1.5
UDAC
VSS
AUX7
AUX6
VDD3.3
HD0
VSS
AD
YUV7
YUV6
VSS
AVSS
AVSS
AVDD
AVSS
AVDD
AVDD
AUX5
AUX2
HD1
HD4
AE
VSS
VSS
VDAC
AVDD
AVDD
RSET2
VREF
RSET1
AVSS
AUX4
AUX1
HD2
HD5
AF
VSS
FDAC
AVSS
CDAC
AVSS
AVDD
AVSS
AVDD
AVSS
AUX3
AUX0
HD3
HD6
1
2
3
4
5
6
7
8
9
10
11
12
13
Figure 2 ES7020 Device Pinout (P1 to AF13)
ESS Technology, Inc.
SAM0617-031405
3
ES7020 PRODUCT BRIEF
PINOUT (A14 TO N26)
The pinout diagram for the clock and JTAG interfaces, and for part of the decoder video, encoder input, PLL, RISC, and encoder SDRAM interfaces of the ES7020, appears in Figure 3. 14 15 16 17 18
PCLK QSCN
The pound symbol (#) denotes an active-low signal. The rest of the ES7020 device pinout appears in Figure 1, Figure 2 and Figure 4. 21 22 23 24 25 26
19
20
LA20
LWRHL#
LCS3#
LCS1#
HSYNC#
TMS
TMC1
AIMCLK
RSVD
AILRCK
VIFLD
VSS
A
LA21
LWRLL#
LCS2#
LCS0#
VSYNC#
TRST
TDO
TDI
TMC2
AIBD
AIBCK
VSS
VSS
B
AVSS_ PLL
AVSS_ PLL
VID_XO
AVDD_ PLL
AVDD_ PLL
TCK
PSTOP
RSVD
CS2
VBAT
VSS
VI VI VSYNC# HSYNC#
C
VSS
VID_XI
VDD1.5
AVSS_ PLL
AVSS_ PLL
VSS
OSC32 OUT
VDD3.3
OSC32 IN
VSS
RESET#
VIN0
VIN1
D
VIN2
VIN3
VIN4
VIN5
E
VDD3.3
VIN6
VIN7
VICLK
F
MDQM
MWE#
MCAS#
MRAS#
G
MCS#
MCKE
MEMCLK
MD0
H
VSS
MD1
MD2
MD3
J
14
VSS
15
VSS
16
VSS
MD4
MD5
MD6
MD7
K
L
VDD1.5
MD8
MD9
MD10
L
VSS
VSS
VSS
M
VDD1.5
MD11
MD12
MD13
M
VSS
VSS
VSS
N
MD14
MD15
MD16
MD17
N
Figure 3 ES7020 Device Pinout (A14 to N26)
4
SAM0617-031405
ESS Technology, Inc.
ES7020 PRODUCT BRIEF
PINOUT (P14 TO AF26)
The pinout diagram for the decoder ATAPI, decoder GPIO and test interfaces, and for part of the encoder SDRAM, decoder host, and decoder S/PDIF audio interfaces of the ES7020, appears in Figure 4.
The pound symbol (#) denotes an active-low signal. The rest of the ES7020 device pinout appears in Figure 1, Figure 2 and Figure 3.
VSS
VSS
VSS
P
VSS
MD18
MD19
MD20
P
VSS
VSS
VSS
R
MD21
MD22
MD23
MD24
R
VSS
VSS
VSS
T
VDD1.5
MD25
MD26
MD27
T
14
15
16
MD28
MD29
MD30
MD31
U
MA0
MA1
MA2
MA3
V
VSS
MA4
MA5
MA6
W
MA7
MA8
MA9
MA10
Y
VDD3.3
MA11
MA12
MA13
AA
GPIO0
GPIO1
GPIO2
GPIO3
AB
HD7
HD11
VDD1.5
HDD_ IRQ
VSS
HDD_ CS#
HRST# VDD3.3 HCS1FX#
VSS
GPIO4
GPIO5
GPIO6
AC
HD8
HD12
HD15
HDD_ DRQ
DVD_ WR#
HDD_ WR#
HRD#
RSVD HCS3FX#
HA1
VSS
GPIO7
GPIO8
AD
HD9
HD13
DVD_ IRQ
HIORDY
DVD_ RD#
HDD_ RD#
HWR#
HWRQ#
HIRQ
HA2
GPIO11
VSS
GPIO9
AE
HD10
HD14
DVD_ DRQ
DVD_ CS#
DVD_ ACK#
HDD_ ACK#
HRRQ#
HIO CS16#
HA0
SPDIF_ OUT
GPIO10
VSS
VSS
AF
14
15
16
17
18
19
20
21
22
23
24
25
26
Figure 4 ES7020 Device Pinout (P14 to AF26)
ESS Technology, Inc.
SAM0617-031405
5
ES7020 PRODUCT BRIEF
SYSTEM BLOCK DIAGRAM
Figure 5 depicts a sample ES7020-based system block diagram.
RF In TV Tuner 16 MB SDRAM 16 MB SDRAM EPROM/ Flash
Video In Digital Video In Audio In Mic In
NTSC/PAL Decoder DV/IEEE 1394 Daughterboard ADC Karaoke ADC ES7020 Vantage-II
DAC
Audio Out
SPDIF Out
Video Out
Recordable DVD Servo F/E
Hard Disk Drive
Figure 5 ES7020 System Block Diagram
ORDERING INFORMATION
Part Number ES7020BF ES7020BDF Description Vantage-II A/V Codec with lead-free leads. Vantage-II Audio/Video Codec with DTS with lead-free leads. Package 388-pin BGA 388-pin BGA
The letter B at the end of the part number identifies the package type BGA. The letter F indicates lead-free leads.
ESS Technology, Inc. 48401 Fremont Blvd. Fremont, CA 94538 Tel: (510) 492-1088 Fax: (510) 492-1898
6 http://www.esstech.com
No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic, mechanical, manual, optical, or otherwise, without the prior written permission of ESS Technology, Inc. ESS Technology, Inc. makes no representations or warranties regarding the content of this document.
All specifications are subject to change without prior notice. ESS Technology, Inc. assumes no responsibility for any errors contained herein. (P) U.S. Patent pending. All other trademarks are owned by their respective holders and are used for identification purposes only.
(c) 2005 ESS Technology, Inc. All rights reserved.
SAM0617-031405


▲Up To Search▲   

 
Price & Availability of ES7020BDF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X