Part Number Hot Search : 
7J352 68HC908A 12025 AMT8301 03952 LA2010 TS7221 LNW8B
Product Description
Full Text Search
 

To Download DT12-8-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 marlow industries inc.(R)
Subsidiary of II-VI INCORPORATED
Thermoelectric Cooler
Performance Values
Hot Side Temperature (C) Tmax (C-dry N2): Qmax (watts): Imax (amps): Vmax (vdc): AC Resistance (ohms): 27C 66 71 7.4 14.7 1.6 50C 74 78 7.4 16.4 ---
DT12-8
Mechanical Characteristics
Lapped Unlapped
Height .139 .001[0.03] .143 .005[0.13]
Flatness .001[0.03]. .002[0.05]
Parallelism .002[0.05] .003[0.08]
TOP VIEW
1.760 [45] 1.575 [40]
1.575 [40] Cold Side
4.00 + .5 Negative Positive Hot Side SEE TABLE Note: Base model shown Dimensions in [ ] are millimeters Ceramic Material: Alumina (AC)
20 AWG Leads (Teflon Insulation)
Ordering Options
Model Number DT12-8-01 DT12-8-01L DT12-8-01S DT12-8-01LS Description Base Model Lapped Model Sealed Model Lapped and Sealed Model
Features
* * * * * * * Solid state reliability Built with high temperature solder with the ability to withstand higher assembly processing temperatures for short periods of time (<160C) Superior nickel diffusion barriers on elements High strength for rugged environment Porched configuration for improved leadwire strength RTV sealing option available to improve reliability in condensing environment Lapped option available for multiple module applications.
102-0152, Rev G
Thermoelectric Cooler
Performance Curves
Environment: One atmosphere dry nitrogen
Hot Side Temperature: 27C
80.0 HEAT LOAD (WATTS) 0.00 5.00 10.0 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0 55.0 60.0 70.0 80.0
DT12-8
Hot Side Temperature: 50C
HEAT LOAD (WATTS) 0.00 5.00 10.0 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0 55.0 60.0 65.0
60.0 T (C)
60.0 T (C) VOLTAGE (VDC)
40.0
40.0
20.0
20.0
0.0 16.0 VOLTAGE (VDC) 12.0 8.0 4.0 0.0 0.0
0.0 16.0 12.0 8.0 4.0 0.0 0.0
Q=0 T=0
Q=0 T=0
2.0
4.0
6.0
8.0
10.0
2.0
4.0
6.0
8.0
10.0
CURRENT (AMPS)
CURRENT (AMPS)
For performance information in a vacuum or with hot side temperatures other than 27C or 50C, consult one of our Applications Engineers.
Installation
Consult Marlow Industries' Thermoelectric Installation Guide or reliability report for more details. For additional information, please contact one of our application engineers for technical support.
Operation Cautions
Maximum storage and operation +150C. For maximum reliability, storage and operation below 85C is recommended. Excessive power cycling and powering through thermostatic (on/off) control is not recommended.
Marlow Industries, Inc. 10451 Vista Park Road Dallas Texas 75238-1645 TEL: 214-340-4900 FAX: 214-341-5212 Internet: www.marlow.com
Marlow Industries Europe Aberdeen House, South Road Haywards Heath West Sussex RH164NG UK TEL: +44 (0)1444-443404 FAX: +44 (0)1444-443334
Marlow Industries Asia 1-1-8-401 Uehara, Shibuya-ku Tokyo, Japan 151-0064 TEL: +81 (3) 5454-5280 FAX: +81 (3) 5454-5281
Copyright 2005, Marlow Industries, Inc. Marlow Industries reserves the right to change the design and specifications of products without notice. 102-0152, Rev G


▲Up To Search▲   

 
Price & Availability of DT12-8-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X