|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CA Hermetically Sealed Axial Tantalum Capacitor Features Small units with high stable performance, lower current leakage&dissipation factor, stable frequency and temperature and long life. Suitable for military equipment, computer, telephone and other electronic products. General Characteristics 1 Operating Temperature A -55~+125 ( with voltage derating at greater than85) 2 Capacitance Tolerance 10%, 20%, 30% ~-10% 3 DC Leakage Current Table 1 4 DC Dissipation Factor table 1 Dimensions, Rated voltage and Capacitance Rated voltage (V) Derating voltage (V) DXL D mm mm Max Wt.(g) 1 1.5 2.2 3.2x8 0.4 0.7 3.3 4.7 6.8 10 15 22 5x12 0.6 2.5 33 47 68 6.3 4 10 6.3 16 10 25 16 32 20 40 25 63 40 75 50 100 63 Capacitance (uF) 0.68 0.33 0.33 0.22 0.22 0.22 0.22 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 0.47 0.47 0.33 0.33 0.33 0.33 0.68 0.68 0.47 0.47 0.47 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 0.33 4.7 6.8 10 15 22 33 47 68 100 2.2 3.3 4.7 6.8 10 1.5 0.68 0.47 2.2 1 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 3.3 1.5 4.7 2.2 6.8 3.3 10 15 22 33 47 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 1 1.5 2.2 0.68 0.68 1 1.5 1 0.1 0.15 0.22 6x14 0.6 8x14 0.8 8x22 0.8 3.5 6 10 100 150 220 15 22 33 47 4.7 6.8 10 15 330 220 DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com How to Order CA Type 33 Capacitance M Tolerance 032 Rated Voltage 6.3V=006 10V=010 16V=016 25V=025 32V=032 40V=040 63V=063 75V=075 100V=100 M=20% 33=33 F K=10% J=5% DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Price & Availability of CA33M032 |