![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MODULE Photosensor amplifier C6386-01 Light-to-voltage conversion amplifier with optical fiber Features Built-in photodiode allows easy detection of light just by connecting to a voltmeter. l Optical fiber light input Measures light at a narrow detection point. Separating the amplifier from the detection point allows measurement in unusual environments and achieves low noise. l Three sensitivity ranges Applications l Easy handling l Optical power meters l Laser monitors l Precision photometry l Various light detection (sparks inside equipment, etc.) Range C o nversio n im pe dan ce (V /A ) C u t-off fre qu en cy (M H z) H M L 105 104 103 1 3 10 l High-speed response s Absolute maximum ratings Parameter Supply voltage Current consumption Output short-circuit time Operating temperature Optical fiber usage temperature Minimum bending radius for optical fiber Symbol Condition Vs Is Dark state Topr No condensation No condensation - Value 18 7 Continuous 0 to +40 0 to +60 R15 Unit V mA C C mm s Recommended operating range Parameter Supply voltage Symbol Vs Condition Min. 6 Typ. Max. 15 Unit V s Specifications (Ta=25 C, Vs=15 V, 9 V using integrated dry batteries) Parameter Photo sensitivity opening diameter Numerical aperture Photo sensitivity *1 Output resistance Output voltage amplitude Output noise Freq u ency ban d width * 2 H M L H M L Symbol S VFS Vn f Vs=15 V, RL=2 k Vs=9 V, RL=2 k Dark state, all bandwidth -3 dB With dry batteries dark state, RL > 10 k Including batteries =830 nm M e as ured w h e n light is input to the optic al fiber end. Condition Min. +10 +5 DC DC DC Typ. 2.0 0.56 30 3 0.3 200 1 3 10 90 460 Max. 10 Unit mm mV/W V mVp-p MHz hr g Battery lifetime Weight *1: Refer to spectral response *2: Refer to frequency response 1 Photosensor amplifier s Spectral response 100 H RANGE (Typ. Ta=25 C) 1.8 V 10 W L2791 PARALLEL LIGHT C6386-01 s Operation example PHOTO SENSITIVITY (mV/ W) 10 M RANGE 300 mm l=880 nm FIBER STRAIGHT C6386-01 (WITH DRY BATTERIES) RANGE: H VOLTMETER TYPE NO. : 195A (KEITHLEY) OUTPUT VOLTAGE: 2.0 V Po=1.3 mW IF=30 mA 1 L RANGE KACCC0029EB s Dimensional outlines (unit: mm) 0.1 0.01 300 400 500 600 700 800 900 1000 1100 1200 WAVELENGTH (nm) KACCB0041EC s Frequency response 10 6 (Typ. Ta=25 C) 105 H RANGE OUTPUT (V/A) 104 M RANGE PILOT LAMP POWER SUPPLY SWITCH ZERO ADJUSTMENT CONTROL Rf CHANGE SWITCH 103 L RANGE 10 100 kHz 2 1 MHz 10 MHz 100 MHz 39 1 KACCB0042EB FREQUENCY 90 1 KACCA0020EB SMA TYPE CONNECTOR (1/4-36UNS) NYLON TUBE 5.1 0.4 TIP PART (ALUMINUM ALLOY) 5.0 0.4 17 0.5 1000 20 20 0.5 2.0 KACCA0057EB Accessories: Dedicated optical fiber: A9511 (Also sold separately) Plug for external power supply input HR10-7P-4S (HIROSE) Lead: AWG#24 (length: approx. 500 mm) color: red (+Vs), blue (-Vs), black (GND) Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2006 Hamamatsu Photonics K.K. HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741 2 Cat. No. KACC1101E01 May 2006 DN |
Price & Availability of C6386-01
![]() |