Part Number Hot Search : 
AM1434N SFR605 3506A HVR1200 MUR440 12802 RFM064 TC1221
Product Description
Full Text Search
 

To Download BIR-HM133A-TRB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BIR-HM133A-TRB
Features:
1. Lens Appearance : Water Clear. 2. 3.2x1.6x1.4mm(1206) standard package. 3. Suitable for all SMT assembly methods. 4. Compatible with infrared and vapor phase reflow solder process. 5. Compatible with automatic placement equipment. 6. This product doesn't contain restriction Substance, comply ROHS standard.
Package Dimensions:
Applications:
1. Remote Control. 2. Smoke Detector 3. Phtoto Detector 4. Automatic Control System NOTES: 1.All dimensions are in millimeters (inches). 2.Tolerance is 0.10mm (0.004") unless otherwise specified. 3.Specifications are subject to change without notice.
Absolute Maximum Ratings(Ta=25)
Parameter
Power Dissipation Forward Current Peak Forward Current 1 Reverse Volage Operating Temperature Storage Temperature Soldering Temperature
Symbol
Pd IF IFP VR Topr Tstg Tsol
Rating
100 50 500 5 -25~80 -30~85 See Page6
Unit
mW mA mA V -
1 Pulse With = 10us, 1%Duty Cycle..
Ver.2.0 Page 1 of 7
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BIR-HM133A-TRB
Electrical and optical characteristics(Ta=25) Parameter
Radiant Power Forward Voltage Reverse Current Peak Wave Length Spectral Line Half-width Rise/Fall Time Veiwing Angle
Symbol
Ie VF IR p Tr Tf 21/2
Condition
IF=50mA IF=50mA VR=5V IF=50mA IF=50mA Ifp=20Ma PW=10uS DC=1% IF=50mA
Min.
3.6 -
Typ.
8.0 1.6 940 50 500 200 60
Max.
2.1 50 -
Unit
/sr V A nm nm ns deg
Typical Electro-Optical Characteristics Curves
Fig.1 Relative spectral sensitivity vs wavelength
1.0
Fig.2 Total power dissipation vs ambient temperature
60
50 Total power dissipation mW
Relative Spectral Sensltivty
40
0.5
30
20
10
0
890
940
990
0
20
40
60
80
100
Wavelength (nm)
Ambient temperature
Fig.3 Forward current vs forward voltage
50
Fig.4 RELATIVE LUMINOUS INTENSITY VS. AMBIENT TEMPERATURE
3.0
40 RELATIVE RADIANT POWER (NORMALIZED AT 20mA) 1 2 3 4 5
2.5
Forward current (mA)
2.0
30
1.5
20
1.0
10
0.5
0
0 -40
-20
0
20
40
60
Forward voltage(v)
AMBIENT TEMPERATURE Ta( C) A
RADIATION DIAGRAM Fig.5 Relative luminous intensity vs forward current
4.0 30 RELATIVE RADIANT POWER(@20mA) 0 10 20
3.0
RELATIVE RADIANT INTENSITY
40 1.0 0.9 0.8 50 60 70 0.7 80 90 0.5 0.3 0.1 0.2 0.4 0.6
2.0
1.0
0
10
20
30
40
50
Forward current (mA)
Ver.2.0 Page 2 of 7
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BIR-HM133A-TRB
Tapping and packaging specifications(Units: mm)
USER DIRECTION OF FEED 1.88 0.1 ANODE START END 1.27 0.1 13.0 0.5
71.0 0.1
13.0 0.5
5.3 0.05
8.0 0.3
3.5 0.1
CATHODE
4.0 0.1 4.0 0.1
1.5 0.1 2.0 0.05
1.75 0.1
3.5 0.05
TRAILER
LEADER 0.3 FIXING TAPE
NOTE: 3000 pcs PER REEL
Package Method:(unit:mm)
10 bag/box 3000 pcs/reel
215
Bar Code Label
245 230 167
220
Aluminum Foil Bag
645
6 box/carton
230 334
Ver.2.0 Page 3 of 7
179 1
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BIR-HM133A-TRB
Bin Limits Power B i n L i m i t s ( A t 5 0 m A ) BIN CODE Min. (mcd)
8 9 10 11 3.06 4.29 6.00 8.41
Max. (mcd)
5.80 8.13 11 . 3 8 15.95
B IN x
PO W E R B I N C O D E
Ver.2.0 Page 4 of 7
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BIR-HM133A-TRB
Reliability Test Test Item Reference Standard Operation Life MIL-STD-750:1026 MIL-STD-883:1005 JIS C 7021 :B-1 High Temperature MIL-STD-202:103B High Humidity JIS C 7021 :B-11 Endurance Storage Test High MIL-STD-883:1008 Temperature JIS C 7021 :B-10 Storage Low Temperature JIS-C-7021 :B-12 Storage Temperature MIL-STD-202:107D Cycling MIL-STD-750:1051 MIL-STD-883:1010 JIS C 7021 :A-4 Thermal Shock MIL-STD-202:107D Environmental MIL-STD-750:1051 Test MIL-STD-883:1011 Solder MIL-STD-202:201A Resistance MIL-STD-750:2031 JIS C 7021 :A-1 Classification Test Conditions Connect with a power If=50mA Ta=Under room temperature Test time=1,000hrs Ta=+65 5 RH=90%-95% Test time=240hrs High Ta=+85 5 Test time=1,000hrs Low Ta=-35 5 Test time=1,000hrs -35 ~ +25 ~ +85 ~ +25 60min 20min 60min 20min Test Time=5cycle -35 5 ~ +85 5 20min 20min Test Time=10cycle Preheating 140-160,within 2 minutes. Operation heating 235(Max.), within 10seconds. (Max.) Result 0/20
0/20
0/20
0/20
0/20
0/20
0/20
Judgment criteria of failure for the reliability Measuring items Collector Dark Current Collector Light Current Note: Symbol Id ISC Measuring conditions VCE=20V, H=1.0 mW/cm2 VCE= 5V, H=1.0 mW/cm2 Judgment criteria for failure Over Ux2 Below SX0.5
1.U means the upper limit of specified characteristics.
S means initial value.
2.Measurment shall be taken between 2 hours and after the test pieces have been returned to normal ambient conditions after completion of each test.
Ver.2.0 Page 5 of 7
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BIR-HM133A-TRB
Soldering :
1. Manual Of Soldering The temperature of the iron tip should not be higher than 300(572) and Soldering within 3 seconds per solder-land is to be observed. 2. Reflow Soldering Preheating : 140~1605,within 2 minutes. Operation heating : 235(Max.) within 10 seconds.(Max) Gradual Cooling (Avoid quenching).
10 SEC. MAX.
3. DIP soldering (Wave Soldering) : Preheating : 120~150,within 120~180 sec. Operation heating : 245 5 within 5 sec.260 (Max) Gradual Cooling (Avoid quenching).
Handling :
Care must be taken not to cause to the epoxy resin portion of BRIGHT LEDs while it is exposed to high temperature. Care must be taken not rub the epoxy resin portion of BRIGHT LEDs with hard or sharp article such as the sand blast and the metal hook.
Temperature Temperature
140~160
235 MAX. 4 /SEC. MAX.
4 /SEC. MAX. OVER 2 MIN.
Time
Soldering heat Max. 260 120~150 245 5 within 5 sec.
Preheat 120~180 sec.
Time
Ver.2.0 Page 6 of 7


▲Up To Search▲   

 
Price & Availability of BIR-HM133A-TRB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X