Part Number Hot Search : 
R2000F C74LV CA5420AM C1206 0CTQ1 SS1020 DAD05079 1N5620
Product Description
Full Text Search
 

To Download AQ111CY-M7-25-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AQ111
Low Dropout 1 Amp Voltage Regulator
Product Specification Revision 1.5 September 13, 2006
General Description
The AQ111 is a low dropout three terminal voltage regulator, offered in popular fixed options or an adjustable version that can set a precise voltage from 1.22V to 12V with two external resistors. AQ111 is the only 1 Amp LDO regulator offered in the tiny PSOT-23 package. PSOT-23 is modified for lower thermal resistance and fits in the standard SOT-23 foot print. With a dropout voltage of less than one volt, the AQ111 can be used in applications where drop out voltage and size are an issue. To assure accuracy within 1.5% over temperature the heart of the AQ111 is a selfcorrecting AcuRefTM bandgap reference. On-chip current limit and thermal shutdown with hysteresis protects against any combination of overload and ambient temperature that might cause the junction temperature to exceed safe limits.
Applications * Graphic cards * PC motherboards * Switching power supply post-regulation * Telecom equipment * DVD video player Features * Available in the tiny PSOT-23 package * Vout tolerance 1.5% over temperature * Stable with low cost 1uF capacitor * Low ground current <1.5 mA * Low dropout voltage (950 mV at 1 Amp) * Thermal protection with hysteresis * Short circuit protection * Offered with 1.8V, 2.5V, and 3.3V fixed or *
adjustable output RoHS complaint available
Typical Application
www.acutechnology.com
AQ111
Acutechnology Semiconductor Inc.
AQ111
Pin Configuration PSOT-23-6
Pin Descriptions
Pin Name VIN VOUT Ground/Adjust Function Accepts + VCC Regulated Output - VCC for fixed option / Adjust pin for adjustable option
Functional Block Diagram
www.acutechnology.com
2
Rev. 1.5
September 13, 2006
Acutechnology Semiconductor Inc.
AQ111
Ordering Information
Device AQ111 AQ111 AQ111 AQ111 AQ111 AQ111 AQ111 AQ111
Note: The
Operating Tj 0C 125C 0C 125C 0C 125C 0C 125C 0C 125C 0C 125C 0C 125C 0C 125C
%Tol 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
PKG Type PSOT-23-6 PSOT-23-6 PSOT-23-6 PSOT-23-6 PSOT-23-6 PSOT-23-6 PSOT-23-6 PSOT-23-6
VOUT 1.8V 1.8V 2.5V 2.5V 3.3V 3.3V ADJ ADJ
Wrap T&R T&R T&R T&R T&R T&R T&R T&R
Ordering Number AQ111CY-M7-18-TR AQ111CY-M7-18-TRL AQ111CY-M7-25-TR AQ111CY-M7-25-TRL AQ111CY-M7-33-TR AQ111CY-M7-33-TRL AQ111CY-M7-AJ-TR AQ111CY-M7-AJ-TRL
TRL parts are Lead Free and RoHS compliant.
Absolute Maximum Ratings
Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These stress ratings only, and functional operation of the device at these or any conditions beyond those indicated under recommended Operating Conditions is not implied. Exposure to "Absolute Maximum Rating" for extended periods may affect device reliability. Use of standard ESD handling precautions is required.
Parameter Maximum VIN Power Dissipation (Internally limited) Maximum Junction Temperature Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering, 4sec.) SOT packages
Value 18
Units Volts
150 0 to 125 -65 to 150 300
C C C C
Thermal Management
Thermal Resistance (Junction to tab) PSOT-23-6 (tab is pins 1,2,5, & 6) Typical Value 25 Units C/W
Thermal Resistance (Junction to Ambient) PSOT-23-6 (Pins 1,2,5, & 6 soldered to 1 in2 1 oz. Copper PCB)
Typical Value 55
Units C/W
www.acutechnology.com
3
Rev. 1.5
September 13, 2006
Acutechnology Semiconductor Inc.
AQ111
Electrical Specifications
Electrical characteristics are guaranteed over the full temperature range 0C VADJ IADJ IADJ IQMIN TC TS VN PSRR TSD TSDHYST
Reference Voltage Adjust Pin Current (5) Adjust Pin Current (5) Change Minimum Load Current (5) Temperature Coefficient Temperature Stability RMS Output Noise (3) Ripple Rejection Ratio (4) Thermal Shutdown TSD Hysteresis
Notes: (1) Low duty cycle pulse testing with Kelvin connections required. (2) Measure (VIN - VOUT) when VOUT, OR VREF = 1% (3) Bandwidth of 10Hz to 10kHz (4) 120Hz input ripple (5) Adjustable version only
www.acutechnology.com
4
Rev. 1.5
September 13, 2006
Acutechnology Semiconductor Inc.
AQ111
Typical Response Curves
www.acutechnology.com
5
Rev. 1.5
September 13, 2006
Acutechnology Semiconductor Inc.
AQ111
Application Notes
1. Typical Application
Notes: 1. Output voltage is 1.22V * (R2 +R1)/R1 2. Input and output capacitors should be located close to the device. 3. The AQ111 will remain stable with C1 and C2 as low as 1.0F. Overall transient performance is improved with increased capacitance.
2. Stability
An input capacitor is recommended. A 1.0F capacitor on the input is a suitable input bypassing for almost all applications. A larger capacitor is also suitable. In the adjustable version the "adjust" terminal can be bypassed to ground with a bypass capacitor (CADJ) to improve ripple rejection. This bypass capacitor prevents ripple from being amplified as the output voltage is increased. At any ripple frequency, the impedance of the CADJ should be less than R1 (being R1 the resistor between the output and the adjust pin) to prevent the ripple from being amplified: Z = 1/(2*fRIPPLE* CADJ) < R1 R1 is normally in the range of 1K. The output capacitor is critical in maintaining regular stability. The AQ111 is stable with an output capacitor greater than. Of course any increase of the output capacitor will merely improve the loop stability and the load transient response. In the case of the adjustable regulator, when the CADJ is used, a larger output capacitance may be required. Tantalum Capacitors exhibit the best stability over a wide range of loads and are recommended.
3. Output Voltage
The AQ111 adjustable version develops a 1.22V reference voltage between the output and the adjust pin terminal. This voltage is applied across the resistor R1 to generate a constant current (I1). The current from the adjust terminal could introduce error to the output, but since it is very small (< 20A) compared with the current I1 and very constant with line and load changes, the error can be ignored. The constant current I1 then flows through resistor R2 and sets the output voltage to the desired level. For fixed voltages the resistor R1 and R2 are integrated inside the devices. www.acutechnology.com 6 Rev. 1.5 September 13, 2006
Acutechnology Semiconductor Inc.
AQ111
The AQ111 regulates the voltage that appears between its output and ground pins or between its output and adjust pins. In some cases, line resistances can introduce errors to the voltage across the load. To obtain the best load regulation a few precautions are needed. For example it is important to minimize the line resistances to the load, so the load itself should be tied directly to the output terminal on the positive side and directly to the ground terminal on the negative side. When the adjustable regulator is used, the best performance is obtained with the positive side of the resistor R1 tied directly to the output terminal of the regulator rather than near the load. This will eliminate line drops from appearing effectively in series with the reference and degrading regulation. In addition the ground side of the resistor R2 can be returned near the ground of the load to provide remote ground sensing and improve load regulation. A capacitor (470pF) between the ADJ pin and system ground will enhance stability.
4. Protection Diodes
Unlike older regulators, the AQ111 family does not need any protection diodes between the adjustment pin and output or from the output to the input to prevent over-stressing the die. Internal resistors are limiting the internal current paths on the adjustment pin. Therefore, even with capacitors on the adjustment pin, no protection diode is needed to ensure device safety under short circuit conditions. External diodes between the input and output are not usually needed. Only if high value output capacitors are used (> 1000uF) and the input is instantaneously shorted to ground, can damage occur.
5. Thermal Considerations
When an integrated circuit operates with an appreciable current, its junction temperature is elevated. It is important to quantify its thermal limits in order to achieve acceptable performance and reliability. This limit is determined by summing the individual parts consisting of a series of temperature rises from the semiconductor junction to the operating environment. The heat generated at the device junction flows through the die to the die attach pad, through the lead frame to the surrounding case material, to the printed circuit board, and eventually to the ambient environment. The AQ111 regulators have internal thermal shutdown to protect the device from overheating. Under all possible operating conditions, the junction temperature of the AQ111 must be lower than 125C. A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of the application. To determine if a heatsink is needed, the power dissipated by the regulator, PD, must be calculated: PD= (VIN-VOUT) IL where the IL is the load current. The next parameter which must be calculated is the maximum allowable temperature rise, T(max): T(max)=TJ(max)-TA(max) where TJ(max) is the maximum allowable junction temperature (125C), and TA(max) is the maximum ambient temperature which will be encountered in the application. Using the calculated values for T(max) and PD, the maximum allowable value for the junction to ambient thermal resistance (JA) can be calculated: JA=T(max)/ PD If the maximum allowable value for JA is found to be greater than the junction to ambient thermal resistance for the package used, no heatsink is needed since the package alone will dissipate enough heat to satisfy these requirements.
Package Dimensions
www.acutechnology.com 7 Rev. 1.5 September 13, 2006
Acutechnology Semiconductor Inc.
AQ111
www.acutechnology.com
8
Rev. 1.5
September 13, 2006
Acutechnology Semiconductor Inc.
AQ111
Contact Information
Acutechnology Semiconductor Inc. 3487 McKee Rd. Suite 52 San Jose CA , USA 95127
Disclaimer
The information furnished by Acutechnology in this data sheet is believed to be accurate and reliable. However, Acutechnology assumes no responsibility for its use. Acutechnology reserves the right to change circuitry and specifications at any time without notification to the customer.
TEL: FAX: website:
(408) 259-2300 (408) 259-9160 www.acutechnology.com
Life Support Policy
Acutechnology Products are not designed or authorized for use as components in life support devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user.
AcuRef is a trademark of Acutechnology Semiconductor Inc
www.acutechnology.com
9
Rev. 1.5
September 13, 2006


▲Up To Search▲   

 
Price & Availability of AQ111CY-M7-25-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X