Part Number Hot Search : 
APM23 SMA59 AN4233 TORX1 LBN06101 AD802705 CY8C20 TZM5265B
Product Description
Full Text Search
 

To Download 60N06L-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 60N06
60 Amps, 60 Volts N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 60N06 is n-channel enhancement mode power field effect transistors with stable off-state characteristics, fast switching speed, low thermal resistance, usually used at telecom and computer application.
Power MOSFET
FEATURES
* RDS(ON) = 18m @VGS = 10 V * Ultra low gate charge ( typical 39 nC ) * Fast switching capability * Low reverse transfer Capacitance (CRSS= typical 115 pF ) * Avalanche energy Specified * Improved dv/dt capability, high ruggedness
*Pb-free plating product number: 60N06L
SYMBOL
2.Drain
1.Gate
3.Source
ORDERING INFORMATION
Ordering Number Package Normal Lead Free Plating 60N06-TA3-T 60N06L-TA3-T TO-220 Note: Pin Assignment: G: Gate D: Drain S: Source 60N06L-TA3-T (1)Packing Type (2)Package Type (3)Lead Plating Pin Assignment 1 2 3 G D S Packing Tube
(1) T: Tube, R: Tape Reel (2) TA3: TO-220 (3) L: Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2007 Unisonic Technologies Co., Ltd.
1 of 8
QW-R502-121.A
60N06
ABSOLUTE MAXIMUM RATINGS
PARAMETER Drain to Source Voltage Gate to Source Voltage SYMBOL VDSS VGS
Power MOSFET
RATINGS UNIT 60 V 20 V TC = 25 60 A Continuous Drain Current ID TC = 100 39 A Drain Current Pulsed (Note 1) IDM 120 A Single Pulsed (Note 2) EAS 1000 mJ Avalanche Energy 180 mJ Repetitive (Note 1) EAR Total Power Dissipation PD 120 W Junction Temperature TJ +175 Storage Temperature TSTG -55 ~ +175 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER Thermal Resistance Junction-Ambient Thermal Resistance Junction-Case SYMBOL JA JC MIN TYP MAX 62.5 1.25 UNIT /W /W
ELECTRICAL CHARACTERISTICS (TC = 25 , unless otherwise specified)
PARAMETER OFF CHARACTERISTICS Drain-Source Breakdown Voltage Drain-Source Leakage Current Forward Gate-Source Leakage Current Reverse ON CHARACTERISTICS Gate Threshold Voltage Static Drain-Source On-State Resistance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge (Miller Charge) SYMBOL BVDSS IDSS IGSS VGS(TH) RDS(ON) CISS COSS CRSS tD(ON) tR tD(OFF) tF QG QGS QGD TEST CONDITIONS VGS = 0 V, ID = 250 A VDS = 60 V, VGS = 0 V VGS = 20V, VDS = 0 V VGS = -20V, VDS = 0 V VDS = VGS, ID = 250 A VGS = 10 V, ID = 30 A MIN 60 1 100 -100 2.0 14 2000 400 115 12 11 25 15 39 12 10 30 30 50 30 60 4.0 18 TYP MAX UNIT V A nA nA V m pF pF pF ns ns ns ns nC nC nC
VGS = 0V, VDS =25V, f = 1MHz
VDD=30V, ID=60A, RL=0.5, VGS=10V (Note 4, 5) VDS = 30V, VGS = 10 V ID = 60A (Note 4, 5)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 8
QW-R502-121.A
60N06
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER SYMBOL TEST CONDITIONS SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS Diode Forward Voltage VSD VGS = 0 V, IS = 60A Continuous Source Current IS Pulsed Source Current ISM Reverse Recovery Time tRR IS = 60A, VGS = 0 V, dIF / dt = 100 A/s Reverse Recovery Charge QRR Note 1. Repeativity rating: pulse width limited by junction temperature 2. L=0.61mH, IAS=60A, RG=20, Starting TJ=25 3. ISD60A, di/dt300A/s, VDDBVDSS, Starting TJ=25 4. Pulse Test: Pulse Width300s, Duty Cycle2% 5. Essentially independent of operating temperature.
Power MOSFET
MIN
TYP
MAX UNIT 1.6 60 120 V A ns C
60 3.4
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 8
QW-R502-121.A
60N06
TEST CIRCUITS AND WAVEFORMS
Power MOSFET
D.U.T.
+ VDS -
+ L
RG Driver VGS Same Type as D.U.T. * dv/dt controlled by RG * ISD controlled by pulse period * D.U.T.-Device Under Test VDD
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
VGS (Driver)
Period P.W.
D=
P. W. Period
VGS= 10V
IFM, Body Diode Forward Current ISD (D.U.T.) IRM Body Diode Reverse Current di/dt
Body Diode Recovery dv/dt VDS (D.U.T.) VDD
Body Diode
Forward Voltage Drop
Fig. 1B Peak Diode Recovery dv/dt Waveforms
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 8
QW-R502-121.A
60N06
TEST CIRCUITS AND WAVEFORMS (Cont.)
Power MOSFET
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 8
QW-R502-121.A
60N06
TYPICAL CHARACTERISTICS
Power MOSFET
Drain Current, ID (A)
Capacitance 3000 2500 2000 6 1500 4 1000 Coss 500 0 Crss 2 0 10 8 VGS = 10V ID = 60A
On-Resistance, RDS(ON) ( )
Transconductance, gfs (S)
Drain Current, ID (A)
Gate Charge
Ciss
0
20 10 30 Drain-to-Source Voltage, VDS (V)
40
0
20 10 30 Total Gate Charge, QG (nC)
40
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
6 of 8
QW-R502-121.A
60N06
TYPICAL CHARACTERISTICS(Cont.)
Power MOSFET
)
On-Resistance, RDS(ON) ( (Normalized)
Maximum Avalanche and Drain Current vs. Case Temperature 70 60 Drain Current, ID (A) 50 40 30 20 10 0 0 20 40 60 80 100 120 140 160 180 Case Temperature, TC ( ) Drain Current, ID (A)
Source Current, IS (A)
Safe Operating Area 200 100 Limited by RDS(on) 10 10 s 100 s 1ms 10ms 100ms 1 dc TJ = 25 Single Pulse
0.1 0.1
10 1 Drain-to-Source Voltage, VDS (V)
100
Normalized Thermal Transient Impedance
2 1 Duty Cycle = 0.5
0.2
0.1
0.1
Single Pulse 0. 01 -5 10 0.05 0.02 10-4 10-3 10-2 10-1 1 3
Square Wave Pulse Duration (sec)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
7 of 8
QW-R502-121.A
60N06
Power MOSFET
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
8 of 8
QW-R502-121.A


▲Up To Search▲   

 
Price & Availability of 60N06L-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X